Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C4AEGBW5350A3JJ Datasheet(PDF) 4 Page - Kemet Corporation

Part # C4AEGBW5350A3JJ
Description  Typical applications include DC filtering and energy storage.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C4AEGBW5350A3JJ Datasheet(HTML) 4 Page - Kemet Corporation

  C4AEGBW5350A3JJ Datasheet HTML 1Page - Kemet Corporation C4AEGBW5350A3JJ Datasheet HTML 2Page - Kemet Corporation C4AEGBW5350A3JJ Datasheet HTML 3Page - Kemet Corporation C4AEGBW5350A3JJ Datasheet HTML 4Page - Kemet Corporation C4AEGBW5350A3JJ Datasheet HTML 5Page - Kemet Corporation C4AEGBW5350A3JJ Datasheet HTML 6Page - Kemet Corporation C4AEGBW5350A3JJ Datasheet HTML 7Page - Kemet Corporation C4AEGBW5350A3JJ Datasheet HTML 8Page - Kemet Corporation C4AEGBW5350A3JJ Datasheet HTML 9Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3046_C4AE_RADIAL • 1/5/2016
4
Power and AC Film Capacitors
Printed Circuit Board Mount Power Film Capacitors – C4AE Series, Radial, 2 or 4 Leads, 450 – 1,100 VDC, for DC Link
0.80
0.90
1.00
1.10
1.20
1.30
1.40
1.50
10
100
1,000
10,000
100,000
1,000,000
<55
70
85
100
105
Hot Spot
Temperature
[ºC]
Lifetime Expectancy [h]
Lifetime Curve V
NDC = 600 V- and VNDC = 700 V-
0.80
0.90
1.00
1.10
1.20
1.30
1.40
1.50
10
100
1,000
10,000
100,000
1,000,000
<55
70
85
100
105
Lifetime Expectancy [h]
Hot Spot
Temperature
[ºC]
0.80
0.90
1.00
1.10
1.20
1.30
1.40
1.50
10
100
1,000
10,000
100,000
1,000,000
<55
70
85
100
105
Hot Spot
Temperature
[ºC]
Lifetime Expectancy [h]
1
10
100
1,000
10,000
100,000
1,000,000
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
V/VNDC
105
100
85
70
<55
Hot Spot
Temperature
[ºC]
Lifetime Expectancy/Failure Quota Graphs
FIT @ Hot Spot Temperatures
Lifetime Curve V
NDC = 900 V- and VNDC = 1,100 V-
Lifetime Curve V
NDC = 450 V-
Notes:
THS = TAMB+ ΔT
ΔT = ESR * Irms2 * Rth
Irms should be limited to values granting ΔT ≤ 30°C


Similar Part No. - C4AEGBW5350A3JJ

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C4AEGBW6100A3NJ KEMET-C4AEGBW6100A3NJ Datasheet
53Kb / 1P
   Film, Metallized Polypropylene, DC Link, C4AE, 100 uF, 5%, 450 V, 70C, Lead Spacing = 52.5mm
C4AEGBW6100A3NJ KEMET-C4AEGBW6100A3NJ_17 Datasheet
53Kb / 1P
   Film, Metallized Polypropylene, DC Link, C4AE, 100 uF, 5%, 450 V, 70C, Lead Spacing = 52.5mm
More results

Similar Description - C4AEGBW5350A3JJ

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
BT151 DYELEC-BT151 Datasheet
2Mb / 5P
   Typical applications include motor control
logo
AVX Corporation
DISFIM AVX-DISFIM Datasheet
42Kb / 1P
   For Energy Storage and Discharge Applications
logo
Rhombus Industries Inc.
L-14400 RHOMBUS-IND-L-14400 Datasheet
43Kb / 1P
   DC Energy Storage Inductors
logo
PREMO CORPORATION S.L
M65-400-16 PREMO-M65-400-16 Datasheet
492Kb / 5P
   High Energy Storage Chokes for Inverter Applications
M80-1-10 PREMO-M80-1-10 Datasheet
1,009Kb / 7P
   High Energy Storage Chokes for Inverter Applications
AIC-2P-300-12 PREMO-AIC-2P-300-12 Datasheet
431Kb / 4P
   High Energy Storage Chokes for inverter Applications
logo
Monolithic Power System...
MP6302 MPS-MP6302 Datasheet
397Kb / 12P
   Energy Storage and Release Control IC
logo
Bel Fuse Inc.
350INVCHGT150-120-240-8G BEL-350INVCHGT150-120-240-8G Datasheet
1Mb / 9P
   Storage Energy Systems
logo
Vishay Siliconix
220EDLC VISHAY-220EDLC_V01 Datasheet
105Kb / 6P
   Electrical Double Layer Energy Storage Capacitors Power and Energy Versions
01-Jan-2023
MAL222090003E3 VISHAY-MAL222090003E3 Datasheet
108Kb / 5P
   Electrical Double Layer Energy Storage Capacitors Power and Energy Versions
Revision: 18-Jan-16
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com