Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F861KG123M310C Datasheet(PDF) 8 Page - Kemet Corporation

Part # F861KG123M310C
Description  Metallized Polypropylene Film, Class X2, 310 VAC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

F861KG123M310C Datasheet(HTML) 8 Page - Kemet Corporation

Back Button F861KG123M310C Datasheet HTML 4Page - Kemet Corporation F861KG123M310C Datasheet HTML 5Page - Kemet Corporation F861KG123M310C Datasheet HTML 6Page - Kemet Corporation F861KG123M310C Datasheet HTML 7Page - Kemet Corporation F861KG123M310C Datasheet HTML 8Page - Kemet Corporation F861KG123M310C Datasheet HTML 9Page - Kemet Corporation F861KG123M310C Datasheet HTML 10Page - Kemet Corporation F861KG123M310C Datasheet HTML 11Page - Kemet Corporation F861KG123M310C Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3001_F861_X2_310 • 5/13/2015
8
Film Capacitors
AC Line EMI Suppression and RC Networks – F861 Series Metallized Polypropylene Film, Class X2, 310 VAC
Capacitance Value
(µF)
Size Code
Maximum Dimensions in mm
Lead
Spacing (p)
dV/dt
(V/µs)
Part Number
B
H
L
0.082
BB
4.0
10.0
18.0
15.0
400
F861BB823(1)310(2)
0.1
BB
4.0
10.0
18.0
15.0
400
F861BB104(1)310(2)
0.12
BB
4.0
10.0
18.0
15.0
400
F861BB124(3)310(2)
0.12
BC
5.0
11.0
18.0
15.0
400
F861BC124(1)310(2)
0.15
BC
5.0
11.0
18.0
15.0
400
F861BC154(1)310(2)
0.15
BT
9.0
12.5
18.0
15.0
400
F861BT154(1)310(2)
0.18
BC
5.0
11.0
18.0
15.0
400
F861BC184(3)310(2)
0.18
BE
5.5
12.5
18.0
15.0
400
F861BE184(1)310(2)
0.18
BT
9.0
12.5
18.0
15.0
400
F861BT184(1)310(2)
0.22
BE
5.5
12.5
18.0
15.0
400
F861BE224(1)310(2)
0.22
BG
6.0
12.0
18.0
15.0
400
F861BG224(1)310(2)
0.22
BT
9.0
12.5
18.0
15.0
400
F861BT224(1)310(2)
0.25
BG
6.0
12.0
18.0
15.0
400
F861BG254(1)310(2)
0.25
BT
9.0
12.5
18.0
15.0
400
F861BT254(1)310(2)
0.27
BG
6.0
12.0
18.0
15.0
400
F861BG274(3)310(2)
0.27
BI
6.0
17.5
18.0
15.0
400
F861BI274(1)310(2)
0.27
BK
7.5
13.5
18.0
15.0
400
F861BK274(1)310(2)
0.27
BR
13.0
12.0
18.0
15.0
400
F861BR274(1)310(2)
0.27
BT
9.0
12.5
18.0
15.0
400
F861BT274(1)310(2)
0.33
BI
6.0
17.5
18.0
15.0
400
F861BI334(1)310(2)
0.33
BK
7.5
13.5
18.0
15.0
400
F861BK334(1)310(2)
0.33
BR
13.0
12.0
18.0
15.0
400
F861BR334(1)310(2)
0.33
BT
9.0
12.5
18.0
15.0
400
F861BT334(1)310(2)
0.39
BI
6.0
17.5
18.0
15.0
400
F861BI394(1)310(2)
0.39
BK
7.5
13.5
18.0
15.0
400
F861BK394(3)310(2)
0.39
BP
8.5
14.5
18.0
15.0
400
F861BP394(1)310(2)
0.39
BR
13.0
12.0
18.0
15.0
400
F861BR394(1)310(2)
0.39
BT
9.0
12.5
18.0
15.0
400
F861BT394(1)310(2)
0.47
BO
7.5
18.5
18.0
15.0
400
F861BO474(1)310(2)
0.47
BP
8.5
14.5
18.0
15.0
400
F861BP474(1)310(2)
0.47
BR
13.0
12.0
18.0
15.0
400
F861BR474(1)310(2)
0.56
BO
7.5
18.5
18.0
15.0
400
F861BO564(1)310(2)
0.56
BR
13.0
12.0
18.0
15.0
400
F861BR564(1)310(2)
0.56
BS
10.0
16.0
18.0
15.0
400
F861BS564(1)310(2)
0.68
BR
13.0
12.0
18.0
15.0
400
F861BR684(3)310(2)
0.68
BS
10.0
16.0
18.0
15.0
400
F861BS684(1)310(2)
0.82
BY
11.0
19.0
18.0
15.0
400
F861BY824(1)310(2)
1
BZ
12.0
20.0
18.0
15.0
400
F861BZ105(3)310(2)
0.039
DB
6.0
14.5
26.0
22.5
200
F861DB393(1)310(2)
0.047
DB
6.0
14.5
26.0
22.5
200
F861DB473(1)310(2)
0.056
DB
6.0
14.5
26.0
22.5
200
F861DB563(1)310(2)
0.068
DB
6.0
14.5
26.0
22.5
200
F861DB683(1)310(2)
0.082
DB
6.0
14.5
26.0
22.5
200
F861DB823(1)310(2)
0.1
DB
6.0
14.5
26.0
22.5
200
F861DB104(1)310(2)
0.12
DB
6.0
14.5
26.0
22.5
200
F861DB124(1)310(2)
0.15
DB
6.0
14.5
26.0
22.5
200
F861DB154(1)310(2)
0.18
DB
6.0
14.5
26.0
22.5
200
F861DB184(1)310(2)
0.22
DB
6.0
14.5
26.0
22.5
200
F861DB224(1)310(2)
0.25
DB
6.0
14.5
26.0
22.5
200
F861DB254(1)310(2)
0.27
DB
6.0
14.5
26.0
22.5
200
F861DB274(1)310(2)
0.33
DB
6.0
14.5
26.0
22.5
200
F861DB334(1)310(2)
0.39
DB
6.0
14.5
26.0
22.5
200
F861DB394(1)310(2)
0.47
DB
6.0
14.5
26.0
22.5
200
F861DB474(3)310(2)
0.47
DI
7.0
16.0
26.0
22.5
200
F861DI474(1)310(2)
0.56
DI
7.0
16.0
26.0
22.5
200
F861DI564(1)310(2)
0.68
DI
7.0
16.0
26.0
22.5
200
F861DI684(1)310(2)
0.82
DH
8.0
16.0
26.0
22.5
200
F861DH824(1)310(2)
1
DJ
8.5
17.0
26.0
22.5
200
F861DJ105(3)310(2)
1.2
DM
9.0
18.5
26.0
22.5
200
F861DM125(3)310(2)
Capacitance Value (µF)
Size Code
B (mm)
H (mm)
L (mm)
Lead Spacing (p)
dV/dt (V/µs)
Part Number
Table 1 – Ratings & Part Number Reference cont'd
(1) M = ±20%, K = ±10%.
(2) Insert lead and packaging code. See Ordering Options Table for available options.
(3) M = ±20% (only available tolerance).


Similar Part No. - F861KG123M310C

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
F861KG103K310A KEMET-F861KG103K310A Datasheet
56Kb / 1P
   F861, Film, Metallized Polypropylene, Safety, 0.01 uF, 10%, 630 VDC, 310 VAC (X2), 110C, Lead Spacing = 7.5mm
More results

Similar Description - F861KG123M310C

ManufacturerPart #DatasheetDescription
logo
Surge Components
CMPP SURGE-CMPP Datasheet
952Kb / 1P
   Metallized Polypropylene Film Capacitors X2-Class
logo
Kemet Corporation
F863BC104M310A KEMET-F863BC104M310A Datasheet
1Mb / 15P
   F863 Metallized Polypropylene Film for Harsh Environmental Conditions, Class X2, 310 VAC (Automotive Grade)
F862BC104M310Z KEMET-F862BC104M310Z Datasheet
1Mb / 14P
   F862 Series Metallized Polypropylene Film for Harsh Environmental Conditions, Class X2, 310 VAC (Automotive Grade)
F862BC104M310C KEMET-F862BC104M310C_16 Datasheet
1Mb / 14P
   F862 Series Metallized Polypropylene Film for Harsh Environmental Conditions, Class X2, 310 VAC (Automotive Grade)
logo
Suntan Capacitors
TS08H SUNTAN-TS08H Datasheet
161Kb / 1P
   METALLIZED POLYPROPYLENE FILM CAPACITOR ??X2
logo
jb Capacitors Company
JFV JBCAPACITORS-JFV_18 Datasheet
247Kb / 3P
   X2 Metallized Polypropylene Film Capacitor
JFW JBCAPACITORS-JFW Datasheet
259Kb / 3P
   X2 Metallized Polypropylene Film Capacitor
JFV JBCAPACITORS-JFV_16 Datasheet
243Kb / 3P
   X2 Metallized Polypropylene Film Capacitor
JFZ JBCAPACITORS-JFZ_16 Datasheet
254Kb / 3P
   X2 Metallized Polypropylene Film Capacitor
logo
Suntan Capacitors
TS08 SUNTAN-TS08 Datasheet
324Kb / 1P
   METALLIZED POLYPROPYLENE FILM CAPACITOR - X2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com