Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGA2311UA Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # PGA2311UA
Description  Stereo Audio Volume Control
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PGA2311UA Datasheet(HTML) 5 Page - Texas Instruments

  PGA2311UA Datasheet HTML 1Page - Texas Instruments PGA2311UA Datasheet HTML 2Page - Texas Instruments PGA2311UA Datasheet HTML 3Page - Texas Instruments PGA2311UA Datasheet HTML 4Page - Texas Instruments PGA2311UA Datasheet HTML 5Page - Texas Instruments PGA2311UA Datasheet HTML 6Page - Texas Instruments PGA2311UA Datasheet HTML 7Page - Texas Instruments PGA2311UA Datasheet HTML 8Page - Texas Instruments PGA2311UA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
PGA2311
www.ti.com
SBOS218B – DECEMBER 2001 – REVISED JANUARY 2016
6.5 Electrical Characteristics
At TA = +25°C, VA+ = +5 V, VA− = –5 V, VD+ = +5 V, RL = 100 kΩ, CL = 20 pF, BW measure = 10 Hz to 20 kHz, unless
otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC CHARACTERISTICS
Step size
0.5
dB
Gain error
Gain Setting = 31.5 dB
±0.05
dB
Gain matching
±0.05
dB
Input resistance
10
k
Ω
PGA2311P, U (U
−Grade)
3
Input capacitance
pF
PGA2311PA, UA (A
−Grade)
7
AC CHARACTERISTICS
PGA2311P,
0.0004%
0.001%
U (U
−Grade)
VIN = 2 Vrms, f
THD+N
= 1 kHz
PGA2311PA,
0.0002%
0.0004%
UA (A
−Grade)
Dynamic range
VIN = AGND, Gain = 0 dB
116
120
dB
PGA2311P, U (U
−Grade)
(VA−) + 1.25
(VA+) –1.25
Voltage range, Output
V
PGA2311PA, UA (A
−Grade)
(VA−) + 1.5
(VA−) − 1.5
Voltage range, Input (without
2.5
Vrms
clipping)
Output noise
VIN = AGND, Gain = 0 dB
2.5
4
μVRMS
Interchannel crosstalk
f = 1 kHz
–130
dBFS
OUTPUT BUFFER
Offset voltage
VIN = AGND, Gain = 0 dB
0.25
0.5
mV
Load capacitance stability
100
pF
Short-circuit current
50
mA
Unity-gain bandwidth, Small signal
10
MHz
DIGITAL CHARACTERISTICS
High-level input voltage, VIH
2
VD+
V
Low-level input voltage, VIL
–0.3
0.8
V
PGA2311P,
(VA+) − 1
U (U
−Grade)
High-level output voltage, VOH
IO = 200 μA
V
PGA2311PA,
(VD+) − 1
UA (A
−Grade)
Low-level output voltage, VOL
IO = –3.2 mA
0.4
V
Input leakage current
1
10
µA
SWITCHING CHARACTERISTICS
fSCLK
Serial clock (SCLK) frequency
0
6.25
MHz
tPL
Serial clock (SCLK) pulse width low
80
ns
tPH
Serial clock (SCLK) pulse width high
80
ns
tMI
MUTE Pulse width low
2
ms
INPUT TIMING
tSDS
SDI setup time
20
ns
tSDH
SDI hold time
20
ns
tCSCR
CS falling to SCLK rising
90
ns
tCFCS
SCLK falling to CS rising
35
ns
OUTPUT TIMING
tCSO
CS low to SDO active
35
ns
tCFDO
SCLK falling to SDO data valid
60
ns
tCSZ
CS high to SDO high impedance
100
ns
Copyright © 2001–2016, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: PGA2311


Similar Part No. - PGA2311UA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA2311UA TI-PGA2311UA Datasheet
594Kb / 10P
[Old version datasheet]   STEREO AUDIO VOLUME CONTROL
logo
Burr-Brown (TI)
PGA2311UA BURR-BROWN-PGA2311UA Datasheet
592Kb / 17P
   Stereo Audio VOLUME CONTROL
logo
Texas Instruments
PGA2311UA/1K TI-PGA2311UA/1K Datasheet
594Kb / 10P
[Old version datasheet]   STEREO AUDIO VOLUME CONTROL
logo
Burr-Brown (TI)
PGA2311UA/1K BURR-BROWN-PGA2311UA/1K Datasheet
592Kb / 17P
   Stereo Audio VOLUME CONTROL
PGA2311UA/1KG4 BURR-BROWN-PGA2311UA/1KG4 Datasheet
592Kb / 17P
   Stereo Audio VOLUME CONTROL
More results

Similar Description - PGA2311UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310 Datasheet
322Kb / 16P
   Stereo Audio Volume Control
logo
Texas Instruments
PGA2310 TI1-PGA2310 Datasheet
961Kb / 24P
[Old version datasheet]   Stereo Audio Volume Control
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310_06 Datasheet
315Kb / 16P
   Stereo Audio Volume Control
PGA2310 BURR-BROWN-PGA2310_08 Datasheet
381Kb / 17P
   Stereo Audio Volume Control
logo
Texas Instruments
PGA2320 TI-PGA2320 Datasheet
217Kb / 15P
[Old version datasheet]   Stereo Audio Volume Control
logo
Burr-Brown (TI)
PGA2311 BURR-BROWN-PGA2311_06 Datasheet
592Kb / 17P
   Stereo Audio VOLUME CONTROL
logo
Texas Instruments
PGA2311 TI-PGA2311 Datasheet
594Kb / 10P
[Old version datasheet]   STEREO AUDIO VOLUME CONTROL
logo
Burr-Brown (TI)
PGA2320 BURR-BROWN-PGA2320_06 Datasheet
208Kb / 15P
   Stereo Audio Volume Control
logo
Cirrus Logic
CS4222 CIRRUS-CS4222 Datasheet
580Kb / 26P
   20-Bit Stereo Audio Codec with Volume Control
logo
Global Mixed-mode Techn...
G1450 GMT-G1450 Datasheet
84Kb / 1P
   2.4W Stereo Audio Amplifier with DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com