Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM5101A-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5101A-Q1
Description  Audio Stereo DAC
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5101A-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button PCM5101A-Q1 Datasheet HTML 4Page - Texas Instruments PCM5101A-Q1 Datasheet HTML 5Page - Texas Instruments PCM5101A-Q1 Datasheet HTML 6Page - Texas Instruments PCM5101A-Q1 Datasheet HTML 7Page - Texas Instruments PCM5101A-Q1 Datasheet HTML 8Page - Texas Instruments PCM5101A-Q1 Datasheet HTML 9Page - Texas Instruments PCM5101A-Q1 Datasheet HTML 10Page - Texas Instruments PCM5101A-Q1 Datasheet HTML 11Page - Texas Instruments PCM5101A-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
PCM5100A, PCM5101A, PCM5102A
PCM5100A-Q1, PCM5101A-Q1, PCM5102A-Q1
SLAS859C – MAY 2012 – REVISED MAY 2015
www.ti.com
Electrical Characteristics (continued)
Q1 Automotive grade devices are specified for TA = –40°C to 125°C. Consumer grade (non-Q1) devices are specified at TA =
25°C. All devices in the family are characterized with AVDD = CPVDD = DVD = 3.3 V, fS = 48 kHz, system clock = 512 fS and
24-bit data unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Dynamic Performance (PCM Mode)(2)(3)
PCM5102A
–93
–83
dB
fS = 48 kHz
PCM5101A
–92
–82
PCM5100A
–90
–80
THD+N at –1 dBFS(3)
PCM5102A
–93
fS = 96 kHz and 192 kHz
PCM5101A
–92
PCM5100A
–90
PCM5102A
106
112
EIAJ, A-weighted, fS = 48
PCM5101A
100
106
kHz
PCM5100A
95
100
Dynamic range(3)
PCM5102A
112
EIAJ, A-weighted, fS = 96
PCM5101A
106
kHz and 192 kHz
PCM5100A
100
PCM5102A
112
EIAJ, A-weighted, fS = 48
PCM5101A
106
kHz
PCM5100A
100
Signal-to-noise ratio(3)
PCM5102A
112
EIAJ, A-weighted, fS = 96
PCM5101A
106
kHz and 192 kHz
PCM5100A
100
EIAJ, A-weighted, fS = 48 kHz
113
123
Signal to noise ratio with analog
EIAJ, A-weighted, fS = 96 kHz and 192
123
mute(3)(4)
kHz
PCM5102A
100
109
fS = 48 kHz
PCM5101A
95
103
PCM5100A
90
97
PCM5102A
109
Channel separation
fS = 96 kHz
PCM5101A
103
PCM5100A
97
PCM5102A
109
fS = 192 kHz
PCM5101A
103
PCM5100A
97
(2)
Filter condition: THD+N: 20-Hz HPF, 20-kHz AES17 LPF; Dynamic range: 20-Hz HPF, 20-kHz AES17 LPF; A-weighted signal-to-noise
ratio: 20-Hz HPF, 20-kHz AES17 LPF; A-weighted channel separation: 20-Hz HPF, 20-kHz AES17 LPF. Analog performance
specifications are measured using the System Two Cascade™ audio measurement system by Audio Precision™ in the RMS mode.
(3)
Output load is 10 k
Ω, with 470-Ω output resistor and a 2.2-nF shunt capacitor (see recommended output filter).
(4)
Assert XSMT or both L-ch and R-ch PCM data are Bipolar Zero.
8
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: PCM5100A PCM5101A PCM5102A PCM5100A-Q1 PCM5101A-Q1 PCM5102A-Q1


Similar Part No. - PCM5101A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM5101A TI-PCM5101A Datasheet
1Mb / 35P
[Old version datasheet]   Market-Leading Low Out-of-Band Noise, Integrated Negative Charge Pump
PCM5101APW TI1-PCM5101APW Datasheet
793Kb / 32P
[Old version datasheet]   2VRMS DirectPath?? 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5101APW TI1-PCM5101APW Datasheet
1Mb / 35P
[Old version datasheet]   112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5101APWR TI1-PCM5101APWR Datasheet
1Mb / 35P
[Old version datasheet]   112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
More results

Similar Description - PCM5101A-Q1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS6311 ETC-MS6311 Datasheet
197Kb / 6P
   Stereo Audio DAC
logo
Winbond
W6630CR WINBOND-W6630CR Datasheet
14Kb / 1P
   STEREO AUDIO DAC
logo
MOSA ELECTRONICS
MS6610 MOSA-MS6610 Datasheet
162Kb / 6P
   Stereo Audio DAC
logo
List of Unclassifed Man...
MS6310 ETC-MS6310 Datasheet
88Kb / 6P
   Stereo Audio DAC
logo
MOSA ELECTRONICS
MS6311 MOSA-MS6311 Datasheet
169Kb / 6P
   Stereo Audio DAC
MS6313 MOSA-MS6313 Datasheet
245Kb / 7P
   Stereo Audio DAC
logo
Texas Instruments
PCM5121 TI1-PCM5121_16 Datasheet
2Mb / 120P
[Old version datasheet]   Audio Stereo DAC
PCM5141 TI1-PCM5141_16 Datasheet
2Mb / 123P
[Old version datasheet]   Audio Stereo DAC
logo
Winbond
W6631CS WINBOND-W6631CS Datasheet
13Kb / 1P
   STEREO AUDIO DAC
logo
Texas Instruments
PCM2704C TI1-PCM2704C_15 Datasheet
1Mb / 47P
[Old version datasheet]   Stereo Audio DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com