Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGA2311PG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # PGA2311PG4
Description  Stereo Audio Volume Control
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PGA2311PG4 Datasheet(HTML) 1 Page - Texas Instruments

  PGA2311PG4 Datasheet HTML 1Page - Texas Instruments PGA2311PG4 Datasheet HTML 2Page - Texas Instruments PGA2311PG4 Datasheet HTML 3Page - Texas Instruments PGA2311PG4 Datasheet HTML 4Page - Texas Instruments PGA2311PG4 Datasheet HTML 5Page - Texas Instruments PGA2311PG4 Datasheet HTML 6Page - Texas Instruments PGA2311PG4 Datasheet HTML 7Page - Texas Instruments PGA2311PG4 Datasheet HTML 8Page - Texas Instruments PGA2311PG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
PGA2311
SBOS218B – DECEMBER 2001 – REVISED JANUARY 2016
PGA2311 Stereo Audio Volume Control
1 Features
3 Description
The PGA2311 device is a high-performance, stereo
1
Digitally-Controlled Analog Volume Control
audio volume control designed for professional and
Two Independent Audio Channels
high-end consumer audio systems. The PGA2311
Serial Control Interface
uses
an
internal
high-performance
operational
amplifier to yield low noise and distortion. The
Zero Crossing Detection
PGA2311 also provides the capability to drive 660-
Ω
Mute Function
loads directly without buffering. The 3-wire serial
Wide Gain and Attenuation Range: +31.5 dB to
control interface allows for connection to a wide
−95.5 dB with 0.5-dB Steps
variety of host controllers, in addition to support for
daisy-chaining of multiple PGA2311 devices.
Low Noise and Distortion
120-dB Dynamic Range
Device Information(1)
0.0004% THD+N at 1 kHz (U-Grade)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
0.0002% THD+N at 1 kHz (A-Grade)
SOIC (16)
7.5 mm × 10.30 mm
PGA2311
Noise-Free Level Transitions
PDIP (16)
6.35 mm × 19.30 mm
Low Interchannel Crosstalk
−130 dBFS
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Power Supplies: ±5-V Analog, +5-V Digital
Available in DIP-16 and SOL-16 Packages
Stereo Audio Volume Control
Pin and Software Compatible With the Crystal
CS3310
2 Applications
Audio Amplifiers
Mixing Consoles
Multi-Track Recorders
Broadcast Studio Equipment
Musical Instruments
Effects Processors
A/V Receivers
Car Audio Systems
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - PGA2311PG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA2311PG4 BURR-BROWN-PGA2311PG4 Datasheet
592Kb / 17P
   Stereo Audio VOLUME CONTROL
More results

Similar Description - PGA2311PG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310 Datasheet
322Kb / 16P
   Stereo Audio Volume Control
logo
Texas Instruments
PGA2310 TI1-PGA2310 Datasheet
961Kb / 24P
[Old version datasheet]   Stereo Audio Volume Control
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310_06 Datasheet
315Kb / 16P
   Stereo Audio Volume Control
PGA2310 BURR-BROWN-PGA2310_08 Datasheet
381Kb / 17P
   Stereo Audio Volume Control
logo
Texas Instruments
PGA2320 TI-PGA2320 Datasheet
217Kb / 15P
[Old version datasheet]   Stereo Audio Volume Control
logo
Burr-Brown (TI)
PGA2311 BURR-BROWN-PGA2311_06 Datasheet
592Kb / 17P
   Stereo Audio VOLUME CONTROL
logo
Texas Instruments
PGA2311 TI-PGA2311 Datasheet
594Kb / 10P
[Old version datasheet]   STEREO AUDIO VOLUME CONTROL
logo
Burr-Brown (TI)
PGA2320 BURR-BROWN-PGA2320_06 Datasheet
208Kb / 15P
   Stereo Audio Volume Control
logo
Cirrus Logic
CS4222 CIRRUS-CS4222 Datasheet
580Kb / 26P
   20-Bit Stereo Audio Codec with Volume Control
logo
Global Mixed-mode Techn...
G1450 GMT-G1450 Datasheet
84Kb / 1P
   2.4W Stereo Audio Amplifier with DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com