Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRC4192 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SRC4192
Description  Stereo Asynchronous Sample-Rate Converters
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SRC4192 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SRC4192 Datasheet HTML 2Page - Texas Instruments SRC4192 Datasheet HTML 3Page - Texas Instruments SRC4192 Datasheet HTML 4Page - Texas Instruments SRC4192 Datasheet HTML 5Page - Texas Instruments SRC4192 Datasheet HTML 6Page - Texas Instruments SRC4192 Datasheet HTML 7Page - Texas Instruments SRC4192 Datasheet HTML 8Page - Texas Instruments SRC4192 Datasheet HTML 9Page - Texas Instruments SRC4192 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
SRC4192, SRC4193
SBFS022C – JUNE 2003 – REVISED OCTOBER 2015
www.ti.com
Electrical Characteristics (continued)
All parameters specified with TA = 25°C, VDD = 3.3 V, and VIO = 3.3 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Decimation Filter On (DFLT = 0)
102.53125/fSIN
Normal group delay (LGRP = 0)
s
Decimation Filter Off (DFLT = 1)
102/fSIN
Decimation Filter On (DFLT = 0)
70.53125/fSIN
Low group delay (LGRP = 1)
s
Decimation Filter Off (DFLT = 1)
70/fSIN
DIGITAL DECIMATION FILTER CHARACTERISTICS
Passband
0.4535 × fSOUT
Hz
Passband ripple
±0.008
dB
Transition band
0.4535 × fSOUT
0.5465 × fSOUT
Hz
Stop band
0.5465 × fSOUT
Hz
Stop band attenuation
–143
dB
Group delay – decimation filter
DFLT = 0 for SRC4193
36.46875/fSOUT
s
Direct downsampling
SRC4193 only, DFLT = 1
0
s
DIGITAL I/O CHARACTERISTICS
VIH
High-level input voltage
0.7 × VIO
VIO
V
VIL
Low-level input voltage
0
0.3 × VIO
V
IIH
High-level input current
0.5
10
µA
IIL
Low-level input current
0.5
10
µA
VOH
High-level output voltage
IO = –4 mA
0.8 × VIO
VIO
V
VOL
Low-level output voltage
IO = +4 mA
0
0.2 × VIO
V
CIN
Input Capacitance
3
pF
POWER SUPPLIES
Operating voltage, VDD
3
3.3
3.6
V
Operating voltage, VIO
1.65
3.3
3.6
VDD = 3.3 V, VIO = 3.3 V, RST = 0, No Clocks
100
µA
Supply current, IDD, power down
SRC4193 only, VDD = 3.3 V, VIO = 3.3 V,
5
mA
PDN Bit = 0, No Clocks
Supply current, IDD, dynamic
VDD = 3.3 V, VIO = 3.3 V, fSIN = fSOUT = 192 kHz
66
mA
VDD = 3.3 V, VIO = 3.3 V, RST = 0, No Clocks
100
Supply current, IIO, power down
µA
SRC4193 only, VDD = 3.3 V, VIO = 3.3 V,
21
PDN Bit = 0, No Clocks
Supply current, IIO, dynamic
VDD = 3.3 V, VIO = 3.3 V, fSIN = fSOUT = 192 kHz
2
mA
VDD = 3.3 V, VIO = 3.3 V, RST = 0, No Clocks
660
µW
Total power dissipation, PD, power down
SRC4193 only, VDD = 3.3 V, VIO = 3.3 V,
16.6
mW
PDN Bit = 0, No Clocks
Total power dissipation, PD, dynamic
VDD = 3.3 V, VIO = 3.3 V, fSIN = fSOUT = 192 kHz
225
mW
6.6 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REFERENCE CLOCK TIMING
fSMIN = min (fSIN, fSOUT),
128 ×
RCKI frequency
50
MHz
fSMAX = max (fSIN, fSOUT)
fSMIN
1/(128
tRCKIP
RCKI period
20
ns
×fSMIN)
0.4 ×
tRCKIH
RCKI pulsewidth high
ns
tRCKIP
0.4 ×
tRCKIL
RCKI pulsewidth low
ns
tRCKIP
RESET TIMING
tRSTL
RST pulse width low
500
ns
Delay following RST rising edge
SRC4193 only
500
µs
INPUT SERIAL PORT TIMING
tLRIS
LRCKI to BCKI setup time
10
ns
tSIH
BCKI pulsewidth high
10
ns
6
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: SRC4192 SRC4193


Similar Part No. - SRC4192

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
SRC4192 BURR-BROWN-SRC4192 Datasheet
1Mb / 10P
   192kHz Stereo Asynchronous Sample Rate Converters
logo
Texas Instruments
SRC4192 TI-SRC4192 Datasheet
1Mb / 34P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
SRC4192 TI1-SRC4192 Datasheet
1Mb / 37P
[Old version datasheet]   192-kHz Stereo Asynchronous Sample-Rate Converters
SRC4192-Q1 TI1-SRC4192-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Stereo Asynchronous Sample-Rate Converters
SRC4192-Q1 TI1-SRC4192-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   192-kHz Stereo Asynchronous Sample-Rate Converters
More results

Similar Description - SRC4192

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SRC4192-Q1 TI1-SRC4192-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Stereo Asynchronous Sample-Rate Converters
logo
Burr-Brown (TI)
SRC4192 BURR-BROWN-SRC4192 Datasheet
1Mb / 10P
   192kHz Stereo Asynchronous Sample Rate Converters
SRC4190 BURR-BROWN-SRC4190 Datasheet
1Mb / 10P
   192kHz Stereo Asynchronous Sample Rate Converters
logo
Texas Instruments
SRC4192IDBR TI-SRC4192IDBR Datasheet
1Mb / 34P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
SRC4192IDB TI-SRC4192IDB Datasheet
1Mb / 34P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
SRC4190 TI1-SRC4190_14 Datasheet
1Mb / 29P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
logo
Analog Devices
AD1890 AD-AD1890 Datasheet
416Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
logo
Burr-Brown (TI)
SRC4190 BURR-BROWN-SRC4190 Datasheet
1Mb / 25P
   192kHz Stereo Asynchronous Sample Rate Converters
logo
Analog Devices
AD1890 AD-AD1890_15 Datasheet
419Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
AD1891 AD-AD1891_15 Datasheet
419Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com