Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGA2310 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PGA2310
Description  Stereo Audio Volume Control
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PGA2310 Datasheet(HTML) 3 Page - Texas Instruments

  PGA2310 Datasheet HTML 1Page - Texas Instruments PGA2310 Datasheet HTML 2Page - Texas Instruments PGA2310 Datasheet HTML 3Page - Texas Instruments PGA2310 Datasheet HTML 4Page - Texas Instruments PGA2310 Datasheet HTML 5Page - Texas Instruments PGA2310 Datasheet HTML 6Page - Texas Instruments PGA2310 Datasheet HTML 7Page - Texas Instruments PGA2310 Datasheet HTML 8Page - Texas Instruments PGA2310 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ZCEN
CS
SDI
V +
D
DGND
SCLK
SDO
MUTE
V
IN
L
AGNDL
V
OUT
L
V
V +
A
A
V
OUT
R
AGNDR
V
IN
R
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
PGA2310
PGA2310
www.ti.com
SBOS207C – OCTOBER 2001 – REVISED DECEMBER 2015
5 Pin Configuration and Functions
D and P Pakcages
16 Pins SOIC and PDIP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
ZCEN
I
Zero Crossing Enable Input (Active High)
2
CS
I
Chip Select Input (Active Low)
3
SDI
I
Serial Data Input
4
VD+
I
Digital Power Supply, 5 V
5
DGND
Digital Ground
6
SCLK
I
Serial Clock Input
7
SDO
O
Serial Data Output
8
MUTE
I
Mute Control Input (Active Low)
9
VINR
I
Analog Input, Right Channel
10
AGNDR
Analog Ground, Right Channel
11
VOUTR
O
Analog Output, Right Channel
12
VA+
I
Analog Power Supply, 15 V
13
VA
I
Analog Power Supply, –15 V
14
VOUTL
O
Analog Output, Left Channel
15
AGNDL
Analog Ground, Left Channel
16
VINL
I
Analog Input, Left Channel
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: PGA2310


Similar Part No. - PGA2310

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310 Datasheet
322Kb / 16P
   Stereo Audio Volume Control
PGA2310 BURR-BROWN-PGA2310 Datasheet
315Kb / 16P
   Stereo Audio Volume Control
PGA2310 BURR-BROWN-PGA2310 Datasheet
381Kb / 17P
   Stereo Audio Volume Control
PGA2310PA BURR-BROWN-PGA2310PA Datasheet
322Kb / 16P
   Stereo Audio Volume Control
PGA2310PA BURR-BROWN-PGA2310PA Datasheet
315Kb / 16P
   Stereo Audio Volume Control
More results

Similar Description - PGA2310

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310 Datasheet
322Kb / 16P
   Stereo Audio Volume Control
logo
Texas Instruments
PGA2311 TI1-PGA2311 Datasheet
924Kb / 21P
[Old version datasheet]   Stereo Audio Volume Control
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310_06 Datasheet
315Kb / 16P
   Stereo Audio Volume Control
PGA2310 BURR-BROWN-PGA2310_08 Datasheet
381Kb / 17P
   Stereo Audio Volume Control
logo
Texas Instruments
PGA2320 TI-PGA2320 Datasheet
217Kb / 15P
[Old version datasheet]   Stereo Audio Volume Control
logo
Burr-Brown (TI)
PGA2311 BURR-BROWN-PGA2311_06 Datasheet
592Kb / 17P
   Stereo Audio VOLUME CONTROL
logo
Texas Instruments
PGA2311 TI-PGA2311 Datasheet
594Kb / 10P
[Old version datasheet]   STEREO AUDIO VOLUME CONTROL
logo
Burr-Brown (TI)
PGA2320 BURR-BROWN-PGA2320_06 Datasheet
208Kb / 15P
   Stereo Audio Volume Control
logo
Cirrus Logic
CS4222 CIRRUS-CS4222 Datasheet
580Kb / 26P
   20-Bit Stereo Audio Codec with Volume Control
logo
Global Mixed-mode Techn...
G1450 GMT-G1450 Datasheet
84Kb / 1P
   2.4W Stereo Audio Amplifier with DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com