Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM9211PTR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # PCM9211PTR
Description  Digital Audio Interface Transceiver
Download  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM9211PTR Datasheet(HTML) 4 Page - Texas Instruments

  PCM9211PTR Datasheet HTML 1Page - Texas Instruments PCM9211PTR Datasheet HTML 2Page - Texas Instruments PCM9211PTR Datasheet HTML 3Page - Texas Instruments PCM9211PTR Datasheet HTML 4Page - Texas Instruments PCM9211PTR Datasheet HTML 5Page - Texas Instruments PCM9211PTR Datasheet HTML 6Page - Texas Instruments PCM9211PTR Datasheet HTML 7Page - Texas Instruments PCM9211PTR Datasheet HTML 8Page - Texas Instruments PCM9211PTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 125 page
background image
PCM9211
SBAS495A – JUNE 2010 – REVISED JANUARY 2016
www.ti.com
Pin Functions (continued)
PIN
5-V
I/O
DESCRIPTION
TOLERANT
NO.
NAME
22
DVDD
Power supply, 3.3 V (typ.), for digital
23
MDO/ADR0
I/O
Yes
Software control I/F, SPI data output / I2C slave address setting0(1)
24
MDI/SDA
I/O
Yes
Software control I/F, SPI data input / I2C data input/output(1)(2)
25
MC/SCL
I
Yes
Software control I/F, SPI clock input / I2C clock input(1)
26
MS/ADR1
I
Yes
Software control I/F, SPI chip select / I2C slave address setting1(1)
27
MODE
I
No
Control mode setting, (see the Serial Control Mode section, Control Mode Pin Setting)
28
RXIN7/ADIN0
I
Yes
Biphase signal, input 7 / AUXIN0, serial audio data input(1)
29
RXIN6/ALRCKI0
I
Yes
Biphase signal, input 6 / AUXIN0, LR clock input(1)
30
RXIN5/ABCKI0
I
Yes
Biphase signal, input 5 / AUXIN0, bit clock input(1)
31
RXIN4/ASCKI0
I
Yes
Biphase signal, input 4 / AUXIN0, system clock input(1)
32
RXIN3
I
Yes
Biphase signal, input 3(1)
33
RXIN2
I
Yes
Biphase signal, input 2(1)
34
RST
I
Yes
Reset Input, active low(1)(3)
35
RXIN1
I
Yes
Biphase signal, input 1, built-in coaxial amplifier
36
VDDRX
Power supply, 3.3 V (typ.), for RXIN0 and RXIN1.
37
RXIN0
I
Yes
Biphase signal, input 0, built-in coaxial amplifier
38
GNDRX
-
-
Ground, for RXIN
39
XTI
I
No
Oscillation circuit input for crystal resonator or external XTI clock source input(4)
40
XTO
O
No
Oscillation circuit output for crystal resonator
41
AGND
Ground, for PLL analog
42
VCC
Power supply, 3.3 V (typ.), for PLL analog
43
FILT
O
No
External PLL loop filter connection terminal; must connect recommended filter
44
VCOM
O
No
ADC common voltage output; must connect external decoupling capacitor
45
AGNDAD
Ground, for ADC analog
46
VCCAD
Power supply, 5.0 V (typ.), for ADC analog
47
VINL
I
No
ADC analog voltage input, left channel
48
VINR
I
No
ADC analog voltage input, right channel
(2)
Open-drain configuration in I2C mode.
(3)
Onboard pull-down resistor (50 k
Ω, typical).
(4)
CMOS Schmitt trigger input.
4
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Product Folder Links: PCM9211


Similar Part No. - PCM9211PTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM9211PTR TI1-PCM9211PTR Datasheet
1Mb / 121P
[Old version datasheet]   216-kHz Digital Audio Interface Transceiver (DIX) with Stereo ADC and Routing
More results

Similar Description - PCM9211PTR

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC89057W-VF4A-E SANYO-LC89057W-VF4A-E Datasheet
334Kb / 59P
   Digital Audio Interface Transceiver
logo
ON Semiconductor
LC89057W-VF4A-E ONSEMI-LC89057W-VF4A-E Datasheet
318Kb / 59P
   Digital Audio Interface Transceiver
May, 2013
logo
Wolfson Microelectronic...
WM8802 WOLFSON-WM8802 Datasheet
516Kb / 65P
   Digital Audio Interface Transceiver
logo
Cirrus Logic
CS8427 CIRRUS-CS8427 Datasheet
948Kb / 59P
   96 kHz Digital Audio Interface Transceiver
CS8427 CIRRUS-CS8427_09 Datasheet
498Kb / 60P
   96 kHz Digital Audio Interface Transceiver
CS8427 CIRRUS-CS8427_10 Datasheet
743Kb / 60P
   96 kHz Digital Audio Interface Transceiver
logo
Texas Instruments
DIX9211 TI1-DIX9211 Datasheet
935Kb / 107P
[Old version datasheet]   216-kHz Digital Audio Interface Transceiver (DIX)
logo
Asahi Kasei Microsystem...
AK4114 AKM-AK4114 Datasheet
450Kb / 48P
   HIGH FEATURE 192KHZ 24BIT DIGITAL AUDIO INTERFACE TRANSCEIVER
AK4115 AKM-AK4115 Datasheet
596Kb / 64P
   High Feature 192kHz 24bit Digital Audio Interface Transceiver
logo
Burr-Brown (TI)
DIR1703 BURR-BROWN-DIR1703 Datasheet
236Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com