Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM3168ATPAPRQ1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3168ATPAPRQ1
Description  Audio Codec
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3168ATPAPRQ1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button PCM3168ATPAPRQ1 Datasheet HTML 7Page - Texas Instruments PCM3168ATPAPRQ1 Datasheet HTML 8Page - Texas Instruments PCM3168ATPAPRQ1 Datasheet HTML 9Page - Texas Instruments PCM3168ATPAPRQ1 Datasheet HTML 10Page - Texas Instruments PCM3168ATPAPRQ1 Datasheet HTML 11Page - Texas Instruments PCM3168ATPAPRQ1 Datasheet HTML 12Page - Texas Instruments PCM3168ATPAPRQ1 Datasheet HTML 13Page - Texas Instruments PCM3168ATPAPRQ1 Datasheet HTML 14Page - Texas Instruments PCM3168ATPAPRQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 66 page
background image
PCM3168A
www.ti.com
SBAS452A – SEPTEMBER 2008 – REVISED JANUARY 2016
Electrical Characteristics (continued)
At TA = 25°C, VCCAD1 = VCCAD2 = VCCDA1 = VCCDA2 = 5 V, VDD1 = VDD2 = 3.3 V, fS = 48 kHz, SCKI = 512 fS, 24-bit
data, Sampling Mode = Auto for ADC and DAC, and Interface Mode = Slave for ADC and DAC, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DYNAMIC PERFORMANCE(9)(10)
fS = 48 kHz
–94
–88
THD+N, VOUT = 0 dB
fS = 96 kHz
–94
dB
fS = 192 kHz
–94
fS = 48 kHz, EIAJ, A-
105
112
weighted
fS = 96 kHz, EIAJ, A-
Dynamic range
112
dB
weighted
fS = 192 kHz, EIAJ, A-
112
weighted
fS = 48 kHz, EIAJ, A-
105
112
weighted
fS = 96 kHz, EIAJ, A-
S/N ratio
112
dB
weighted
fS = 192 kHz, EIAJ, A-
112
weighted
fS = 48 kHz
102
108
Channel separation
fS = 96 kHz
108
dB
(between one channel and others)
fS = 192 kHz
108
ANALOG OUTPUT
Output voltage
Differential
1.6 × VCCDA1
VPP
Center voltage
0.5 × VCCDA1
V
To AC-coupled GND(11)
5
Load impedance
k
To DC-coupled GND(11)
15
f = 20 kHz
–0.04
Lowpass filter frequency response
dB
f = 44 kHz
–0.18
DIGITAL FILTER PERFORMANCE(12)
Slow roll-off
Passband (single, dual)
0.454 × fS
Hz
Passband (quad)
0.432 × fS
Hz
Stop band (single, dual)
0.546 × fS
Hz
Stop band (quad)
0.569 × fS
Hz
Passband ripple
≤ 0.454 × fS
±0.0018
dB
Stop band attenuation
> 0.546 × fS, 0.569 × fS
–75
dB
DIGITAL FILTER PERFORMANCE
Slow roll-off
Passband
0.328 × fS
Hz
Stop band
0.673 × fS
Hz
Passband ripple
< 0.328 × fS
±0.0013
dB
Stop band attenuation
> 0.673 × fS
–75
dB
(9)
In differential mode at VOUTx± pin, fOUT = 1 kHz, using Audio Precision System II, RMS mode with 20-kHz lowpass filter and 400-Hz
highpass filter.
(10) fS = 48 kHz : SCKI = 512 fS (single), fS = 96 kHz : SCKI = 256 fS (dual), fS = 192 kHz : SCKI = 128 fS (quad).
(11) Allowable minimum input resistance of differential to single-ended converter with D to S Gain = G is calculated as (1 + 2G)/(1 + G) × 5k
for AC-coupled and (1+ 0.9G)/(1 + G) × 15k for DC-coupled connection, refer to Figure 61 and Figure 62 of the Application Information
section.
(12) Exclude single and dual at 128 fS, 192 fS system clock and quad at 256 fS to 768 fS system clock, and specifications for quad, single,
and dual are respectively applied in reverse for them.
Copyright © 2008–2016, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: PCM3168A


Similar Part No. - PCM3168ATPAPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM3168ATPAPRQ1 TI-PCM3168ATPAPRQ1 Datasheet
1Mb / 66P
[Old version datasheet]   24-Bit, 96-kHz/192-kHz, 6-In/8-Out Audio Codec with Differential Input/Output
PCM3168ATPAPRQ1G4 TI-PCM3168ATPAPRQ1G4 Datasheet
1Mb / 66P
[Old version datasheet]   24-Bit, 96-kHz/192-kHz, 6-In/8-Out Audio Codec with Differential Input/Output
More results

Similar Description - PCM3168ATPAPRQ1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1342TS PHILIPS-UDA1342TS Datasheet
180Kb / 44P
   Audio CODEC
2000 Mar 29
logo
Analog Devices
ADAU1361 AD-ADAU1361 Datasheet
1Mb / 80P
   Audio Codec
logo
LAPIS Semiconductor Co....
ML7041 LAPIS-ML7041 Datasheet
381Kb / 28P
   Audio CODEC
logo
OKI electronic componet...
MSM7732-01 OKI-MSM7732-01 Datasheet
302Kb / 29P
   Audio CODEC
logo
Analog Devices
ADAU1761 AD-ADAU1761_18 Datasheet
1Mb / 93P
   Audio Codec
logo
Texas Instruments
TLV320AIC27 TI1-TLV320AIC27_05 Datasheet
738Kb / 10P
[Old version datasheet]   STEREO AUDIO CODEC
logo
Gennum Corporation
GS9023B GENNUM-GS9023B Datasheet
714Kb / 56P
   Embedded Audio CODEC
logo
List of Unclassifed Man...
VS1001K ETC2-VS1001K Datasheet
448Kb / 40P
   MPEG AUDIO CODEC
logo
STMicroelectronics
AN3225 STMICROELECTRONICS-AN3225 Datasheet
263Kb / 13P
   Audio software codec
logo
Texas Instruments
PCM3070 TI1-PCM3070_14 Datasheet
1Mb / 49P
[Old version datasheet]   Stereo Audio Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com