Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM3070 Datasheet(PDF) 6 Page - Texas Instruments

Part # PCM3070
Description  Stereo Audio Codec
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3070 Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCM3070_14 Datasheet HTML 2Page - Texas Instruments PCM3070_14 Datasheet HTML 3Page - Texas Instruments PCM3070_14 Datasheet HTML 4Page - Texas Instruments PCM3070_14 Datasheet HTML 5Page - Texas Instruments PCM3070_14 Datasheet HTML 6Page - Texas Instruments PCM3070_14 Datasheet HTML 7Page - Texas Instruments PCM3070_14 Datasheet HTML 8Page - Texas Instruments PCM3070_14 Datasheet HTML 9Page - Texas Instruments PCM3070_14 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
PCM3070
SLAS724A – SEPTEMBER 2008 – REVISED NOVEMBER 2014
www.ti.com
Pin Functions (continued)
PIN
NAME
TYPE(1)
DESCRIPTION
27
HPR
AO
Right high power output driver
28
DVSS
Ground
Digital Ground and Chip-substrate
29
DVDD
Power
If LDO_SELECT Pin = 0 (D-LDO disabled)
Digital voltage supply 1.26V – 1.95V
If LDO_SELECT Pin = 1 (D-LDO enabled)
Digital voltage supply filtering output
30
LDO_ SELECT
DI
D-LDO enable signal (1 = D-LDO enable, 0 = D-LDO disabled)
31
RESET
DI
Reset (active low)
32
GPIO
DI
Primary function:
General Purpose digital IO
MFP5
Secondary function:
CLKOUT Output
INT1 Output
INT2 Output
Audio serial data bus ADC word clock output
Audio serial data bus (secondary) bit clock output
Audio serial data bus (secondary) word clock output
Thermal Pad
Thermal Pad
N/A
Connect to PCB ground plane. Not internally connected.
6
Submit Documentation Feedback
Copyright © 2008–2014, Texas Instruments Incorporated
Product Folder Links: PCM3070


Similar Part No. - PCM3070_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM3070 TI-PCM3070_15 Datasheet
1Mb / 49P
[Old version datasheet]   PCM3070 Stereo Audio Codec With Embedded miniDSP
More results

Similar Description - PCM3070_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC27 TI1-TLV320AIC27_05 Datasheet
738Kb / 10P
[Old version datasheet]   STEREO AUDIO CODEC
TLV320AIC27 TI-TLV320AIC27 Datasheet
684Kb / 52P
[Old version datasheet]   STEREO AUDIO CODEC
TLC320AD90 TI1-TLC320AD90 Datasheet
232Kb / 51P
[Old version datasheet]   Stereo Audio Codec
TLC320AD90C TI1-TLC320AD90C Datasheet
232Kb / 51P
[Old version datasheet]   Stereo Audio Codec
logo
List of Unclassifed Man...
WM8734 ETC-WM8734 Datasheet
414Kb / 42P
   STEREO AUDIO CODEC
logo
Wolfson Microelectronic...
WM8734 WOLFSON-WM8734_06 Datasheet
529Kb / 46P
   Stereo Audio CODEC
logo
Texas Instruments
TLC320AD91 TI1-TLC320AD91 Datasheet
184Kb / 43P
[Old version datasheet]   Stereo Audio Codec
TLV320AIC3105 TI1-TLV320AIC3105 Datasheet
2Mb / 103P
[Old version datasheet]   Low-Power Stereo Audio Codec
TLV320AIC3104 TI1-TLV320AIC3104_14 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power Stereo Audio Codec
logo
Rohm
BU7807-00KV ROHM-BU7807-00KV Datasheet
302Kb / 5P
   Stereo audio interface with CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com