Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP-1KL Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # SP-1KL
Description  Photo diodes(silicon photodiode mounted in durable)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SP-1KL Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SP-1KL Datasheet HTML 1Page - KODENSHI_AUK CORP. SP-1KL Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 1-
SP-1KL
Photo diodes
KODENSHI
The SP-1KL, a silicon photodiode mounted in durable,
hermetically sealed TO-18metal can packge, provides
years of reliable performance even under demanding
conditions such as use outdoors.
FEATURES
•Narrow angular response
•Durable
•High reliability in demanding environments
APPLICATIONS
•Optical counters
•Optical switches
•Infrared sensors
•Encoders
•Smoke detectors
•Car electronics
DIMENSIONS
(Unit : mm)
Rating
Symbol
Item
MAXIMUM RATINGS
Reverse voltage
Operating temp.
Storage temp.
Soldering temp. *1
VR
Topr.
Tstg.
Tsol.
20
-25~+120
-30~+150
260
V
Unit
(Ta=25℃)
*1. For MAX.5 seconds at the position of 2 mm from the package
*2. Color temp.=2856K standard Tungsten lamp
0.1
Open circuit voltage
Short circuit current
Dark current
Curve factor
Capacitance
Temperature coefficient of VOC
Temperature coefficient of ISC
Spectral sensitivity
Peak wavelength
Half angle
(Ta=25℃)
ELECTRO-OPTICAL CHARACTERISTICS
EV=1,000lx
*2
VR=5V
V=0V, f=1MHz
Item
Typ.
VOC
ISC
Id
C.F.
Ct
αt
βt
λ
λp
Δθ
18
0.55
450~1,050
0.4
35
50
-2.2
0.18
900
±15
V
μA
μA
-
pF
mV/℃
%/℃
nm
nm
deg.
Symbol
Conditions
Min.
Max.
Unit.


Similar Part No. - SP-1KL

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
SP-100 TOTAL-POWER-SP-100 Datasheet
340Kb / 2P
   100W Single Output with PFC Function
logo
Astrodyne Corporation
SP-100 ASTRODYNE-SP-100 Datasheet
327Kb / 2P
   100W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-100 MEANWELL-SP-100 Datasheet
293Kb / 2P
   100W Single Output with PFC Function
logo
RSG Electronic Componen...
SP-100 RSG-SP-100 Datasheet
138Kb / 2P
   100W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-100 MEANWELL-SP-100 Datasheet
301Kb / 2P
   100W Single Output with PFC Function
More results

Similar Description - SP-1KL

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
ST-1KA KODENSHI-ST-1KA Datasheet
259Kb / 2P
   Photo transistors(high-sensitivity NPN silicon phototransistors mounted in durable)
SP-45ML KODENSHI-SP-45ML Datasheet
191Kb / 2P
   Photo diodes(silicon photodiode mounted in a TO-5 type header)
ST-1KL3A KODENSHI-ST-1KL3A Datasheet
257Kb / 2P
   Photo transistors(high-sensitivity NPN silicon phototransistors mounted in durable)
SP-2ML KODENSHI-SP-2ML Datasheet
230Kb / 2P
   Photo diodes(silicon photodiode mounted in a TO-18 type header)
SP-1ML KODENSHI-SP-1ML Datasheet
232Kb / 2P
   Photo diodes(silicon photodiode mounted in a TO-18 type header)
SP-3ML KODENSHI-SP-3ML Datasheet
190Kb / 2P
   Photo diodes(silicon photodiode mounted in a TO-5 type header)
SP-101 KODENSHI-SP-101 Datasheet
229Kb / 2P
   Photo diodes(high-sensitivity photodiode mounted)
KSP-1MLR2 KODENSHI-KSP-1MLR2 Datasheet
35Kb / 2P
   Silicon Photodiode Mounted
logo
BetLux Electronics
BL-LS1311PD BETLUX-BL-LS1311PD Datasheet
141Kb / 3P
   SMD SILICON PHOTO DIODES
logo
KODENSHI_AUK CORP.
ST-23G KODENSHI-ST-23G Datasheet
209Kb / 2P
   Photo transistors(high-sensitivity NPN silicon phototransistor mounted in a clear sidelooking)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com