Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1864DBT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1864DBT
Description  4ch Audio ADCs With Universal Front End
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1864DBT Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCM1864DBT Datasheet HTML 3Page - Texas Instruments PCM1864DBT Datasheet HTML 4Page - Texas Instruments PCM1864DBT Datasheet HTML 5Page - Texas Instruments PCM1864DBT Datasheet HTML 6Page - Texas Instruments PCM1864DBT Datasheet HTML 7Page - Texas Instruments PCM1864DBT Datasheet HTML 8Page - Texas Instruments PCM1864DBT Datasheet HTML 9Page - Texas Instruments PCM1864DBT Datasheet HTML 10Page - Texas Instruments PCM1864DBT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 115 page
background image
PCM1860, PCM1862, PCM1864, PCM1864-Q1
www.ti.com
SLASE55A – NOVEMBER 2014 – REVISED DECEMBER 2014
Pin Assignments PCM1862, PCM1864 (continued)
Pin Functions PCM1862, PCM1864 (continued)
PIN
I/O
DESCRIPTIONS
NAME
NO.
GPIO1 / INT A / DMIN
21
I/O
GPIO 1, Interrupt A or Digital Microphone Input
MISO / GPIO0 / DMIN2
22
I/O
SPI-Mode Master In, Slave Out OR I2C-Mode GPIO0, OR DMIN2 (PCM1864 Only)
MOSI / SDA
23
I/O
SPI-Mode Master Out, Slave IN OR I2C-Mode SDA
MC / SCL
24
I
SPI-ModeSerial Bit Clock I2C-Mode Serial Bit Clock
MS / AD
25
I
SPI-Mode Chip Select OR I2C-Mode Address Pin
MD0
26
I
Control Method Select Pin: I2C (tied low or not connected) or SPI (tied high)
VINL4/VIN4M
27
I
Analog input 4, L-channel (or Differential M input for input 4)
VINR4/VIN3M
28
I
Analog input 4, R-channel (or Differential M input for input 3)
VINL3/VIN4P
29
I
Analog input 3, L-channel (or Differential P input for input 4)
VINR3/VIN3P
30
I
Analog input 3, R-channel (or Differential P input for input 3)
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: PCM1860 PCM1862 PCM1864 PCM1864-Q1


Similar Part No. - PCM1864DBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1864 TI1-PCM1864 Datasheet
2Mb / 141P
[Old version datasheet]   Automotive, 4-Channel or 2-Channel, 192-kHz, Audio ADCs
PCM1864-Q1 TI1-PCM1864-Q1 Datasheet
2Mb / 141P
[Old version datasheet]   Automotive, 4-Channel or 2-Channel, 192-kHz, Audio ADCs
PCM1864QDBTRQ1 TI1-PCM1864QDBTRQ1 Datasheet
2Mb / 141P
[Old version datasheet]   Automotive, 4-Channel or 2-Channel, 192-kHz, Audio ADCs
More results

Similar Description - PCM1864DBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1861 TI-PCM1861_15 Datasheet
5Mb / 115P
[Old version datasheet]   PCM186x 110dB 2ch and 4ch Audio ADCs with Universal Front End
PCM1860 TI-PCM1860_15 Datasheet
5Mb / 115P
[Old version datasheet]   PCM186x 103 dB 2ch and 4ch Audio ADCs With Universal Front End
PCM1865-Q1 TI1-PCM1865-Q1 Datasheet
5Mb / 108P
[Old version datasheet]   Universal Front End
logo
ams AG
AS3510 AMSCO-AS3510 Datasheet
60Kb / 2P
   Analog Audio Front-End
AS1488 AMSCO-AS1488 Datasheet
875Kb / 20P
   Analog Audio Front End
AS3510 AMSCO-AS3510_04 Datasheet
875Kb / 20P
   ANALOG AUDIO FRONT-END
logo
Vicor Corporation
VI-AIM VICOR-VI-AIM Datasheet
51Kb / 2P
   Universal AC Input Front End Module
VI-AIM-E1 VICOR-VI-AIM-E1_17 Datasheet
164Kb / 4P
   Universal AC Input Front End Module
logo
Asahi Kasei Microsystem...
AK7722 AKM-AK7722 Datasheet
457Kb / 28P
   24bit 4ch ADC 24bit 4ch DAC with Audio DSP
logo
NXP Semiconductors
UCB1100 PHILIPS-UCB1100 Datasheet
290Kb / 36P
   Advanced modem/audio analog front-end
1998 May 08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com