Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1753DBQR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1753DBQR
Description  Multi-Level Delta-Sigma Audio Digital-to- Analog Converter
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1753DBQR Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCM1753DBQR Datasheet HTML 3Page - Texas Instruments PCM1753DBQR Datasheet HTML 4Page - Texas Instruments PCM1753DBQR Datasheet HTML 5Page - Texas Instruments PCM1753DBQR Datasheet HTML 6Page - Texas Instruments PCM1753DBQR Datasheet HTML 7Page - Texas Instruments PCM1753DBQR Datasheet HTML 8Page - Texas Instruments PCM1753DBQR Datasheet HTML 9Page - Texas Instruments PCM1753DBQR Datasheet HTML 10Page - Texas Instruments PCM1753DBQR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
ML
MC
MD
t
(MDS)
t
(MCY)
t
(MDH)
t
(MCH)
t
(MLS)
t
(MCL)
LSB
t
(MLH)
t
(MHH)
S
3
256
f
´
(1)
seconds (min); fS: sampling rate.
PCM1753, PCM1754, PCM1755
www.ti.com
SLES092D – APRIL 2010 – REVISED AUGUST 2015
7.8 Control Interface Timing Requirements
These timing parameters are critical for proper control port operation.
MIN
NOM
MAX
UNIT
t(MCY)
MC pulse cycle time
100
ns
t(MCL)
MC low-level time
50
ns
t(MCH)
MC high-level time
50
ns
t(MCH)
ML high-level time
See (1)
ns
See Figure 1.
t(MLS)
ML falling edge to MC rising edge
20
ns
t(MLH)
ML hold time(2)
20
ns
t(MDH)
MD hold time
15
ns
t(MCS)
MD setup time
20
ns
(2)
MC rising edge for LSB to ML rising edge.
Figure 1. Control Interface Timing
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: PCM1753 PCM1754 PCM1755


Similar Part No. - PCM1753DBQR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1753DBQR BURR-BROWN-PCM1753DBQR Datasheet
309Kb / 33P
   24-BIT, 192 kHz SAMPLING ENHANCED MULTI-LEVEL, DELTA-SIGMA, AUDIO DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - PCM1753DBQR

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145074 MOTOROLA-MC145074 Datasheet
183Kb / 14P
   Stero Audio Sigma-Delta Digital-to-Analog Converter
logo
Burr-Brown (TI)
PCM1737 BURR-BROWN-PCM1737 Datasheet
180Kb / 27P
   24-Bit, 192kHz Sampling Enhanced Multi-Level, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
PCM1739 BURR-BROWN-PCM1739 Datasheet
140Kb / 16P
   24-Bit, 192kHz Sampling, Enhanced Multi-Level, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1608 TI1-PCM1608_15 Datasheet
1,012Kb / 46P
[Old version datasheet]   Delta-Sigma Digital-to-Analog Converter
logo
Burr-Brown (TI)
DSD1702 BURR-BROWN-DSD1702 Datasheet
417Kb / 28P
   ENHANCED MULTIFORMAT, DELTA-SIGMA, AUDIO DIGITAL-TO-ANALOG CONVERTER
PCM1754 BURR-BROWN-PCM1754 Datasheet
309Kb / 33P
   24-BIT, 192 kHz SAMPLING ENHANCED MULTI-LEVEL, DELTA-SIGMA, AUDIO DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1754-Q1 TI1-PCM1754-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   24-BIT 192-kHz SAMPLING ENHANCED MULTI-LEVEL DELTA-SIGMA AUDIO DIGITAL-TO-ANALOG CONVERTER
TLC320AD58C TI-TLC320AD58C Datasheet
178Kb / 27P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD57 TI1-TLC320AD57 Datasheet
135Kb / 21P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD57C TI-TLC320AD57C Datasheet
133Kb / 21P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com