Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1690 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1690
Description  Eight-Channel Audio Digital-to-Analog Converter
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1690 Datasheet(HTML) 8 Page - Texas Instruments

Back Button PCM1690 Datasheet HTML 4Page - Texas Instruments PCM1690 Datasheet HTML 5Page - Texas Instruments PCM1690 Datasheet HTML 6Page - Texas Instruments PCM1690 Datasheet HTML 7Page - Texas Instruments PCM1690 Datasheet HTML 8Page - Texas Instruments PCM1690 Datasheet HTML 9Page - Texas Instruments PCM1690 Datasheet HTML 10Page - Texas Instruments PCM1690 Datasheet HTML 11Page - Texas Instruments PCM1690 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
PCM1690
SBAS448B – OCTOBER 2008 – REVISED AUGUST 2015
www.ti.com
Electrical Characteristics: DAC (continued)
All specifications at TA = 25°C, VCC1 = VCC2 = 5 V, VDD = 3.3 V, fS = 48 kHz, SCKI = 512 fS, 24-bit data, and Sampling
Mode = Auto, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL FILTER PERFORMANCE WITH SLOW ROLL-OFF
0.328 ×
Passband
Hz
fS
0.673 ×
Stop band
Hz
fS
Passband ripple
< 0.328 × fS
±0.0013
dB
Stop band attenuation
> 0.673 × fS
–75
dB
DIGITAL FILTER PERFORMANCE
Except SCKI = 128 fS and 192 fS
28/fS
s
Group delay time (single, dual)
SCKI = 128 fS and 192 fS
19/fS
s
Group delay time (quad)
19/fS
s
De-emphasis error
±0.1
dB
6.7 Electrical Characteristics: Power-Supply Requirements
All specifications at TA = 25°C, VCC1 = VCC2 = 5 V, VDD = 3.3 V, fS = 48 kHz, SCKI = 512 fS, 24-bit data, and Sampling
Mode = Auto, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER-SUPPLY REQUIREMENTS
VCC1/2
4.5
5
5.5
VDC
Voltage range
VDD
3
3.3
3.6
VDC
fS = 48 kHz
74
110
mA
fS = 192 kHz
74
mA
ICC
Full power-down(1)
170
μA
Supply current
fS = 48 kHz
57
90
mA
fS = 192 kHz
76
mA
IDD
Full power-down(1)
60
μA
558
847
mW
Power dissipation
fS = 48 kHz fS = 192 kHz Full power-down
(1)
621
mW
1.05
mW
TEMPERATURE RANGE
Operating temperature
PCM1690 Consumer grade
–40
85
°C
(1)
SCKI, BCK, and LRCK stopped.
6.8 System Clock Timing Requirements
(see Figure 1)
MIN
MAX
UNIT
tSCY
System clock cycle time
27
ns
tSCH
System clock width high
10
ns
tSCL
System clock width low
10
ns
System clock duty cycle
40%
60%
8
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: PCM1690


Similar Part No. - PCM1690

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1690 TI-PCM1690 Datasheet
1Mb / 46P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multi-Level ?誇,Eight-Channel Audio Digital-to-Analog Converter
PCM1690-Q1 TI1-PCM1690-Q1 Datasheet
1Mb / 46P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multi-Level ?誇,Eight-Channel Audio Digital-to-Analog Converter
PCM1690DCA TI-PCM1690DCA Datasheet
1Mb / 46P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multi-Level ?誇,Eight-Channel Audio Digital-to-Analog Converter
PCM1690DCAR TI-PCM1690DCAR Datasheet
1Mb / 46P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multi-Level ?誇,Eight-Channel Audio Digital-to-Analog Converter
PCM1690DCARG4 TI-PCM1690DCARG4 Datasheet
1Mb / 46P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multi-Level ?誇,Eight-Channel Audio Digital-to-Analog Converter
More results

Similar Description - PCM1690

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM4108 TI-PCM4108 Datasheet
551Kb / 39P
[Old version datasheet]   HIGH-PERFORMANCE, 24-BIT, 216kHz SAMPLING, EIGHT-CHANNEL AUDIO DIGITAL-TO-ANALOG CONVERTER
PCM1789 TI1-PCM1789 Datasheet
1Mb / 41P
[Old version datasheet]   Audio Digital-to-Analog Converter
PCM1753-Q1 TI1-PCM1753-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Audio Digital-to-Analog Converter
PCM1780 TI1-PCM1780_15 Datasheet
724Kb / 35P
[Old version datasheet]   Audio Digital-to-Analog Converter
PCM1748 TI1-PCM1748_15 Datasheet
974Kb / 38P
[Old version datasheet]   Audio Digital-to-Analog Converter
PCM1795 TI1-PCM1795 Datasheet
1Mb / 63P
[Old version datasheet]   Stereo Audio Digital-to-Analog Converter
PCM1793 TI1-PCM1793_08 Datasheet
454Kb / 29P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1710U BURR-BROWN-PCM1710U Datasheet
192Kb / 17P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1794A TI1-PCM1794A Datasheet
995Kb / 34P
[Old version datasheet]   Audio Stereo Digital-to-Analog Converter
PCM1738 TI1-PCM1738_15 Datasheet
709Kb / 47P
[Old version datasheet]   Audio-Stereo Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com