Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM48511SQX Datasheet(PDF) 11 Page - Texas Instruments

Part # LM48511SQX
Description  Mono, Class D Audio Power Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM48511SQX Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM48511SQX Datasheet HTML 7Page - Texas Instruments LM48511SQX Datasheet HTML 8Page - Texas Instruments LM48511SQX Datasheet HTML 9Page - Texas Instruments LM48511SQX Datasheet HTML 10Page - Texas Instruments LM48511SQX Datasheet HTML 11Page - Texas Instruments LM48511SQX Datasheet HTML 12Page - Texas Instruments LM48511SQX Datasheet HTML 13Page - Texas Instruments LM48511SQX Datasheet HTML 14Page - Texas Instruments LM48511SQX Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
100
50
40
60
70
90
30
20
0.4
0
0
LOAD CURRENT (A)
0.05 0.10 0.15 0.20 0.25 0.30 0.35
80
10
100
50
40
60
70
90
30
20
0.7
0
0
LOAD CURRENT (A)
0.1
0.2
0.3
0.4
0.5
0.6
80
10
100
50
40
60
70
90
30
20
0.6
0
0
LOAD CURRENT (A)
0.1
0.2
0.3
0.4
0.5
80
10
0
3.5
OUTPUT POWER (W)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.5
1.0
1.5
2.0
2.5
3.0
1.8
0
0
1.6
OUTPUT POWER (W)
0.4
0.6
0.8
1.0
1.2
1.4
0.5
0
0.2
0.4
0.3
0.2
0.1
ÌLM48511
www.ti.com
SNAS416H – JULY 2007 – REVISED AUGUST 2015
Typical Characteristics (continued)
Figure 19. Power Dissipation vs Output Power
Figure 20. Power Dissipation vs Output Power
VDD = 3.6 V, RL = 8 Ω
VDD = 3 V, RL = 8 Ω
PV1 = 7 V, FF
PV1 = 4.8 V, FF
Figure 21. Boost Converter Efficiency vs ILOAD(DC)
Figure 22. Boost Converter Efficiency vs ILOAD(DC)
VDD = 5 V, PV1 = 7.8 V
VDD = 3.6 V, PV1 = 7 V
Figure 23. Boost Converter Efficiency vs ILOAD(DC)
VDD = 3 V, PV1 = 4.8 V
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ÌLM48511


Similar Part No. - LM48511SQX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48511SQ NSC-LM48511SQ Datasheet
440Kb / 22P
   3W, Ultra-Low EMI, Filterless, Mono, Class D Audio Power Amplifier with Spread Spectrum
LM48511SQ NSC-LM48511SQ Datasheet
442Kb / 22P
   3W, Ultra-Low EMI, Filterless, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
Texas Instruments
LM48511SQBD TI-LM48511SQBD Datasheet
144Kb / 2P
[Old version datasheet]   The LM48511 Integrates a Boost Converter with a High Efficiency
More results

Similar Description - LM48511SQX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
[Old version datasheet]   Mono Class-D Audio Amplifier
TAS2555 TI1-TAS2555 Datasheet
879Kb / 12P
[Old version datasheet]   Class-D Mono Audio Amplifier
logo
Anpec Electronics Corop...
APA2012 ANPEC-APA2012_18 Datasheet
293Kb / 19P
   3W Mono Class-D Audio Power Amplifier
APA2010B ANPEC-APA2010B Datasheet
542Kb / 19P
   3W Mono Class-D Audio Power Amplifier
logo
Eutech Microelectronics...
EUA2068 EUTECH-EUA2068 Datasheet
1,023Kb / 1P
   3.3W Mono Class-D Audio Power Amplifier
logo
Anpec Electronics Corop...
APA2012 ANPEC-APA2012 Datasheet
344Kb / 19P
   3W Mono Class-D Audio Power Amplifier
logo
Diodes Incorporated
PAM8301 DIODES-PAM8301 Datasheet
287Kb / 10P
   FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
logo
Power Analog Micoelectr...
PAM8301 PAM-PAM8301 Datasheet
223Kb / 11P
   Filterless Class-D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8304 DIODES-PAM8304 Datasheet
413Kb / 11P
   3W MONO CLASS D AUDIO AMPLIFIER
PAM8320 DIODES-PAM8320 Datasheet
640Kb / 11P
   20W Mono Class D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com