Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM48560 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM48560
Description  Audio Power Amplifier Series High Voltage Class H Ceramic Speaker Driver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM48560 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM48560_15 Datasheet HTML 4Page - Texas Instruments LM48560_15 Datasheet HTML 5Page - Texas Instruments LM48560_15 Datasheet HTML 6Page - Texas Instruments LM48560_15 Datasheet HTML 7Page - Texas Instruments LM48560_15 Datasheet HTML 8Page - Texas Instruments LM48560_15 Datasheet HTML 9Page - Texas Instruments LM48560_15 Datasheet HTML 10Page - Texas Instruments LM48560_15 Datasheet HTML 11Page - Texas Instruments LM48560_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
1m
10m
100m
1
OUTPUT VOLTAGE (Vp-p)
2m
5m
20m
50m
2
4
200m
500m
100
0.0001
0.001
0.01
0.1
1
0.0002
0.002
0.02
0.2
2
0.0005
0.005
0.05
0.5
5
10
20
50
f = 2 kHz
f = 1 kHz
f = 200 Hz
0.01
0.1
1
10
100
OUTPUT VOLTAGE (Vp-p)
0.001
0.01
0.1
1
10
100
f = 200 Hz
f = 1 kHz
f = 2 kHz
f = 5 kHz
f = 4 kHz
f = 3 kHz
0.01
0.1
1
10
100
OUTPUT VOLTAGE (Vp-p)
0.001
0.01
0.1
1
10
100
f = 200 Hz
f = 1 kHz
f = 2 kHz
f = 5 kHz
f = 4 kHz
f = 3 kHz
0.01
0.1
1
10
100
OUTPUT VOLTAGE (Vp-p)
0.001
0.01
0.1
1
10
100
f = 200 Hz
f = 1 kHz
f = 2 kHz
f = 5 kHz
f = 4 kHz
f = 3 kHz
FREQUENCY (Hz)
0
5
10
15
20
25
30
35
10
100
1000
10000
100000
0
1
2
3
4
5
6
7
8
10
100
1000
10000
100000
FREQUENCY (Hz)
LM48560
SNAS513F – AUGUST 2011 – REVISED NOVEMBER 2015
www.ti.com
Typical Characteristics (continued)
All typical performance curves are taken with conditions seen in Typical Characteristics, unless otherwise specified.
Figure 9. Output Voltage vs Frequency
Figure 10. Output Voltage vs Frequency
CL = 1.5 μF, THD+N ≤ 1%, Boosted
CL = 1.5 μF, THD+N ≤ 1%, Unboosted
Figure 11. THD+N vs Output Voltage
Figure 12. THD+N vs Output Voltage
CL = 0.6 μF, VDD = 3.6 V, Boosted, AV = 24 dB
CL = 1 μF, VDD = 3.6 V, Boosted, AV = 24 dB
Figure 13. THD+N vs Output Voltage
Figure 14. THD+N vs Output Voltage
CL = 1.5 μF, VDD = 3.6 V, Boosted, AV = 24 dB
CL = 1.5 μF, VDD = 3.6 V, Unboosted, AV = 0 dB
8
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LM48560


Similar Part No. - LM48560_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM48560 TI1-LM48560_13 Datasheet
2Mb / 26P
[Old version datasheet]   Audio Power Amplifier Series High Voltage Class H Ceramic Speaker Driver with Automatic Level Control
More results

Similar Description - LM48560_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM48560 TI1-LM48560_13 Datasheet
2Mb / 26P
[Old version datasheet]   Audio Power Amplifier Series High Voltage Class H Ceramic Speaker Driver with Automatic Level Control
LM48580TLX TI-LM48580TLX Datasheet
1Mb / 19P
[Old version datasheet]   LM48580 Boomer??Audio Power Amplifier Series High Efficiency Class H, High Voltage, Haptic Piezo Actuator / Ceramic Speaker Driver
LM48560 TI1-LM48560 Datasheet
2Mb / 28P
[Old version datasheet]   High Voltage Class H Ceramic Speaker Driver with Automatic Level Control
November 10, 2011
logo
National Semiconductor ...
LM48580 NSC-LM48580 Datasheet
417Kb / 16P
   High Efficiency Class H, High Voltage, Haptic Piezo Actuator / Ceramic Speaker Driver
logo
Maxim Integrated Produc...
MAX97000 MAXIM-MAX97000_V01 Datasheet
3Mb / 34P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
19-5004; Rev 1; 6/10
MAX97000 MAXIM-MAX97000 Datasheet
3Mb / 33P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
Rev 0; 11/09
logo
Texas Instruments
TAS2557 TI1-TAS2557 Datasheet
3Mb / 110P
[Old version datasheet]   5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense
TAS2555 TI-TAS2555_15 Datasheet
857Kb / 12P
[Old version datasheet]   TAS2555 5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense
logo
Realtek Semiconductor C...
ALC269 REALTEK-ALC269_08 Datasheet
1Mb / 79P
   HIGH DEFINITION AUDIO CODEC WITH EMBEDDED CLASS-D SPEAKER AMPLIFIER
ALC269 REALTEK-ALC269_09 Datasheet
1Mb / 79P
   HIGH DEFINITION AUDIO CODEC WITH EMBEDDED CLASS-D SPEAKER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com