Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4549B Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM4549B
Description  Multi-Channel Audio Codec With Sample Rate Conversion
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4549B Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM4549B Datasheet HTML 10Page - Texas Instruments LM4549B Datasheet HTML 11Page - Texas Instruments LM4549B Datasheet HTML 12Page - Texas Instruments LM4549B Datasheet HTML 13Page - Texas Instruments LM4549B Datasheet HTML 14Page - Texas Instruments LM4549B Datasheet HTML 15Page - Texas Instruments LM4549B Datasheet HTML 16Page - Texas Instruments LM4549B Datasheet HTML 17Page - Texas Instruments LM4549B Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
$
$
$
MIC1
AUX
MIC2
R
E
C
O
R
D
S
E
L
E
C
T
M
U
X
CD
VIDEO
LINE_IN
PHONE
PC_BEEP
LINE_OUT
LNLVL_OUT
MONO_OUT
EAPD
RESET#
SDATA_OUT
SYNC
BIT_CLK
SDATA_IN
XTAL_OUT
XTAL_IN
ID0#
ID1#
*
*
$
MIX2
+
MIX1
STEREO SIGNAL PATH
MONO SIGNAL PATH
Gain Attenuation Mute
(Mute is default)
NN
Address of Analog Input
Volume Control Register
NN (HEX)
G A M
*
Asterisk denotes default
setting after Cold Reset
DIGITAL SIGNAL PATH
18
18
18
18
16
Control bit m in Register with
hexadecimal address NN
Dm, NNh
Control Register with
hexadecimal address NN
NNh
$DAC
$DAC
$ADC
$ADC
18h
*
GAIN: D6,0Eh
*0 dB/20 dB
$&¶97
REGISTERS
CODEC
IDENTITY
SELECT
D13, 20h
NATIONAL
3D SOUND
GAIN
ATTEN
MUTE
1Ch
GAIN
MUTE
Atten Mute
MONO
VOLUME: 06h
Atten Mute
LINE LEVEL
VOLUME: 04h
Atten Mute
MASTER
VOLUME: 02h
G
A
M
0C
G
A
M
0A
A
M
0E
G
A
M
10
G
A
M
12
G
A
M
14
G
A
M
16
G
A
M
POWER SUPPLY
and
REFERENCES
MONO
MIX
MIX
STEREO
MIX 3D
POP
MS
*
LM4549B
SNAS598B – JULY 2012 – REVISED JULY 2015
www.ti.com
8 Detailed Description
8.1 Overview
The LM4549B codec can mix, process and convert among analog (stereo and mono) and digital (AC Link format)
inputs and outputs. There are four stereo and four mono analog inputs and two stereo and one mono analog
outputs. A single codec supports data streaming on two input and two output channels of the AC Link digital
interface simultaneously.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 ADC Inputs and Outputs
All four of the stereo analog inputs and three of the mono analog inputs can be selected for conversion by the
18-bit stereo ADC. Digital output from the left and right channel ADCs is always located in AC Link Input Frame
slots 3 and 4 respectively. Input level to either ADC channel can be muted or adjusted from the Record Gain
register, 1Ch. Adjustments are in 1.5 dB steps over a gain range of 0 dB to +22.5 dB and both channels mute
together (mute bit D15). Input selection for the ADC is through the Record Select Mux controlled from the Record
Select register, 1Ah, together with microphone selection controlled by the MS bit (bit D8) in the General Purpose
register, 20h. One of the stereo inputs, CD_IN, uses a quasi-differential 3-pin interface where both stereo
channel inputs are referenced to the third pin, CD_GND. CD_GND should be AC coupled to the source ground
and provides common-mode feedback to cancel ground noise. It is not a DC ground. The other three stereo
inputs, LINE_IN, AUX and VIDEO are 2-pin interfaces, single-ended for each stereo channel, with analog ground
14
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: LM4549B


Similar Part No. - LM4549B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4549B NSC-LM4549B Datasheet
933Kb / 28P
   AC ??7 Rev 2.1 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
More results

Similar Description - LM4549B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4546B NSC-LM4546B Datasheet
908Kb / 27P
   AC ??7 Rev 2 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
LM4549B NSC-LM4549B Datasheet
933Kb / 28P
   AC ??7 Rev 2.1 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
LM4548A NSC-LM4548A Datasheet
534Kb / 28P
   AC ??7 Rev 2 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
LM4546A NSC-LM4546A Datasheet
1Mb / 28P
   AC 97 Rev 2 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
logo
Texas Instruments
LM4548 TI1-LM4548 Datasheet
570Kb / 21P
[Old version datasheet]   AC 97 Rev 2 Codec with Sample Rate Conversion
LM4546B TI1-LM4546B Datasheet
1Mb / 37P
[Old version datasheet]   LM4546B AC 97 Rev 2 Multi-Channel Audio Codec with Sample Rate Conversion and Texas Instruments 3D Sound
logo
National Semiconductor ...
LM4550 NSC-LM4550 Datasheet
507Kb / 25P
   AC ??7 Rev 2.1 Multi-Channel Audio Codec with Stereo Headphone Amplifier, Sample Rate Conversion and National 3D Sound
LM4550B NSC-LM4550B Datasheet
998Kb / 31P
   AC 97 Rev 2.1 Multi-Channel Audio Codec with Stereo Headphone Amplifier, Sample Rate Conversion and National 3D Sound
logo
Texas Instruments
LM4450B TI1-LM4450B Datasheet
1Mb / 45P
[Old version datasheet]   LM4550B AC 97 Rev 2.1 Multi-Channel Audio Codec With Stereo Headphone Amplifier, Sample Rate Conversion and TI 3D Sou
logo
National Semiconductor ...
LM4546 NSC-LM4546_09 Datasheet
1Mb / 18P
   AC 97 Rev 2 Codec with Sample Rate Conversion and National 3D Sound
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com