Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4549B Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # LM4549B
Description  Multi-Channel Audio Codec With Sample Rate Conversion
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4549B Datasheet(HTML) 35 Page - Texas Instruments

Back Button LM4549B Datasheet HTML 31Page - Texas Instruments LM4549B Datasheet HTML 32Page - Texas Instruments LM4549B Datasheet HTML 33Page - Texas Instruments LM4549B Datasheet HTML 34Page - Texas Instruments LM4549B Datasheet HTML 35Page - Texas Instruments LM4549B Datasheet HTML 36Page - Texas Instruments LM4549B Datasheet HTML 37Page - Texas Instruments LM4549B Datasheet HTML 38Page - Texas Instruments LM4549B Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
LM4549B
www.ti.com
SNAS598B – JULY 2012 – REVISED JULY 2015
System Example (continued)
The bandgap reference and the anti-pop slow turnon circuit were improved in the LM4549B. A pullup resistor is
not required on VREF, pin 27. For an existing design, the 10-kΩ resistor can be left on the PCB, but the
temperature coefficient will improve with no resistor on this pin. In addition, the THD will improve by 0.2–0.5 dB.
The external capacitor is charged by an internal current source, ramping the voltage slowly. This results in slow
turn-on of the audio stages, eliminating “pops and clicks”. Thus, turn-on performance is also improved. The
pullup resistor, in conjunction with the internal impedance and the external capacitor, form a frequency
dependent divider from the analog supply. Noise on the analog supply will be coupled into the audio path, with
approximately 30 dB. of attenuation. Although this is not a large amount if the noise on the supply is tens of
millivolts, it will prevent SNR from exceeding 80 dB.
In Figure 21 and Figure 22, the input coupling capacitors are shown as 1-µF capacitors. This is only necessary
for extending the response down to 20 Hz. for music applications. For telematics or voice applications, the lower
3-dB point can be much higher. Using a specified input resistance of 10 k
Ω, (40 kΩ typical), a 0.1-µF capacitor
may be used. The lower 3-dB point will still be below 300 Hz. By using a smaller capacitor, the package size may
be reduced, leading to a lower system cost.
10 Power Supply Recommendations
The LM4549B is designed to operate from an analog input voltage supply range between 4.2 V and 5.5 V.
The digital input voltage supply range is between 3 V and 5.5 V.
TI recommends connecting 1-µF and 0.1-µF decoupling capacitors in series on both the analog and digital
supply pins.
11 Layout
11.1 Layout Guidelines
The LM4549B must be initialized by using RESET# to perform a Power-On Reset.
Don't leave unused Analog inputs floating. Tie all unused inputs together and connect to Analog Ground
through a capacitor (that is, 0.1-µF).
Do not leave CD_GND floating when using the CD stereo input. CD_GND is the AC signal reference for the
CD channels and should be connected to the CD source ground (Analog Ground may also be acceptable)
through a 1-µF capacitor.
If using a non-standard AC Link controller take care to keep the SYNC and SDATA_IN signals low during
Cold Reset to avoid entering the ATE or Vendor test modes by mistake.
The PC_Beep input should be muted if not used since it defaults to 0-dB gain on reset, unlike the mute
default of the other analog inputs.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: LM4549B


Similar Part No. - LM4549B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4549B NSC-LM4549B Datasheet
933Kb / 28P
   AC ??7 Rev 2.1 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
More results

Similar Description - LM4549B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4546B NSC-LM4546B Datasheet
908Kb / 27P
   AC ??7 Rev 2 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
LM4549B NSC-LM4549B Datasheet
933Kb / 28P
   AC ??7 Rev 2.1 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
LM4548A NSC-LM4548A Datasheet
534Kb / 28P
   AC ??7 Rev 2 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
LM4546A NSC-LM4546A Datasheet
1Mb / 28P
   AC 97 Rev 2 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
logo
Texas Instruments
LM4548 TI1-LM4548 Datasheet
570Kb / 21P
[Old version datasheet]   AC 97 Rev 2 Codec with Sample Rate Conversion
LM4546B TI1-LM4546B Datasheet
1Mb / 37P
[Old version datasheet]   LM4546B AC 97 Rev 2 Multi-Channel Audio Codec with Sample Rate Conversion and Texas Instruments 3D Sound
logo
National Semiconductor ...
LM4550 NSC-LM4550 Datasheet
507Kb / 25P
   AC ??7 Rev 2.1 Multi-Channel Audio Codec with Stereo Headphone Amplifier, Sample Rate Conversion and National 3D Sound
LM4550B NSC-LM4550B Datasheet
998Kb / 31P
   AC 97 Rev 2.1 Multi-Channel Audio Codec with Stereo Headphone Amplifier, Sample Rate Conversion and National 3D Sound
logo
Texas Instruments
LM4450B TI1-LM4450B Datasheet
1Mb / 45P
[Old version datasheet]   LM4550B AC 97 Rev 2.1 Multi-Channel Audio Codec With Stereo Headphone Amplifier, Sample Rate Conversion and TI 3D Sou
logo
National Semiconductor ...
LM4546 NSC-LM4546_09 Datasheet
1Mb / 18P
   AC 97 Rev 2 Codec with Sample Rate Conversion and National 3D Sound
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com