Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV134PAG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DRV134PAG4
Description  Audio-Balanced Line Drivers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV134PAG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DRV134PAG4 Datasheet HTML 4Page - Texas Instruments DRV134PAG4 Datasheet HTML 5Page - Texas Instruments DRV134PAG4 Datasheet HTML 6Page - Texas Instruments DRV134PAG4 Datasheet HTML 7Page - Texas Instruments DRV134PAG4 Datasheet HTML 8Page - Texas Instruments DRV134PAG4 Datasheet HTML 9Page - Texas Instruments DRV134PAG4 Datasheet HTML 10Page - Texas Instruments DRV134PAG4 Datasheet HTML 11Page - Texas Instruments DRV134PAG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Supply Voltage (V)
±4
±18
±16
±14
±12
±10
±8
±6
±5.6
±5.4
±5.2
±5
±4.8
±4.6
T = –55°C
T = +25°C
T = +125°C
Temperature ( °C)
–75
–50
–25
0
25
50
75
125
100
±120
±100
±80
±60
±40
±20
+I
SC
–I
SC
Output Current (mA)
0
±20
±40
±60
±80
±100
18
16
14
12
10
8
–8
–10
–12
–14
–16
–18
–55°C
+25°C
+125°C
+125°C
+25°C
–55°C
Supply Voltage (V)
±4
±6
±8
±10
±12
±14
±16
±18
20
16
12
8
4
0
THD+N ≤ 0.1%
Frequency (Hz)
10
100
1k
1M
100k
10k
120
100
80
60
40
20
0
+PSRR
–PSRR
V
S = ±4.5V to ±18V
Frequency (Hz)
10k
20k
100k
80k
50k
20
16
12
8
4
0
0.1% Distortion
0.01% Distortion
R
L = 600Ω
Diff Mode
DRV134, DRV135
SBOS094B – JANUARY 1998 – REVISED DECEMBER 2014
www.ti.com
Typical Characteristics (continued)
At TA = 25°C, VS = ±18 V, RL = 600 Ω differential connected between +VO and –VO, unless otherwise noted.
Figure 11. Power Supply Rejection vs Frequency
Figure 12. Maximum Output Voltage Swing vs Frequency
Figure 13. Output Voltage Swing vs Supply Voltage
Figure 14. Output Voltage Swing vs Output Current
Figure 15. Quiescent Current vs Supply Voltage
Figure 16. Short-Circuit Current vs Temperature
8
Submit Documentation Feedback
Copyright © 1998–2014, Texas Instruments Incorporated
Product Folder Links: DRV134 DRV135


Similar Part No. - DRV134PAG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DRV134PAG4 BURR-BROWN-DRV134PAG4 Datasheet
186Kb / 12P
   AUDIO BALANCED LINE DRIVERS
logo
Texas Instruments
DRV134PAG4 TI1-DRV134PAG4 Datasheet
830Kb / 20P
[Old version datasheet]   AUDIO BALANCED LINE DRIVERS
More results

Similar Description - DRV134PAG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DRV134 BURR-BROWN-DRV134 Datasheet
229Kb / 10P
   AUDIO BALANCED LINE DRIVERS
DRV134 BURR-BROWN-DRV134_06 Datasheet
186Kb / 12P
   AUDIO BALANCED LINE DRIVERS
logo
Texas Instruments
DRV135UAG4 TI1-DRV135UAG4 Datasheet
830Kb / 20P
[Old version datasheet]   AUDIO BALANCED LINE DRIVERS
logo
List of Unclassifed Man...
THAT1420 ETC-THAT1420 Datasheet
120Kb / 8P
   Balanced Line Drivers
logo
STMicroelectronics
BC297 STMICROELECTRONICS-BC297 Datasheet
117Kb / 3P
   AUDIO DRIVERS
logo
Texas Instruments
SN74128NSR TI1-SN74128NSR Datasheet
842Kb / 16P
[Old version datasheet]   LINE DRIVERS
SN54128 TI-SN54128 Datasheet
128Kb / 4P
[Old version datasheet]   LINE DRIVERS
logo
Analog Devices
SSM2142SZ AD-SSM2142SZ Datasheet
676Kb / 8P
   Balanced Line Driver
REV. C
SSM2142 AD-SSM2142 Datasheet
227Kb / 6P
   Balanced Line Driver
REV. B
SSM2142 AD-SSM2142_15 Datasheet
676Kb / 8P
   Balanced Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com