Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DIX4192IPFBR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DIX4192IPFBR
Description  Integrated Digital Audio Interface Receiver and Transmitter
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DIX4192IPFBR Datasheet(HTML) 1 Page - Texas Instruments

  DIX4192IPFBR Datasheet HTML 1Page - Texas Instruments DIX4192IPFBR Datasheet HTML 2Page - Texas Instruments DIX4192IPFBR Datasheet HTML 3Page - Texas Instruments DIX4192IPFBR Datasheet HTML 4Page - Texas Instruments DIX4192IPFBR Datasheet HTML 5Page - Texas Instruments DIX4192IPFBR Datasheet HTML 6Page - Texas Instruments DIX4192IPFBR Datasheet HTML 7Page - Texas Instruments DIX4192IPFBR Datasheet HTML 8Page - Texas Instruments DIX4192IPFBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 69 page
background image
S/PDIF
IN
DIX4192
DSP
x4
S/PDIF
OUT
PCM x1
GPO/INT
I2C
x1
PCM5242
PCM x1
TPA6120A2
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
DIX4192
SBFS031D – JANUARY 2006 – REVISED JANUARY 2016
DIX4192 Integrated Digital Audio Interface Receiver and Transmitter
1 Features
Small TQFP-48 Package, Compatible With the
SRC4382 and SRC4392
1
Digital Audio Interface Transmitter (DIT)
Supports Sampling Rates Up to 216 kHz
2 Applications
Includes Differential Line Driver and
Digital Audio Recorders and Mixing Desks
CMOS-Buffered Outputs
Digital Audio Interfaces for Computers
Block-Sized Data Buffers for Both Channel
Digital Audio Routers and Distribution Systems
Status and User Data
Broadcast Studio Equipment
Status Registers and Interrupt Generation for
DVD and CD Recorders
Flag and Error Conditions
Surround Sound Decoders and A/V Receivers
Digital Audio Interface Receiver (DIR)
Car Audio Systems
PLL Lock Range Includes Sampling Rates
from 20 kHz to 216 kHz
3 Description
Includes Four Differential-Input Line Receivers
The DIX4192 device is a highly-integrated CMOS
and an Input Multiplexer
device
designed
for
use
in
professional
and
Bypass Multiplexer Routes Line Receiver
broadcast
digital
audio
systems.
The
DIX4192
Outputs to Line Driver and Buffer Outputs
combines a digital audio interface receiver (DIR) and
Block-Sized Data Buffers for Both Channel
transmitter (DIT), two audio serial ports, and flexible
distribution logic for interconnection of the function
Status and User Data
block data and clocks.
Automatic Detection of Non-PCM Audio
Streams (DTS CD/LD and IEC 61937 formats)
The DIR and DIT are compatible with the AES3,
S/PDIF, IEC 60958, and EIAJ CP-1201 interface
Audio CD Q-Channel Sub-Code Decoding and
standards. The audio serial ports and DIT may be
Data Buffer
operated at sampling rates up to 216 kHz. The DIR
Status Registers and Interrupt Generation for
lock range includes sampling rates from 20 kHz to
Flag and Error Conditions
216 kHz.
Low Jitter Recovered Clock Output
Device Information(1)
User-Selectable Serial Host Interface: SPI™ or
PART NUMBER
PACKAGE
BODY SIZE (NOM)
I2C
DIX4192
TQFP (48)
7.00 mm × 7.00 mm
Provides Access to On-Chip Registers and
Data Buffers
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Two Audio Serial Ports (Ports A and B)
Synchronous Serial Interface to External
DIX4192 Typical Application
Signal Processors, Data Converters, and Logic
Slave or Master Mode Operation With
Sampling Rates Up to 216 kHz
Supports Left-Justified, Right-Justified, and
Philips I2S™ Data Formats
Supports Audio Data Word Lengths Up to
24 Bits
Four General-Purpose Digital Outputs
Multifunction Programmable Through Control
Registers
Extensive Power-Down Support
Functional Blocks May Be Disabled
Individually When Not In Use
Operates From 1.8-V Core and 3.3-V I/O Power
Supplies
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - DIX4192IPFBR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DIX4192IPFBR BURR-BROWN-DIX4192IPFBR Datasheet
806Kb / 60P
   Integrated Digital Audio Interface Receiver and Transmitter
logo
Texas Instruments
DIX4192IPFBR-Q1 TI1-DIX4192IPFBR-Q1 Datasheet
790Kb / 65P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192IPFBRQ1 TI1-DIX4192IPFBRQ1 Datasheet
790Kb / 65P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192IPFBRQ1 TI1-DIX4192IPFBRQ1 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
More results

Similar Description - DIX4192IPFBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DIX4192IPFBG4 TI1-DIX4192IPFBG4 Datasheet
1Mb / 64P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1_17 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1 Datasheet
790Kb / 65P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
logo
Burr-Brown (TI)
DIX4192 BURR-BROWN-DIX4192 Datasheet
806Kb / 60P
   Integrated Digital Audio Interface Receiver and Transmitter
SRC4382 BURR-BROWN-SRC4382 Datasheet
7Mb / 81P
   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
Texas Instruments
SRC4382 TI1-SRC4382_14 Datasheet
1Mb / 84P
[Old version datasheet]   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
Burr-Brown (TI)
SRC4392 BURR-BROWN-SRC4392 Datasheet
6Mb / 79P
   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
Texas Instruments
SRC4392 TI1-SRC4392_14 Datasheet
1Mb / 94P
[Old version datasheet]   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
List of Unclassifed Man...
CS8401 ETC-CS8401 Datasheet
365Kb / 34P
   Digital Audio Interface Transmitter
YM3437C ETC-YM3437C Datasheet
969Kb / 11P
   DIGITAL AUDIO INTERFACE TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com