Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DIR9001 Datasheet(PDF) 11 Page - Texas Instruments

Part # DIR9001
Description  Digital Audio Interface Receiver
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DIR9001 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DIR9001_15 Datasheet HTML 7Page - Texas Instruments DIR9001_15 Datasheet HTML 8Page - Texas Instruments DIR9001_15 Datasheet HTML 9Page - Texas Instruments DIR9001_15 Datasheet HTML 10Page - Texas Instruments DIR9001_15 Datasheet HTML 11Page - Texas Instruments DIR9001_15 Datasheet HTML 12Page - Texas Instruments DIR9001_15 Datasheet HTML 13Page - Texas Instruments DIR9001_15 Datasheet HTML 14Page - Texas Instruments DIR9001_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
Clock and Data Recovery
SCKO
BCKO
LRCKO
DOUT
RXIN
Divider
FILT
XTO
XTI
FSOUT0
FSOUT1
RST
OSC
RESET
CLKST
EMPH
UOUT
COUT
BFRAME
VCO
CKSEL
DGND
ERROR
AUDIO
Power Supply
V
DD
DGND
AGND
V
CC
PSCK0
PSCK1
FMT0
RSV
PLL
Divider
Decoder
FMT1
Preamble
Detector
Charge
Pump
Sampling
Frequency
Calculator
Clock
Decoder
Biphase
Data Decoder
Serial
AudioData
Formatter
ERROR
Detector
Function
Control
AudioData
MUTE Control
Channel Status
and
UserData
Output
DIR9001
www.ti.com
SLES198A – DECEMBER 2006 – REVISED MAY 2015
8 Detailed Description
8.1 Overview
The DIR9001 is a digital audio interface receiver that can receive a 28-kHz to 108-kHz sampling frequency, 24-
bit-data-word, biphase-encoded signal and output a serial audio signal. The DIR9001 complies with the jitter
specification IEC60958-3, JEITA CPR1205 (Revised version of EIAJ CP-1201), AES3, EBUtech3250, and it can
be used in various applications that require a digital audio interface.
The DIR9001 supports MSB-first PCM data output in 24-bit I2S, 24-bit left justified, 24-bit right justified, or 16-bit
right justified form. Sampling rates of 32 kHz, 44.1 kHz, 48 kHz, 88.2 kHz, and 96 kHz are supported on the
serial audio data output when in PLL mode. All functions which the DIR9001 provides can be controlled directly
through control pins. This means that they can be pulled high or low for full operation of the DIR9001 without a
microcontroller. A microcontroller can also be used to drive the function pins to provide an adaptable system.
Also, as dedicated pins are provided for the channel-status bit and user-data bit, processing of their information
can be easily accomplished by connecting with a microcontroller, DSP, and so on.
The DIR9001 can derive a system clock by recovering the source’s clock from the biphase input signal.
Therefore, the DIR9001 does not require an external clock source or resonator for decode operation if the
internal actual-sampling-frequency calculator is not used which in turn can reduce the system cost. The serial
audio data output can also be driven by an external source such as a crystal or ceramic resonator.
The operating temperature range of the DIR9001 is specified as –40°C to 85°C, which makes it suitable for
automotive applications.
8.2 Functional Block Diagram
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: DIR9001


Similar Part No. - DIR9001_15

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DIR9001-Q1 BURR-BROWN-DIR9001-Q1 Datasheet
378Kb / 30P
   96-kHz, 24-Bit Digital Audio Interface Receiver
logo
Texas Instruments
DIR9001IPWQ1 TI1-DIR9001IPWQ1 Datasheet
787Kb / 35P
[Old version datasheet]   96-kHz, 24-Bit Digital Audio Interface Receiver
DIR9001IPWRQ1 TI1-DIR9001IPWRQ1 Datasheet
787Kb / 35P
[Old version datasheet]   96-kHz, 24-Bit Digital Audio Interface Receiver
DIR9001IPWRQ1G4 TI1-DIR9001IPWRQ1G4 Datasheet
787Kb / 35P
[Old version datasheet]   96-kHz, 24-Bit Digital Audio Interface Receiver
DIR9001PW TI-DIR9001PW Datasheet
391Kb / 30P
[Old version datasheet]   96-kHz, 24-Bit Digital Audio Interface Receiver
More results

Similar Description - DIR9001_15

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DIR1703 BURR-BROWN-DIR1703 Datasheet
236Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
List of Unclassifed Man...
YM3623B ETC-YM3623B Datasheet
574Kb / 10P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Sanyo Semicon Device
LC89052T SANYO-LC89052T Datasheet
483Kb / 42P
   Digital Audio Interface Receiver
LC89052TA-E SANYO-LC89052TA-E Datasheet
230Kb / 42P
   Digital Audio Interface Receiver
logo
Burr-Brown (TI)
DIR1700 BURR-BROWN-DIR1700 Datasheet
87Kb / 3P
   DIGITAL AUDIO INTERFACE RECEIVER
DIR1701 BURR-BROWN-DIR1701 Datasheet
290Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Wolfson Microelectronic...
WM8803 WOLFSON-WM8803 Datasheet
376Kb / 45P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Sanyo Semicon Device
LC8901 SANYO-LC8901 Datasheet
177Kb / 15P
   Digital Audio Interface Receiver
LC8903 SANYO-LC8903 Datasheet
299Kb / 15P
   Digital Audio Interface Receiver?
LC89051V SANYO-LC89051V Datasheet
275Kb / 15P
   Digital Audio Interface Receiver
logo
STMicroelectronics
STA120DJ13TR STMICROELECTRONICS-STA120DJ13TR Datasheet
194Kb / 15P
   DIGITAL AUDIO INTERFACE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com