Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDMS86369_F085 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDMS86369_F085
Description  Primary Switch for 12V Systems
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMS86369_F085 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDMS86369_F085 Datasheet HTML 1Page - Fairchild Semiconductor FDMS86369_F085 Datasheet HTML 2Page - Fairchild Semiconductor FDMS86369_F085 Datasheet HTML 3Page - Fairchild Semiconductor FDMS86369_F085 Datasheet HTML 4Page - Fairchild Semiconductor FDMS86369_F085 Datasheet HTML 5Page - Fairchild Semiconductor FDMS86369_F085 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
©2015 Fairchild Semiconductor Corporation
FDMS86369_F085 Rev. C1
www.fairchildsemi.com
3
Typical Characteristics
Figure 1. Normalized Power Dissipation vs. Case
Temperature
0
25
50
75
100
125
150
175
0.0
0.2
0.4
0.6
0.8
1.0
1.2
TC, CASE TEMPERATURE(oC)
Figure 2. Maximum Continuous Drain Current vs.
Case Temperature
25
50
75
100
125
150
175
200
0
20
40
60
80
100
CURRENT LIMITED
BY SILICON
CURRENT LIMITED
BY PACKAGE
VGS = 10V
TC, CASE TEMPERATURE(oC)
Figure 3.
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
0.01
0.1
1
SINGLE PULSE
D = 0.50
0.20
0.10
0.05
0.02
0.01
t, RECTANGULAR PULSE DURATION(s)
DUTY CYCLE - DESCENDING ORDER
2
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJA x RθJA + TC
PDM
t1
t2
Normalized Maximum Transient Thermal Impedance
Figure 4. Peak Current Capability
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
100
1000
VGS = 10V
SINGLE PULSE
t, RECTANGULAR PULSE DURATION(s)
TC = 25
oC
I = I2
175 - TC
150
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:


Similar Part No. - FDMS86369_F085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS86368_F085 FAIRCHILD-FDMS86368_F085 Datasheet
535Kb / 6P
   Primary Switch for 12V Systems
More results

Similar Description - FDMS86369_F085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD86567_F085 FAIRCHILD-FDD86567_F085 Datasheet
400Kb / 6P
   Primary Switch for 12V Systems
FDMS86368_F085 FAIRCHILD-FDMS86368_F085 Datasheet
535Kb / 6P
   Primary Switch for 12V Systems
FDMS86568_F085 FAIRCHILD-FDMS86568_F085 Datasheet
618Kb / 6P
   Primary Switch for 12V Systems
logo
PHOENIX CONTACT
102044 PHOENIX-102044 Datasheet
236Kb / 13P
   Primary-Switched Power Supply for Supplying AS-Interface Systems
01/2005
102045 PHOENIX-102045 Datasheet
252Kb / 13P
   Primary-Switched Power Supply for Supplying AS-Interface Systems
01/2005
logo
International Rectifier
IRF7171MTRPBF IRF-IRF7171MTRPBF Datasheet
751Kb / 11P
   Ideal for High Performance Isolated Converter Primary Switch
logo
STMicroelectronics
VIPER53EDIP-E STMICROELECTRONICS-VIPER53EDIP-E Datasheet
285Kb / 31P
   OFF-line Primary Switch
logo
Maxim Integrated Produc...
DS4560 MAXIM-DS4560 Datasheet
308Kb / 8P
   12V Hot-Plug Switch
Rev 2; 5/09
logo
STMicroelectronics
VIPER53DIP STMICROELECTRONICS-VIPER53DIP Datasheet
259Kb / 24P
   OFF LINE PRIMARY SWITCH
VIPER53-E STMICROELECTRONICS-VIPER53-E Datasheet
358Kb / 36P
   OFF-line primary switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com