Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDBL86361_F085 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDBL86361_F085
Description  Automotive Engine Control
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDBL86361_F085 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDBL86361_F085 Datasheet HTML 1Page - Fairchild Semiconductor FDBL86361_F085 Datasheet HTML 2Page - Fairchild Semiconductor FDBL86361_F085 Datasheet HTML 3Page - Fairchild Semiconductor FDBL86361_F085 Datasheet HTML 4Page - Fairchild Semiconductor FDBL86361_F085 Datasheet HTML 5Page - Fairchild Semiconductor FDBL86361_F085 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FDBL86361_F085 Rev. C1
www.fairchildsemi.com
3
Typical Characteristics
Figure 1. Normalized Power Dissipation vs. Case
Temperature
0
25
50
75
100
125
150
175
0.0
0.2
0.4
0.6
0.8
1.0
1.2
TC, CASE TEMPERATURE(oC)
Figure 2. Maximum Continuous Drain Current vs.
Case Temperature
25
50
75
100
125
150
175
200
0
100
200
300
400
CURRENT LIMITED
BY SILICON
CURRENT LIMITED
BY PACKAGE
VGS = 10V
TC, CASE TEMPERATURE(oC)
Figure 3.
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
0.01
0.1
1
SINGLE PULSE
D = 0.50
0.20
0.10
0.05
0.02
0.01
t, RECTANGULAR PULSE DURATION(s)
DUTY CYCLE - DESCENDING ORDER
2
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJC x RθJC + TC
PDM
t1
t2
Normalized Maximum Transient Thermal Impedance
Figure 4. Peak Current Capability
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
100
1000
10000
V
GS = 10V
SINGLE PULSE
t, RECTANGULAR PULSE DURATION(s)
TC = 25oC
I = I2
175 - TC
150
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:


Similar Part No. - FDBL86361_F085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDBL86363_F085 FAIRCHILD-FDBL86363_F085 Datasheet
407Kb / 6P
   Automotive Engine Control
FDBL86366_F085 FAIRCHILD-FDBL86366_F085 Datasheet
408Kb / 6P
   Automotive Engine Control
More results

Similar Description - FDBL86361_F085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB86563_F085 FAIRCHILD-FDB86563_F085 Datasheet
474Kb / 6P
   Automotive Engine Control
FDBL86563_F085 FAIRCHILD-FDBL86563_F085 Datasheet
492Kb / 6P
   Automotive Engine Control
FDD9411_F085 FAIRCHILD-FDD9411_F085 Datasheet
383Kb / 6P
   Automotive Engine Control
FDBL86363_F085 FAIRCHILD-FDBL86363_F085 Datasheet
407Kb / 6P
   Automotive Engine Control
FDD86369_F085 FAIRCHILD-FDD86369_F085 Datasheet
462Kb / 6P
   Automotive Engine Control
FDBL86561_F085 FAIRCHILD-FDBL86561_F085 Datasheet
405Kb / 6P
   Automotive Engine Control
FDD86367_F085 FAIRCHILD-FDD86367_F085 Datasheet
340Kb / 6P
   Automotive Engine Control
FDBL86366_F085 FAIRCHILD-FDBL86366_F085 Datasheet
408Kb / 6P
   Automotive Engine Control
logo
Freescale Semiconductor...
33810 FREESCALE-33810_10 Datasheet
1Mb / 35P
   Automotive Engine Control IC
MC33810 FREESCALE-MC33810_08 Datasheet
2Mb / 35P
   Automotive Engine Control IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com