Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCP190N65F Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FCP190N65F
Description  LCD / LED / PDP TV
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCP190N65F Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FCP190N65F Datasheet HTML 1Page - Fairchild Semiconductor FCP190N65F Datasheet HTML 2Page - Fairchild Semiconductor FCP190N65F Datasheet HTML 3Page - Fairchild Semiconductor FCP190N65F Datasheet HTML 4Page - Fairchild Semiconductor FCP190N65F Datasheet HTML 5Page - Fairchild Semiconductor FCP190N65F Datasheet HTML 6Page - Fairchild Semiconductor FCP190N65F Datasheet HTML 7Page - Fairchild Semiconductor FCP190N65F Datasheet HTML 8Page - Fairchild Semiconductor FCP190N65F Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.fairchildsemi.com
©2014 Fairchild Semiconductor Corporation
FCP190N65F Rev. C2
2
Package Marking and Ordering Information
Electrical Characteristics T
C = 25
oC unless otherwise noted.
Off Characteristics
On Characteristics
Dynamic Characteristics
Switching Characteristics
Drain-Source Diode Characteristics
Part Number
Top Mark
Package
Packing Method
Reel Size
Tape Width
Quantity
FCP190N65F
FCP190N65F
TO-220
Tube
N/A
N/A
50 units
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain to Source Breakdown Voltage
VGS = 0 V, ID = 10 mA, TJ = 25°C
650
-
-
V
VGS = 0 V, ID = 10 mA, TJ = 150°C
700
-
-
ΔBVDSS / ΔTJ Breakdown Voltage Temperature
Coefficient
ID = 10 mA, Referenced to 25oC
-
0.72
-
V/oC
IDSS
Zero Gate Voltage Drain Current
VDS = 650 V, VGS = 0 V
-
-
10
μA
VDS = 520 V, TC = 125oC-
60
-
IGSS
Gate to Body Leakage Current
VGS = ±20 V, VDS = 0 V
-
-
±100
nA
VGS(th)
Gate Threshold Voltage
VGS = VDS, ID = 2 mA
3
-
5
V
RDS(on)
Static Drain to Source On Resistance
VGS = 10 V, ID = 10 A
-
168
190
m
Ω
gFS
Forward Transconductance
VDS = 20 V, ID = 10 A
-18
-
S
Ciss
Input Capacitance
VDS = 25 V, VGS = 0 V,
f = 1 MHz
-
2425
3225
pF
Coss
Output Capacitance
-
2110
2805
pF
Crss
Reverse Transfer Capacitance
-
105
155
pF
Coss
Output Capacitance
VDS = 380 V, VGS = 0 V, f = 1 MHz
-
44
-
pF
Coss(eff.)
Effective Output Capacitance
VDS = 0 V to 400 V, VGS = 0 V
-
304
-
pF
Qg(tot)
Total Gate Charge at 10V
VDS = 380 V, ID = 10 A,
VGS = 10 V
(Note 4)
-60
78
nC
Qgs
Gate to Source Gate Charge
-
12
-
nC
Qgd
Gate to Drain “Miller” Charge
-
25
-
nC
ESR
Equivalent Series Resistance
f = 1 MHz
-
0.6
-
Ω
td(on)
Turn-On Delay Time
VDD = 380 V, ID = 10 A,
VGS = 10 V, Rg = 4.7 Ω
(Note 4)
-25
60
ns
tr
Turn-On Rise Time
-
11
32
ns
td(off)
Turn-Off Delay Time
-
62
134
ns
tf
Turn-Off Fall Time
-
4.2
18
ns
IS
Maximum Continuous Drain to Source Diode Forward Current
-
-
20.6
A
ISM
Maximum Pulsed Drain to Source Diode Forward Current
-
-
61.8
A
VSD
Drain to Source Diode Forward Voltage
VGS = 0 V, ISD = 10 A
-
-
1.2
V
trr
Reverse Recovery Time
VGS = 0 V, ISD = 10 A,
dIF/dt = 100 A/μs
-
105
-
ns
Qrr
Reverse Recovery Charge
-
515
-
nC
Notes:
1. Repetitive rating: pulse width limited by maximum junction temperature.
2. IAS = 4 A, RG = 25 Ω, starting TJ = 25°C.
3. ISD ≤ 10 A, di/dt ≤ 200 A/μs, VDD ≤ 380 V, starting TJ = 25°C.
4. Essentially independent of operating temperature typical characteristics.


Similar Part No. - FCP190N65F

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FCP190N65F ISC-FCP190N65F Datasheet
301Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FCP190N65F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FCD600N60Z FAIRCHILD-FCD600N60Z Datasheet
612Kb / 9P
   LCD / LED / PDP TV and Monitor Lighting
logo
LG Semicon Co.,Ltd.
47LV5500 LG-47LV5500 Datasheet
523Kb / 2P
   47" Class 1080p LED LCD TV
logo
Samsung semiconductor
LA32C550J1F SAMSUNG-LA32C550J1F Datasheet
3Mb / 98P
   LCD-TV
logo
LG Semicon Co.,Ltd.
42LN5200 LG-42LN5200 Datasheet
8Mb / 48P
   LG LED TV applies LCD screen with LED backlights.
logo
Emerson Network Power
LC320EM2 EMERSON-NETWORKPOWER-LC320EM2 Datasheet
1Mb / 1P
   32 LCD TV
logo
Monolithic Power System...
MP4603 MPS-MP4603 Datasheet
515Kb / 18P
   White LED Driver for Large LCD TV Backlights
logo
Texas Instruments
FPD80200 TI1-FPD80200_13 Datasheet
48Kb / 4P
[Old version datasheet]   LCD TV TFT-LCD Timing Controller
FPD48084 TI1-FPD48084_13 Datasheet
47Kb / 4P
[Old version datasheet]   LCD TV TFT-LCD Column Driver
logo
List of Unclassifed Man...
LAXC021T0B-Q1 ETC2-LAXC021T0B-Q1 Datasheet
33Kb / 1P
   IC for LCD TV
logo
Sanyo Semicon Device
LC74982W SANYO-LC74982W Datasheet
99Kb / 14P
   LCD TV Scan Converter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com