Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCP104N60F Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FCP104N60F
Description  AC-DC Power Supply
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCP104N60F Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FCP104N60F Datasheet HTML 1Page - Fairchild Semiconductor FCP104N60F Datasheet HTML 2Page - Fairchild Semiconductor FCP104N60F Datasheet HTML 3Page - Fairchild Semiconductor FCP104N60F Datasheet HTML 4Page - Fairchild Semiconductor FCP104N60F Datasheet HTML 5Page - Fairchild Semiconductor FCP104N60F Datasheet HTML 6Page - Fairchild Semiconductor FCP104N60F Datasheet HTML 7Page - Fairchild Semiconductor FCP104N60F Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
©2013 Fairchild Semiconductor Corporation
FCP104N60F Rev. C3
www.fairchildsemi.com
5
Figure 12. Gate Charge Test Circuit & Waveform
Figure 13. Resistive Switching Test Circuit & Waveforms
Figure 14. Unclamped Inductive Switching Test Circuit & Waveforms
VGS
VDS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
VDD
10V
VDS
RL
DUT
RG
VGS
VGS
VDS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
VDD
10V
VDS
RL
DUT
RG
VGS
VGS
VGS


Similar Part No. - FCP104N60F

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FCP104N60F ISC-FCP104N60F Datasheet
337Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FCP104N60F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
POWERPLUG24W STMICROELECTRONICS-POWERPLUG24W Datasheet
180Kb / 5P
   AC/DC POWER SUPPLY
logo
CUI INC
PBK-3-B CUI-PBK-3-B_15 Datasheet
732Kb / 9P
   AC-DC POWER SUPPLY
VOF-6 CUI-VOF-6_15 Datasheet
237Kb / 5P
   AC-DC POWER SUPPLY
VSUP-1K2 CUI-VSUP-1K2_12 Datasheet
372Kb / 6P
   AC-DC POWER SUPPLY
PSF-155 CUI-PSF-155 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
SWI6-E CUI-SWI6-E Datasheet
413Kb / 5P
   AC-DC POWER SUPPLY
EPSA050100UE CUI-EPSA050100UE Datasheet
327Kb / 4P
   AC-DC POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE_12 Datasheet
363Kb / 5P
   AC-DC POWER SUPPLY
VMS-180 CUI-VMS-180 Datasheet
699Kb / 6P
   AC-DC POWER SUPPLY
SDI65-UD CUI-SDI65-UD_16 Datasheet
537Kb / 6P
   AC-DC POWER SUPPLY
SMI36 CUI-SMI36_16 Datasheet
506Kb / 5P
   AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com