Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCH070N60E Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FCH070N60E
Description  Telecom / Sever Power Supplies
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCH070N60E Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FCH070N60E Datasheet HTML 1Page - Fairchild Semiconductor FCH070N60E Datasheet HTML 2Page - Fairchild Semiconductor FCH070N60E Datasheet HTML 3Page - Fairchild Semiconductor FCH070N60E Datasheet HTML 4Page - Fairchild Semiconductor FCH070N60E Datasheet HTML 5Page - Fairchild Semiconductor FCH070N60E Datasheet HTML 6Page - Fairchild Semiconductor FCH070N60E Datasheet HTML 7Page - Fairchild Semiconductor FCH070N60E Datasheet HTML 8Page - Fairchild Semiconductor FCH070N60E Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©2015 Fairchild Semiconductor Corporation
FCH070N60E Rev. 1.0
www.fairchildsemi.com
1
April 2015
Absolute Maximum Ratings T
C = 25
oC unless otherwise noted.
Thermal Characteristics
Symbol
Parameter
FCH070N60E
Unit
VDSS
Drain to Source Voltage
600
V
VGSS
Gate to Source Voltage
- DC
±20
V
- AC
(f > 1 Hz)
±30
ID
Drain Current
- Continuous (TC = 25oC)
52
A
- Continuous (TC = 100oC)
33
IDM
Drain Current
- Pulsed
(Note 1)
156
A
EAS
Single Pulsed Avalanche Energy
(Note 2)
1128
mJ
IAR
Avalanche Current
(Note 1)
9.5
A
EAR
Repetitive Avalanche Energy
(Note 1)
4.8
mJ
dv/dt
MOSFET dv/dt
100
V/ns
Peak Diode Recovery dv/dt
(Note 3)
20
PD
Power Dissipation
(TC = 25oC)
481
W
- Derate Above 25oC3.85
W/oC
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
oC
TL
Maximum Lead Temperature for Soldering, 1/8” from Case for 5 Seconds
300
oC
Symbol
Parameter
FCH070N60E
Unit
RθJC
Thermal Resistance, Junction to Case, Max.
0.26
oC/W
RθJA
Thermal Resistance, Junction to Ambient, Max.
40
FCH070N60E
N-Channel SuperFET® II Easy-Drive MOSFET
600 V, 52 A, 70 m
Ω
Features
• 650 V @ TJ = 150°C
•Typ. RDS(on) = 58 mΩ
• Ultra Low Gate Charge (Typ. Qg = 128 nC)
• Low Effective Output Capacitance (Typ. Coss(eff.) = 457 pF)
• 100% Avalanche Tested
•RoHS Compliant
Applications
• Telecom / Sever Power Supplies
• Industrial Power Supplies
Description
SuperFET® II MOSFET is Fairchild Semiconductor’s brand-new
high voltage super-junction (SJ) MOSFET family that is utilizing
charge balance technology for outstanding low on-resistance
and lower gate charge performance. This technology is tailored
to minimize conduction loss, provide superior switching perfor-
mance, dv/dt rate and higher avalanche energy. Consequently,
SuperFET II MOSFET easy-drive series offers slightly slower
rise and fall times compared to the SuperFET II MOSFET
series. Noted by the "E" part number suffix, this family helps
manage EMI issues and allows for easier design implementa-
tion. For faster switching in applications where switching losses
must be at an absolute minimum, please consider the Super-
FET II MOSFET series.
G
D
S
TO-247
G
S
D


Similar Part No. - FCH070N60E

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FCH070N60E ISC-FCH070N60E Datasheet
405Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FCH070N60E

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FCP125N60E FAIRCHILD-FCP125N60E Datasheet
1Mb / 9P
   Telecom / Sever Power Supplies
FCH165N60E FAIRCHILD-FCH165N60E Datasheet
781Kb / 9P
   Telecom / Sever Power Supplies
FCH072N60 FAIRCHILD-FCH072N60 Datasheet
771Kb / 9P
   Telecom / Sever Power Supplies
FCH125N60E FAIRCHILD-FCH125N60E Datasheet
793Kb / 9P
   Telecom / Sever Power Supplies
FCP165N60E FAIRCHILD-FCP165N60E Datasheet
1Mb / 9P
   Telecom / Sever Power Supplies
FCPF067N65S3 FAIRCHILD-FCPF067N65S3 Datasheet
874Kb / 9P
   Telecom / Sever Power Supplies
logo
Vishay Siliconix
SIHW47N65E VISHAY-SIHW47N65E Datasheet
161Kb / 7P
   Server and telecom power supplies
Rev. C, 02-Dec-13
logo
Fairchild Semiconductor
FCMT199N60 FAIRCHILD-FCMT199N60 Datasheet
943Kb / 9P
   Server and Telecom Power Supplies
FCMT299N60 FAIRCHILD-FCMT299N60 Datasheet
616Kb / 9P
   Server and Telecom Power Supplies
logo
Power-One
PLP75 POWER-ONE-PLP75 Datasheet
80Kb / 6P
   AC-DC power supplies suited for telecom
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com