Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4435.0042 Datasheet(PDF) 6 Page - Schurter Inc.

Part # 4435.0042
Description  Circuit Breaker for Equipment thermal, Rocker actuation, 2 pole
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4435.0042 Datasheet(HTML) 6 Page - Schurter Inc.

  4435.0042 Datasheet HTML 1Page - Schurter Inc. 4435.0042 Datasheet HTML 2Page - Schurter Inc. 4435.0042 Datasheet HTML 3Page - Schurter Inc. 4435.0042 Datasheet HTML 4Page - Schurter Inc. 4435.0042 Datasheet HTML 5Page - Schurter Inc. 4435.0042 Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
Thermal (T- and TA-Line)
TA35 Rocker 2Pole
www.schurter.com/PG17_18_19
Circuit Breakers
All Variants
Basic function
Rocker colour
Legend
Rated current
Accessories
Config. Code
Order Number
2-pole, 2 bimetal, without illumination
White
embossed
3.0 A
Without cover
TA35-CBDWF030C0
4435.0022
2-pole, 2 bimetal, without illumination
White
black printed
3.0 A
Without cover
TA35-CBDWM030C0
4435.0374
2-pole, 2 bimetal, without illumination
Black
white printed
4.0 A
Without cover
TA35-CBDBH040C0
4435.0276
2-pole, 2 bimetal, without illumination
White
embossed
5.0 A
Without cover
TA35-CBDWF050C0
4435.0039
2-pole, 1 bimetal, without illumination
White
embossed
6.0 A
Without cover
TA35-CBTWF060C0
4435.0042
2-pole, 2 bimetal, illuminated 240 V
Green transparent
white printed
6.0 A
Without cover
TA35-C324H060C0
4435.0265
2-pole, 1 bimetal, without illumination
White
embossed
8.0 A
Without cover
TA35-CBTWF080C0
4435.0046
2-pole, 1 bimetal, without illumination
Black
white printed
8.0 A
Without cover
TA35-CBTBL080C0
4435.0067
2-pole, 2 bimetal, illuminated 240 V
Blue transparent
white printed
8.0 A
Transparent cover, IP65
TA35-C327L080C0-CZM21
4435.0483
2-pole, 1 bimetal, without illumination
Black
white printed
10.0 A
Without cover
TA35-CBTBL100C0
4435.0012
2-pole, 1 bimetal, without illumination
White
embossed
10.0 A
Without cover
TA35-CBTWF100C0
4435.0047
2-pole, 2 bimetal, without illumination
White
black printed
10.0 A
Without cover
TA35-CBDWM100C0
4435.0091
2-pole, 1 bimetal, illuminated 240 V
Green transparent
embossed
10.0 A
Without cover
TA35-C124F100C0
4435.0187
2-pole, 2 bimetal, without illumination
White
embossed
10.0 A
Without cover
TA35-CBDWF100C0
4435.0195
2-pole, 2 bimetal, without illumination
White
embossed
12.0 A
Without cover
TA35-CBDWF120C0
4435.0304
2-pole, 2 bimetal, without illumination
White
embossed
15.0 A
Without cover
TA35-CBDWF150C0
4435.0041
2-pole, 2 bimetal, without illumination
Black
embossed
15.0 A
Without cover
TA35-CBDBF150C0
4435.0347
2-pole, 2 bimetal, without illumination
White
black printed
15.0 A
Raised collar with trans-
parent cover, IP65
TA35-CBDWM150C0-
CZM23
4435.0423
2-pole, 1 bimetal, without illumination
White
embossed
20.0 A
Without cover
TA35-CBTWF200C0
4435.0002
2-pole, 2 bimetal, without illumination
White
embossed
20.0 A
Without cover
TA35-CBDWF200C0
4435.0013
2-pole, 2 bimetal, without illumination
Black
white printed
20.0 A
Without cover
TA35-CBDBL200C0
4435.0321
2-pole, whithout bimetal, without
illumination
White
embossed
without thermal
overload protection
Transparent cover anti-
bacterial, IP65
TA35-CBCWFC00C0-CZM25 4435.0702
Most Popular.
Availability for all products can be searched real-time:http://www.schurter.com/en/Stock-Check/Stock-Check-SCHURTER
Packaging Unit
10 Pcs
Accessories
Description
TA35 Accessories
Screw-on collar with cover, IP65
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.


Similar Part No. - 4435.0042

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4435.0044 SCHURTER-4435.0044 Datasheet
568Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 3 poles
4435.0048 SCHURTER-4435.0048 Datasheet
568Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 3 poles
4435.0049 SCHURTER-4435.0049 Datasheet
571Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
More results

Similar Description - 4435.0042

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
TA45 SCHURTER-TA45_V01 Datasheet
1Mb / 14P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
14.04.2022
TA45-2R SCHURTER-TA45-2R Datasheet
601Kb / 8P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
TA35ROCKER2POLE SCHURTER-TA35ROCKER2POLE_18 Datasheet
992Kb / 8P
   Circuit Breaker for Equipment thermal, Rocker actuation, 2 pole
TA45-2R SCHURTER-TA45-2R_18 Datasheet
603Kb / 8P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
TA35ROCKER1POLE SCHURTER-TA35ROCKER1POLE Datasheet
506Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
TA45-3R SCHURTER-TA45-3R Datasheet
474Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation
TA45-2RU SCHURTER-TA45-2RU Datasheet
707Kb / 10P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation, with undervoltage
4435.0456 SCHURTER-4435.0456 Datasheet
571Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
TA45-2RA SCHURTER-TA45-2RA Datasheet
525Kb / 7P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation, with auxiliary contact
TA45-3RU SCHURTER-TA45-3RU Datasheet
465Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation, with undervoltage
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com