Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN53541 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FAN53541
Description  2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN53541 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN53541 Datasheet HTML 4Page - Fairchild Semiconductor FAN53541 Datasheet HTML 5Page - Fairchild Semiconductor FAN53541 Datasheet HTML 6Page - Fairchild Semiconductor FAN53541 Datasheet HTML 7Page - Fairchild Semiconductor FAN53541 Datasheet HTML 8Page - Fairchild Semiconductor FAN53541 Datasheet HTML 9Page - Fairchild Semiconductor FAN53541 Datasheet HTML 10Page - Fairchild Semiconductor FAN53541 Datasheet HTML 11Page - Fairchild Semiconductor FAN53541 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
© 2013 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN53541 • Rev. 1.0.2
8
Typical Characteristics
Unless otherwise specified; VIN=5 V, VOUT=1.2 V, VMODE=0 V, TA=25°C, circuit in Figure 1, and components per Table 1.
Figure 16. Quiescent Current, Auto Mode, EN=VIN
Figure 17. Quiescent Current, PMW Mode, EN=VIN
Figure 18. Power Supply Rejection (PSRR)
Figure 19. Inductor Efficiency Comparison, 5.0 VIN
Figure 20. Line Transient, 50
 Load, t
R=tF=10 s
Figure 21. Line Transient, ILOAD=1.0 A, tR=tF=10 s
10
20
30
40
50
60
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Input Voltage (V)
-40C
+25C
+85C
0
10
20
30
40
50
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Input Voltage (V)
-40C
+25C
+85C
10
20
30
40
50
60
70
10
100
1,000
10,000
100,000
Frequency (Hz)
1.2VOUT,
25mA Load
1.2VOUT,
1.0A Load
3.3VOUT,
1.0A Load
70%
75%
80%
85%
90%
95%
100%
0
1000
2000
3000
4000
5000
Load Current (mA)
1.2 VOUT, L=SC2511
1.2 VOUT, L=IHLP16
1.8 VOUT, L=SC2511
1.8 VOUT, L=IHLP16
3.3 VOUT, L=SC2511
3.3 VOUT, L=IHLP16


Similar Part No. - FAN53541

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN53541 ONSEMI-FAN53541 Datasheet
1Mb / 17P
   2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
Rev. 1.1
FAN53541UCX ONSEMI-FAN53541UCX Datasheet
1Mb / 17P
   2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
Rev. 1.1
More results

Similar Description - FAN53541

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN53541 ONSEMI-FAN53541 Datasheet
1Mb / 17P
   2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
Rev. 1.1
FAN53202 ONSEMI-FAN53202 Datasheet
1Mb / 21P
   5 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
Rev. 1.0
FAN53555 ONSEMI-FAN53555 Datasheet
1Mb / 32P
   5 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
March, 2018 ??Rev. 3
FAN53526 ONSEMI-FAN53526_17 Datasheet
1Mb / 22P
   3.0 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
December, 2017 ??Rev. 4
logo
Fairchild Semiconductor
FAN2315MPX FAIRCHILD-FAN2315MPX Datasheet
1Mb / 19P
   FAN2315 TinyBuck 15 A Integrated Synchronous Buck Regulator
FAN5361 FAIRCHILD-FAN5361 Datasheet
1Mb / 17P
   6MHz, 600mA TinyBuck??Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106 Datasheet
437Kb / 14P
   TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_08 Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_08 Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
FAN21SV04 FAIRCHILD-FAN21SV04_12 Datasheet
863Kb / 18P
   TinyBuck??4 A, 24 V Single-Input Integrated Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com