Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN48632UC33X Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FAN48632UC33X
Description  2.5 MHz, 2.0 A Pulsed-Load Synchronous TinyBoost
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN48632UC33X Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN48632UC33X Datasheet HTML 5Page - Fairchild Semiconductor FAN48632UC33X Datasheet HTML 6Page - Fairchild Semiconductor FAN48632UC33X Datasheet HTML 7Page - Fairchild Semiconductor FAN48632UC33X Datasheet HTML 8Page - Fairchild Semiconductor FAN48632UC33X Datasheet HTML 9Page - Fairchild Semiconductor FAN48632UC33X Datasheet HTML 10Page - Fairchild Semiconductor FAN48632UC33X Datasheet HTML 11Page - Fairchild Semiconductor FAN48632UC33X Datasheet HTML 12Page - Fairchild Semiconductor FAN48632UC33X Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
© 2013 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN48632
• Rev. 1.0.3
10
Bypass Operation
In normal operation, the device automatically transitions from
Boost Mode to Bypass Mode, if VIN goes above target VOUT. In
Bypass Mode, the device fully enhances both Q1 and Q3 to
provide a very low impedance path from VIN to VOUT. Entry to
the Bypass Mode is triggered by condition where VIN > VOUT
and no switching has occurred during past 5 µs. To soften the
entry to Bypass Mode, Q3 is driven as a linear current source
for the first 5 µs. Bypass Mode exit is triggered when VOUT
reaches the target VOUT voltage. During Automatic Bypass
Mode, the device is short-circuit protected by voltage
comparator tracking the voltage drop from VIN to VOUT; if the
drop exceeds 200 mV, a FAULT is declared.
With sufficient load to enforce CCM operation, the Bypass
Mode to Boost Mode transition occurs at the target VOUT. The
corresponding input voltage at the transition point is:
BYP
ON
DS
P
ON
DS
L
LOAD
OUT
IN
R
R
DCR
I
V
V
)
(
)
(
||
)
(
EQ. 1
The Bypass Mode entry threshold has 25 mV hysteresis
imposed at VOUT to prevent cycling between modes. The
transition from Boost Mode to Bypass Mode occurs at the
target VOUT+25 mV. The corresponding input voltage is:
)
(
25
)
(
P
ON
DS
L
LOAD
OUT
IN
R
DCR
I
mV
V
V
EQ. 2
Forced Bypass
Entry to Forced Bypass Mode initiates with a current limit on
Q3 and then proceeds to a true bypass state. To prevent
reverse current to the battery, the device waits until output
discharges below VIN before entering Forced Bypass Mode.
Low-IQ Forced Bypass Mode is available for the FAN48632.
After the transition is complete, most of the internal circuitry is
disabled to minimize quiescent current draw. OCP, UVLO,
output OVP and over-temperature protections are inactive in
Forced Bypass Mode.
In Forced Bypass Mode, VOUT can follow VIN below VOUT(MIN).
VSEL
VSEL can be asserted in anticipation of a positive load
transient. Raising VSEL increases VOUT(MIN) by a fixed amount
and VOUT is stepped to the corresponding target output voltage
in 20 µs. The functionality can also be utilized to mitigate
undershoot during severe line transients, while minimizing
VOUT during more benign operating conditions to save power.


Similar Part No. - FAN48632UC33X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN48632UC33X ONSEMI-FAN48632UC33X Datasheet
1Mb / 15P
   Pulsed-Load Synchronous TinyBoost Regulator with Bypass Mode for GSM PA Supply
April 2014 Rev. 1.0.3
More results

Similar Description - FAN48632UC33X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN48695 ONSEMI-FAN48695 Datasheet
620Kb / 14P
   Synchronous Regulator, TINYBOOST, 2.5 MHz
March, 2020 ??Rev. 1
FAN48610 ONSEMI-FAN48610 Datasheet
775Kb / 12P
   2.5 MHz, Fixed-Output Synchronous TinyBoost Regulator
August 2015 Rev. 1.5
logo
Fairchild Semiconductor
FAN48610 FAIRCHILD-FAN48610 Datasheet
1Mb / 13P
   2.5 MHz, Fixed-Output Synchronous TinyBoost Regulator
logo
ON Semiconductor
FAN48632 ONSEMI-FAN48632 Datasheet
1Mb / 15P
   Pulsed-Load Synchronous TinyBoost Regulator with Bypass Mode for GSM PA Supply
April 2014 Rev. 1.0.3
FAN4860 ONSEMI-FAN4860 Datasheet
1Mb / 21P
   3 MHz, Synchronous TinyBoost Regulator
February 2014 Rev. 1.1.1
FAN4868 ONSEMI-FAN4868 Datasheet
309Kb / 12P
   3 MHz, Synchronous TinyBoost Regulator
October, 2018 ??Rev. 3
logo
Fairchild Semiconductor
FAN48630 FAIRCHILD-FAN48630 Datasheet
1Mb / 15P
   2.5 MHz, 1500 mA, Synchronous TinyBoost??Regulator with Bypass Mode
logo
ON Semiconductor
NCP5252 ONSEMI-NCP5252 Datasheet
1Mb / 16P
   2.0 A, 1.0 MHz Integrated Synchronous Buck Regulator with Light Load Efficiency
January, 2010 ??Rev. 0
NCP5252 ONSEMI-NCP5252_12 Datasheet
1Mb / 16P
   2.0 A, 1.0 MHz Integrated Synchronous Buck Regulator with Light Load Efficiency
July, 2012 ??Rev. 4
NCP1597A ONSEMI-NCP1597A Datasheet
350Kb / 13P
   1 MHz, 2.0 A Synchronous Buck Regulator
June, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com