Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5776 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FAN5776
Description  Synchronous Boost and Series / Parallel 10-LED Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5776 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FAN5776 Datasheet HTML 1Page - Fairchild Semiconductor FAN5776 Datasheet HTML 2Page - Fairchild Semiconductor FAN5776 Datasheet HTML 3Page - Fairchild Semiconductor FAN5776 Datasheet HTML 4Page - Fairchild Semiconductor FAN5776 Datasheet HTML 5Page - Fairchild Semiconductor FAN5776 Datasheet HTML 6Page - Fairchild Semiconductor FAN5776 Datasheet HTML 7Page - Fairchild Semiconductor FAN5776 Datasheet HTML 8Page - Fairchild Semiconductor FAN5776 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5776
• Rev. 1.1.0
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be operable above
the recommended operating conditions and stressing the parts to these levels is not recommended. In addition, extended
exposure to stresses above the recommended operating conditions may affect device reliability. The absolute maximum ratings
are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VIN
Supply Voltage
-0.3
6.0
V
VISET
ISET Voltage
-0.3
VIN + 0.3
V
VEN
EN13 and EN45 Pin Maximum Voltage
-0.3
6.0
V
VOVP
VOUT, SW, and LEDx Drive Pins Maximum Voltage
-0.3
11.0
V
ESD
Electrostatic Discharge Protection
Level
Human Body Model per JESD22-A114
2
kV
Charged Device Model per JESD22-C101
1
TA
Operating Ambient Temperature
–40
+85
°C
TJ
Junction Temperature
–40
+150
°C
TSTG
Storage Temperature
–65
+150
°C
TL
Lead Soldering Temperature, 10 Seconds
+260
°C
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating
conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not recommend exceeding
them or designing to absolute maximum ratings.
Symbol Parameter
Min.
Typ.
Max.
Unit
VIN
VIN Supply Voltage
2.3
3.7
5.5
V
VOUT
VOUT Voltage
(1)
3.5
8.5
V
ILED(FS)
Full Scale LED Current per Channel
2.5
25.0
mA
TA
Ambient Temperature
–40
+85
°C
TJ
Junction Temperature
–40
+125
°C
Note:
1.
The minimum VOUT must be 3.5 V to guarantee a maximum LED current of 25 mA for each LED pin. Otherwise the device
internally sets a minimum VOUT to VIN + 0.3 V, and the LED driver dropout is increased accordingly (if LED VF < VIN,
where VF = VOUT - 0.3 V).
Thermal Properties
Junction-to-ambient thermal resistance is a function of application and board layout. This data is measured with four-layer 2s2p
boards in accordance to JEDEC standard JESD51. Special attention must be paid not to exceed junction temperature TJ(max) at a
given ambient temperate TA.
Symbol
Parameter
Min.
Typ.
Max.
Unit
JA
Junction-to-Ambient Thermal Resistance
90
°C/W


Similar Part No. - FAN5776

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5701 FAIRCHILD-FAN5701 Datasheet
1Mb / 12P
   Compact 6-LED Driver for Mobile Platforms
FAN5701UC08X FAIRCHILD-FAN5701UC08X Datasheet
1Mb / 12P
   Compact 6-LED Driver for Mobile Platforms
FAN5701UC15X FAIRCHILD-FAN5701UC15X Datasheet
1Mb / 12P
   Compact 6-LED Driver for Mobile Platforms
FAN5701UC20X FAIRCHILD-FAN5701UC20X Datasheet
1Mb / 12P
   Compact 6-LED Driver for Mobile Platforms
FAN5701UC30X FAIRCHILD-FAN5701UC30X Datasheet
1Mb / 12P
   Compact 6-LED Driver for Mobile Platforms
More results

Similar Description - FAN5776

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3642 TI1-LM3642_15 Datasheet
974Kb / 30P
[Old version datasheet]   Synchronous Boost LED Flash Driver
LM3648 TI1-LM3648 Datasheet
1Mb / 38P
[Old version datasheet]   Synchronous Boost LED Flash Driver
logo
Eutech Microelectronics...
EUP2475 EUTECH-EUP2475 Datasheet
66Kb / 1P
   1.5A Synchronous Boost LED Flash Driver
logo
Micro Analog systems
MAS6251 MAS-MAS6251 Datasheet
1Mb / 21P
   Piezo and LED Driver with Synchronous Boost DC/DC Converter
logo
Maxim Integrated Produc...
MAX25610A MAXIM-MAX25610A Datasheet
1Mb / 24P
   Synchronous Buck and Buck-Boost LED Driver/DC-DC Converter
Rev 5; 4/19
logo
Linear Technology
LT8391AIFE LINER-LT8391AIFE Datasheet
533Kb / 10P
   60V 2MHz Synchronous Buck-Boost LED Driver
logo
SHENZHEN FUMAN ELECTRON...
A3128 FUMAN-A3128 Datasheet
293Kb / 12P
   Asynchronous Boost 10 White LED Driver
logo
Rohm
BD6071HFN ROHM-BD6071HFN_12 Datasheet
632Kb / 19P
   White LED Driver with Synchronous Boost Converter
logo
Linear Technology
LT3922 LINER-LT3922 Datasheet
895Kb / 8P
   36V 2A Synchronous 2MHz Boost LED Driver
logo
Shenzhen Huazhimei Semi...
HM9293B HMSEMI-HM9293B Datasheet
796Kb / 10P
   Asynchronous boost 10 white LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com