Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KMF1.1241.11 Datasheet(PDF) 3 Page - Schurter Inc.

Part # KMF1.1241.11
Description  IEC Appliance Inlet with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

KMF1.1241.11 Datasheet(HTML) 3 Page - Schurter Inc.

  KMF1.1241.11 Datasheet HTML 1Page - Schurter Inc. KMF1.1241.11 Datasheet HTML 2Page - Schurter Inc. KMF1.1241.11 Datasheet HTML 3Page - Schurter Inc. KMF1.1241.11 Datasheet HTML 4Page - Schurter Inc. KMF1.1241.11 Datasheet HTML 5Page - Schurter Inc. KMF1.1241.11 Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Power Entry Modules with Line Filter
KMF
www.schurter.com/PG06
EMC Products
Diagrams
Standard version
L
PE
N
Cx
L1
L2
F1
F2
Cy
Cy
L’
PE’
N’
1)
2)
1) Line
2) Load
Medical version (M5)
L
PE
N
Cx
L1
L2
F1
F2
L’
PE’
N’
1)
2)
R
1) Line
2) Load
Medical version (M5) protection class II
L
N
Cx
L1
L2
F1
F2
L’
N’
1)
2)
R
1) Line
2) Load
Derating Curves
1-pole
020406080
100
I = << In
I = 0.7 In
I = 1.0 In
2.0
1.5
1.0
0.5
0.0
Ambient air temperature Ta °C
2-pole
020406080
100
0.2
0.0
I = << In
I = 0.7 In
I = 1.0 In
1.4
0.6
0.4
1.0
0.8
1.2
Ambient air temperature Ta °C
Technical Data of Filter-Components
Rated Current
[A]
Filter-Type
Inductances
L [mH]
Capacitance
CX [nF]
Capacitance
CY [nF]
R [M
Ω]
1
Standard Version
2 x 11
47
2.2
-
2
Standard Version
2 x 4
47
2.2
-
4
Standard Version
2 x 1.6
47
2.2
-
6
Standard Version
2 x 0.7
47
2.2
-
10
Standard Version
2 x 0.4
47
2.2
-
1
Medical Version (M5)
2 x 11
47
-
1
2
Medical Version (M5)
2 x 4
47
-
1
4
Medical Version (M5)
2 x 1.6
47
-
1
6
Medical Version (M5)
2 x 0.7
47
-
1
10
Medical Version (M5)
2 x 0.4
47
-
1


Similar Part No. - KMF1.1241.11

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
KMF1.1241.11 SCHURTER-KMF1.1241.11 Datasheet
634Kb / 6P
   IEC Appliance Inlet with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole
KMF1.1241.11 SCHURTER-KMF1.1241.11 Datasheet
696Kb / 7P
   IEC Appliance Inlet with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole
04.01.2022
More results

Similar Description - KMF1.1241.11

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
KMF SCHURTER-KMF_16 Datasheet
634Kb / 6P
   IEC Appliance Inlet with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole
KMF SCHURTER-KMF_18 Datasheet
686Kb / 7P
   IEC Appliance Inlet with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole
KMF SCHURTER-KMF_V01 Datasheet
696Kb / 7P
   IEC Appliance Inlet with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole
04.01.2022
DD12 SCHURTER-DD12 Datasheet
752Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole
DD12 SCHURTER-DD12_V01 Datasheet
882Kb / 9P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole
04.01.2022
DD12 SCHURTER-DD12_18 Datasheet
835Kb / 8P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole
DD11 SCHURTER-DD11_18 Datasheet
386Kb / 5P
   IEC Appliance Inlet C14 with Line Switch 2-pole, Fuseholder 1- or 2-pole
DD11 SCHURTER-DD11 Datasheet
586Kb / 3P
   IEC Appliance Inlet C14 with Line Switch 2-pole, Fuseholder 1- or 2-pole
KM00120511 SCHURTER-KM00120511 Datasheet
513Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 2-pole, Line Switch 1- or 2-pole
DD11 SCHURTER-DD11_V01 Datasheet
480Kb / 6P
   IEC Appliance Inlet C14 with Line Switch 2-pole, Fuseholder 1- or 2-pole
08.12.2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com