Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DC12.5202.003 Datasheet(PDF) 1 Page - Schurter Inc.

Part # DC12.5202.003
Description  IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, Front or Rear Side Mounting
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DC12.5202.003 Datasheet(HTML) 1 Page - Schurter Inc.

  DC12.5202.003 Datasheet HTML 1Page - Schurter Inc. DC12.5202.003 Datasheet HTML 2Page - Schurter Inc. DC12.5202.003 Datasheet HTML 3Page - Schurter Inc. DC12.5202.003 Datasheet HTML 4Page - Schurter Inc. DC12.5202.003 Datasheet HTML 5Page - Schurter Inc. DC12.5202.003 Datasheet HTML 6Page - Schurter Inc. DC12.5202.003 Datasheet HTML 7Page - Schurter Inc. DC12.5202.003 Datasheet HTML 8Page - Schurter Inc. DC12.5202.003 Datasheet HTML 9Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Power Entry Modules with Line Filter
DC12
www.schurter.com/PG06
EMC Products
IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, Front or Rear Side Mounting
Screw-on Version
from front side
Snap-In Version
from front side
Screw-on Version
from front side, protection class II
Standard- or Medical-Filter
C14
70° C
C18
70° C
Description
- Panel Mount:
Screw-on version from front or rear side, snap-in version from front
side
- 3 Functions:
Appliance Inlet protection class I or II, Line Switch 1- or 2-pole, Line
filter in standard and medical version
- Quick connect terminals 6.3 x 0.8 mm
Approvals
- VDE Certificate Number: 40001522
- UL File Number: E72928
Characteristics
- Compact design with optimal shielding
Rear side mounting for efficient costsaving assembly
- All single elements are already wired
- Line switch non-illuminated or illuminated
- Universal line filter for standard applications
- Ideal for application with high transient loads
- Suitable for use in equipment according to IEC/UL 60950
Suitable for use in medical equipment according to IEC/UL 60601-1
Other versions on request
- Solder terminals
- Other rocker marking
- Capacitance CX1
References
Alternative: version without line filter DC11
Substitute for type KFB1; KFB2
Weblinks
pdf-datasheet, html-datasheet, General Product Information, Approvals,
CE declaration of conformity, RoHS, CHINA-RoHS, REACH, Mating
Connectors, e-Shop, SCHURTER-Stock-Check, Distributor-Stock-
Check, CAD-Drawings, Accessories, Wire Harnessing, Detailed request
for product
Newly available variants corresponding to V-Lock mating cordset. The connector is equipped with a notch intended for use with the latching cordset.
The cord latching system prevents against accidental removal of the cordset.
Technical Data
Ratings IEC
1 - 10 A @ Ta 40 °C / 250 VAC; 50 Hz
Ratings UL/CSA
1 - 10 A @ Ta 40 °C / 125 VAC; 60 Hz
Leakage Current
standard < 0.5 mA (250 V / 60 Hz)
medical < 5 µA (250 V / 60 Hz)
Dielectric Strength
> 1.7 kVDC between L-N
> 2.7 kVDC between L/N-PE
Test voltage (2 sec)
Allowable Operation Temp.
-25 °C to 85 °C
Climatic Category
25/085/21 acc. to IEC 60068-1
Degree of Protection
from front side IP 40 acc. to IEC 60529
Protection Class
Suitable for appliances with protection
class I or II acc. to IEC 61140
Terminal
Quick connect terminals 6.3 x 0.8 mm
Panel Thickness s
Screw: max 8 mm
Mounting screw torque max 0.5 Nm
Snap-in: 1 mm to 3 mm
Material: Housing
Thermoplastic, black / white, UL 94V-0
Appliance-Inlet/-Outlet
C14 / C18 acc. to IEC 60320-1,
UL 498, CSA C22.2 no. 42 (for cold
conditions) pin-temperature 70 °C, 10 A,
Protection Class I or II
Line Switch
Rocker switch 1 or 2 pole, non-illumina-
ted or illuminated, acc. to IEC 61058-1
Technical Details
Line Filter
Standard and Medical Version, IEC
60939, UL 1283, CSA C22.2 no. 8
Technical Details
MTBF
> 1'900'000 h acc. to MIL-HB-217 F


Similar Part No. - DC12.5202.003

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DC12.5202.003 SCHURTER-DC12.5202.003 Datasheet
928Kb / 7P
   IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, Front or Rear Side Mounting
More results

Similar Description - DC12.5202.003

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DC12 SCHURTER-DC12 Datasheet
928Kb / 7P
   IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, Front or Rear Side Mounting
DC12 SCHURTER-DC12_18 Datasheet
997Kb / 10P
   IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, Front or Rear Side Mounting
DC12 SCHURTER-DC12_V01 Datasheet
1Mb / 10P
   IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, Front or Rear Side Mounting
04.01.2022
FGS SCHURTER-FGS_V01 Datasheet
523Kb / 6P
   IEC Appliance Inlet C14 with Filter, Front or Rear side Mounting
17.08.2020
FGS SCHURTER-FGS Datasheet
513Kb / 4P
   IEC Appliance Inlet C14 with Filter, Front or Rear side Mounting
DC22 SCHURTER-DC22_V01 Datasheet
764Kb / 6P
   IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, PCB Mounting
04.01.2022
DC22 SCHURTER-DC22 Datasheet
774Kb / 5P
   IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, PCB Mounting
DC21 SCHURTER-DC21 Datasheet
411Kb / 3P
   IEC Appliance Inlet C14 with Line Switch 1- or 2-pole
KP01125211 SCHURTER-KP01125211_V01 Datasheet
577Kb / 6P
   IEC Appliance Inlet C14 with Line Switch 1- or 2-pole
15.09.2021
KP01125211 SCHURTER-KP01125211 Datasheet
668Kb / 4P
   IEC Appliance Inlet C14 with Line Switch 1- or 2-pole
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com