Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-306 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # SD-306
Description  Position Sensitive Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SD-306 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SD-306 Datasheet HTML 1Page - KODENSHI_AUK CORP. SD-306 Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 1-
SD-303・SD-306
Position Sensitive Diodes
KODENSHI
30
10
100
5
350
±2
Reverse voltage
Dark current
Light current
Spectral sensitivity
Peak wavelength
Switching speeds
Capacitance
Resistance
Signal slope
Light current difference
The SD-303, 306 are position sensors for automatic
focusing of camera.
FEATURES
•Laser beam focusing/positioning is best performed
•High performance
•High reliability in demanding environments
APPLICATIONS
•Automatic focusing of camera
DIMENSIONS
(Unit : mm)
Rating
Symbol
Item
MAXIMUM RATINGS
Reverse voltage
Power dissipation
Operating temp.
Storage temp.
VR
PD
Topr.
Tstg.
30
30
-25~+85
-30~+100
V
mW
Unit
(Ta=25℃)
720~1100
720~1100
(Ta=25℃)
ELECTRO-OPTICAL CHARACTERISTICS
IR=10μA
VR=1V
VR=1V, EV=1000lx*5
VR=1V, RL=1kΩ
VR=1V, f=1MHz
VR=1V, Va=0.5V
VR=1V
Item
Typ.
Typ.
VR
Id
IL
*1
λ
λp
tr, tf
Ct
RS
*2
α
*3
ΔIL /IL
*4
30
10
230
0.2
13
940
2
10
280
0.08
0.2
13
940
2
14
140
0.08
5
190
±2
V
nA
μA
nm
nm
μsec.
pF
-
%
Symbol
Conditions
Min.
SD-303
SD-306
Min.
Max.
Max.
Unit.
*1. IL=IL 1+IL2(IL 1=Light current of A1,IL 2=Light current of A2)
*2. Va=Voltage of Anode A1,A2
*3. α
=1(IL 1-IL 2)/(IL 1+IL 2)1
*4. ΔL=IL 1-IL 2
*5. Color temp.=2856K standard Tungsten lamp


Similar Part No. - SD-306

ManufacturerPart #DatasheetDescription
logo
CUI INC
SD-30 CUI-SD-30 Datasheet
316Kb / 5P
   SERIES: SD DESCRIPTION: STANDARD DIN CONNECTOR
SD-30 CUI-SD-30 Datasheet
316Kb / 5P
   STANDARD DIN CONNECTOR
SD-30 CUI-SD-30 Datasheet
322Kb / 5P
   STANDARD DIN CONNECTOR
logo
Molex Electronics Ltd.
SD-30453-1200 MOLEX4-SD-30453-1200 Datasheet
214Kb / 3P
   2.00mm (.079") Pitch Cable Holder
SD-30490-1002 MOLEX4-SD-30490-1002 Datasheet
177Kb / 4P
   Mini-Fit짰 Grounding Pin 30490
More results

Similar Description - SD-306

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SD-101 KODENSHI-SD-101 Datasheet
241Kb / 2P
   Position Sensitive Diodes
SD-112S KODENSHI-SD-112S Datasheet
246Kb / 2P
   Position Sensitive Diodes
KSD402 KODENSHI-KSD402 Datasheet
201Kb / 2P
   Position Sensitive Diodes
SD-402 KODENSHI-SD-402 Datasheet
195Kb / 2P
   Position Sensitive Diodes
SD-503 KODENSHI-SD-503 Datasheet
230Kb / 2P
   Position Sensitive Diodes
SD-201 KODENSHI-SD-201 Datasheet
239Kb / 2P
   Position Sensitive Diodes
SD-506F KODENSHI-SD-506F Datasheet
238Kb / 2P
   Position Sensitive Diodes
SD-612 KODENSHI-SD-612 Datasheet
242Kb / 2P
   Position Sensitive Diodes
logo
List of Unclassifed Man...
PSD6407 ETC-PSD6407 Datasheet
1Mb / 16P
   POSITION SENSITIVE DETECTOR
logo
Hamamatsu Corporation
R8520-00-C12 HAMAMATSU-R8520-00-C12 Datasheet
147Kb / 4P
   POSITION SENSITIVE PHOTOMULTIPLIER TUBES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com