Electronic Components Datasheet Search |
|
DC12.2102.003 Datasheet(PDF) 1 Page - Schurter Inc. |
|
DC12.2102.003 Datasheet(HTML) 1 Page - Schurter Inc. |
1 / 9 page 1 Power Entry Modules with Line Filter DC12 www.schurter.com/PG06 EMC Products IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, Front or Rear Side Mounting Screw-on Version from front side Snap-In Version from front side Screw-on Version from front side, protection class II Standard- or Medical-Filter C14 70° C C18 70° C Description - Panel Mount: Screw-on version from front or rear side, snap-in version from front side - 3 Functions: Appliance Inlet protection class I or II, Line Switch 1- or 2-pole, Line filter in standard and medical version - Quick connect terminals 6.3 x 0.8 mm Approvals - VDE Certificate Number: 40001522 - UL File Number: E72928 Characteristics - Compact design with optimal shielding Rear side mounting for efficient costsaving assembly - All single elements are already wired - Line switch non-illuminated or illuminated - Universal line filter for standard applications - Ideal for application with high transient loads - Suitable for use in equipment according to IEC/UL 60950 Suitable for use in medical equipment according to IEC/UL 60601-1 Other versions on request - Solder terminals - Other rocker marking - Capacitance CX1 References Alternative: version without line filter DC11 Substitute for type KFB1; KFB2 Weblinks pdf-datasheet, html-datasheet, General Product Information, Approvals, CE declaration of conformity, RoHS, CHINA-RoHS, REACH, Mating Connectors, e-Shop, SCHURTER-Stock-Check, Distributor-Stock- Check, CAD-Drawings, Accessories, Wire Harnessing, Detailed request for product Newly available variants corresponding to V-Lock mating cordset. The connector is equipped with a notch intended for use with the latching cordset. The cord latching system prevents against accidental removal of the cordset. Technical Data Ratings IEC 1 - 10 A @ Ta 40 °C / 250 VAC; 50 Hz Ratings UL/CSA 1 - 10 A @ Ta 40 °C / 125 VAC; 60 Hz Leakage Current standard < 0.5 mA (250 V / 60 Hz) medical < 5 µA (250 V / 60 Hz) Dielectric Strength > 1.7 kVDC between L-N > 2.7 kVDC between L/N-PE Test voltage (2 sec) Allowable Operation Temp. -25 °C to 85 °C Climatic Category 25/085/21 acc. to IEC 60068-1 Degree of Protection from front side IP 40 acc. to IEC 60529 Protection Class Suitable for appliances with protection class I or II acc. to IEC 61140 Terminal Quick connect terminals 6.3 x 0.8 mm Panel Thickness s Screw: max 8 mm Mounting screw torque max 0.5 Nm Snap-in: 1 mm to 3 mm Material: Housing Thermoplastic, black / white, UL 94V-0 Appliance-Inlet/-Outlet C14 / C18 acc. to IEC 60320-1, UL 498, CSA C22.2 no. 42 (for cold conditions) pin-temperature 70 °C, 10 A, Protection Class I or II Line Switch Rocker switch 1 or 2 pole, non-illumina- ted or illuminated, acc. to IEC 61058-1 Technical Details Line Filter Standard and Medical Version, IEC 60939, UL 1283, CSA C22.2 no. 8 Technical Details MTBF > 1'900'000 h acc. to MIL-HB-217 F |
Similar Part No. - DC12.2102.003 |
|
Similar Description - DC12.2102.003 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |