Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DKIH-3252-50D2 Datasheet(PDF) 1 Page - Schurter Inc.

Part # DKIH-3252-50D2
Description  Compensated High Current Choke, 1-phase
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DKIH-3252-50D2 Datasheet(HTML) 1 Page - Schurter Inc.

  DKIH-3252-50D2 Datasheet HTML 1Page - Schurter Inc. DKIH-3252-50D2 Datasheet HTML 2Page - Schurter Inc. DKIH-3252-50D2 Datasheet HTML 3Page - Schurter Inc. DKIH-3252-50D2 Datasheet HTML 4Page - Schurter Inc. DKIH-3252-50D2 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Suppression Chokes
DKIH-1
www.schurter.com/PG81_82
EMC Products
Compensated High Current Choke, 1-phase
Description
- Current compensated choke
- 1-phase choke
- THT-terminals
- Flange for mounting onto printed circuit board
Unique Selling Proposition
- Compact size and light weight
- Open design for optimal cooling
- Wide temperature range
- Customer specific pin outs available
Standards
- EN 60938
- UL 1283
- CSA 22.2 no 8
Applications
- Frequency converter
- Charge stations
- UPS-systems
- Switching power supplies
Weblinks
pdf-datasheet, html-datasheet, General Product Information, Approvals,
CE declaration of conformity, RoHS, CHINA-RoHS, REACH, e-Shop,
SCHURTER-Stock-Check, Distributor-Stock-Check, Detailed request for
product
Technical Data
Rated voltage
IEC, UL: 300 VAC
CSA: 250 VAC
max. 425 VDC
Rated Current
10 - 50 A @ Ta 40 °C
Rated inductance
0.15 - 0.8 mH, Tol. -30% +50%
Power Operating Frequency
0 - 400 Hz
Terminal Type
THT
Weight
30 - 115 g
Material: Housing
UL 94V-0
Test Voltage
2500 VDC, 2 sec, winding to winding
Climatic Category
40/100/21 acc. to IEC 60068-1
Allowable Operation Temp.
-40 °C to 100 °C
Dimension
37-10
max. 37
(4x) terminal ø1.25 heigh 5
Label
max. 26
1
5
6.8
0
6.8
4
2
3
1


Similar Part No. - DKIH-3252-50D2

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DKIH-3252-50D2 SCHURTER-DKIH-3252-50D2 Datasheet
683Kb / 6P
   Compensated High Current Choke, 1-phase
More results

Similar Description - DKIH-3252-50D2

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DKIP-1 SCHURTER-DKIP-1_17 Datasheet
295Kb / 3P
   Compensated High Current Choke, 1-phase
DKIP-1 SCHURTER-DKIP-1_V01 Datasheet
306Kb / 3P
   Compensated High Current Choke, 1-phase
DKIH-1 SCHURTER-DKIH-1 Datasheet
683Kb / 6P
   Compensated High Current Choke, 1-phase
DKIL-1 SCHURTER-DKIL-1_17 Datasheet
250Kb / 2P
   Compensated High Current Choke, 1-phase
DKIL-1 SCHURTER-DKIL-1 Datasheet
369Kb / 2P
   Compensated High Current Choke, 1-phase
DKIH-1 SCHURTER-DKIH-1_V01 Datasheet
681Kb / 6P
   Compensated High Current Choke, 1-phase
DKIP-1 SCHURTER-DKIP-1 Datasheet
359Kb / 2P
   Compensated High Current Choke, 1-phase
DKIL-1 SCHURTER-DKIL-1_V01 Datasheet
261Kb / 2P
   Compensated High Current Choke, 1-phase
DKIL-3 SCHURTER-DKIL-3 Datasheet
376Kb / 2P
   Compensated High Current Choke, 3-phase
DKIP-3 SCHURTER-DKIP-3 Datasheet
353Kb / 2P
   Compensated High Current Choke, 3-phase
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com