Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DC12.3102.101 Datasheet(PDF) 8 Page - Schurter Inc.

Part # DC12.3102.101
Description  IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, Front or Rear Side Mounting
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DC12.3102.101 Datasheet(HTML) 8 Page - Schurter Inc.

  DC12.3102.101 Datasheet HTML 1Page - Schurter Inc. DC12.3102.101 Datasheet HTML 2Page - Schurter Inc. DC12.3102.101 Datasheet HTML 3Page - Schurter Inc. DC12.3102.101 Datasheet HTML 4Page - Schurter Inc. DC12.3102.101 Datasheet HTML 5Page - Schurter Inc. DC12.3102.101 Datasheet HTML 6Page - Schurter Inc. DC12.3102.101 Datasheet HTML 7Page - Schurter Inc. DC12.3102.101 Datasheet HTML 8Page - Schurter Inc. DC12.3102.101 Datasheet HTML 9Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
Power Entry Modules with Line Filter
DC12
www.schurter.com/PG06
EMC Products
Rated current
Filter-Type
Panel mounting
Mounting side
Line Switch
Illumination
Color
Pro-
tection
Order Number
6
Medical Version (M5)
Screw
Front Side
2-pole
non-illuminated
white
II
DC12.4202.031
10
Medical Version (M5)
Screw
Front Side
2-pole
non-illuminated
black
I
DC12.5202.001
10
Medical Version (M5)
Screw
Front Side
2-pole
non-illuminated
black
I
DC12.5202.001.21
10
Medical Version (M5)
Screw
Front Side
2-pole
non-illuminated
black
II
DC12.5202.021
10
Medical Version (M5)
Screw
Front Side
2-pole
non-illuminated
white
II
DC12.5202.031
1
Medical Version (M5)
Screw
Rear Side
2-pole
non-illuminated
black
I
DC12.1202.201
2
Medical Version (M5)
Screw
Rear Side
2-pole
non-illuminated
black
I
DC12.2202.201
4
Medical Version (M5)
Screw
Rear Side
2-pole
non-illuminated
black
I
DC12.3202.201
6
Medical Version (M5)
Screw
Rear Side
2-pole
non-illuminated
black
I
DC12.4202.201
10
Medical Version (M5)
Screw
Rear Side
2-pole
non-illuminated
black
I
DC12.5202.201
1
Medical Version (M80)
Screw
Rear Side
2-pole
non-illuminated
black
I
DC12.1602.201
2
Medical Version (M80)
Screw
Rear Side
2-pole
non-illuminated
black
I
DC12.2602.201
4
Medical Version (M80)
Screw
Rear Side
2-pole
non-illuminated
black
I
DC12.3602.201
6
Medical Version (M80)
Screw
Rear Side
2-pole
non-illuminated
black
I
DC12.4602.201
10
Medical Version (M80)
Screw
Rear Side
2-pole
non-illuminated
black
I
DC12.5602.201
Most Popular.
Availability for all products can be searched real-time:http://www.schurter.com/en/Stock-Check/Stock-Check-SCHURTER
Suffix "21" corresponds to the version with V-Lock mating cordset. The connector is equipped with a notch intended for use with the latching cordset. The cord latching sys-
tem prevents against accidental removal of the cordset. Available only for screw-on versions.
Packaging unit
10 Pcs
Accessories
Description
Wire Harness
Wire harness for SCHURTER products
Assorted Covers
Rear Cover
Cord retaining kits
Cord retaining strain relief
Flat head, A
4700.0001
Countersunk, B
4700.0002


Similar Part No. - DC12.3102.101

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DC12.3102.101 SCHURTER-DC12.3102.101 Datasheet
928Kb / 7P
   IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, Front or Rear Side Mounting
DC12.3102.101 SCHURTER-DC12.3102.101 Datasheet
1Mb / 10P
   IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, Front or Rear Side Mounting
04.01.2022
More results

Similar Description - DC12.3102.101

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DC12 SCHURTER-DC12 Datasheet
928Kb / 7P
   IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, Front or Rear Side Mounting
DC12 SCHURTER-DC12_18 Datasheet
997Kb / 10P
   IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, Front or Rear Side Mounting
DC12 SCHURTER-DC12_V01 Datasheet
1Mb / 10P
   IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, Front or Rear Side Mounting
04.01.2022
FGS SCHURTER-FGS_V01 Datasheet
523Kb / 6P
   IEC Appliance Inlet C14 with Filter, Front or Rear side Mounting
17.08.2020
FGS SCHURTER-FGS Datasheet
513Kb / 4P
   IEC Appliance Inlet C14 with Filter, Front or Rear side Mounting
DC22 SCHURTER-DC22_V01 Datasheet
764Kb / 6P
   IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, PCB Mounting
04.01.2022
DC22 SCHURTER-DC22 Datasheet
774Kb / 5P
   IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, PCB Mounting
DC21 SCHURTER-DC21 Datasheet
411Kb / 3P
   IEC Appliance Inlet C14 with Line Switch 1- or 2-pole
KP01125211 SCHURTER-KP01125211_V01 Datasheet
577Kb / 6P
   IEC Appliance Inlet C14 with Line Switch 1- or 2-pole
15.09.2021
KP01125211 SCHURTER-KP01125211 Datasheet
668Kb / 4P
   IEC Appliance Inlet C14 with Line Switch 1- or 2-pole
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com