Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DC12.1102.101 Datasheet(PDF) 6 Page - Schurter Inc.

Part # DC12.1102.101
Description  IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, Front or Rear Side Mounting
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DC12.1102.101 Datasheet(HTML) 6 Page - Schurter Inc.

  DC12.1102.101 Datasheet HTML 1Page - Schurter Inc. DC12.1102.101 Datasheet HTML 2Page - Schurter Inc. DC12.1102.101 Datasheet HTML 3Page - Schurter Inc. DC12.1102.101 Datasheet HTML 4Page - Schurter Inc. DC12.1102.101 Datasheet HTML 5Page - Schurter Inc. DC12.1102.101 Datasheet HTML 6Page - Schurter Inc. DC12.1102.101 Datasheet HTML 7Page - Schurter Inc. DC12.1102.101 Datasheet HTML 8Page - Schurter Inc. DC12.1102.101 Datasheet HTML 9Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Power Entry Modules with Line Filter
DC12
www.schurter.com/PG06
EMC Products
Attenuation Loss
- - - - 50
Ω differential mode _____ 50Ω common mode
Standard version
1 A
2 A
4 A
6 A
10 A
Medical version (M5)
1 A
2 A
4 A
6 A
10 A
All Variants
Rated current
Filter-Type
Panel mounting
Mounting side
Line Switch
Illumination
Color
Pro-
tection
Order Number
1
Standard Version
Snap-in
Front Side
1-pole
non-illuminated
black
I
DC12.1102.103
2
Standard Version
Snap-in
Front Side
1-pole
non-illuminated
black
I
DC12.2102.103
4
Standard Version
Snap-in
Front Side
1-pole
non-illuminated
black
I
DC12.3102.103
6
Standard Version
Snap-in
Front Side
1-pole
non-illuminated
black
I
DC12.4102.103
10
Standard Version
Snap-in
Front Side
1-pole
non-illuminated
black
I
DC12.5102.103
1
Standard Version
Snap-in
Front Side
2-pole
non-illuminated
black
I
DC12.1102.101
2
Standard Version
Snap-in
Front Side
2-pole
non-illuminated
black
I
DC12.2102.101
4
Standard Version
Snap-in
Front Side
2-pole
non-illuminated
black
I
DC12.3102.101
6
Standard Version
Snap-in
Front Side
2-pole
non-illuminated
black
I
DC12.4102.101
10
Standard Version
Snap-in
Front Side
2-pole
non-illuminated
black
I
DC12.5102.101
1
Standard Version
Screw
Front Side
1-pole
non-illuminated
black
I
DC12.1102.003
2
Standard Version
Screw
Front Side
1-pole
non-illuminated
black
I
DC12.2102.003
4
Standard Version
Screw
Front Side
1-pole
non-illuminated
black
I
DC12.3102.003
6
Standard Version
Screw
Front Side
1-pole
non-illuminated
black
I
DC12.4102.003
10
Standard Version
Screw
Front Side
1-pole
non-illuminated
black
I
DC12.5102.003


Similar Part No. - DC12.1102.101

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DC12.1102.101 SCHURTER-DC12.1102.101 Datasheet
928Kb / 7P
   IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, Front or Rear Side Mounting
DC12.1102.101 SCHURTER-DC12.1102.101 Datasheet
1Mb / 10P
   IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, Front or Rear Side Mounting
04.01.2022
More results

Similar Description - DC12.1102.101

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DC12 SCHURTER-DC12 Datasheet
928Kb / 7P
   IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, Front or Rear Side Mounting
DC12 SCHURTER-DC12_18 Datasheet
997Kb / 10P
   IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, Front or Rear Side Mounting
DC12 SCHURTER-DC12_V01 Datasheet
1Mb / 10P
   IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, Front or Rear Side Mounting
04.01.2022
FGS SCHURTER-FGS_V01 Datasheet
523Kb / 6P
   IEC Appliance Inlet C14 with Filter, Front or Rear side Mounting
17.08.2020
FGS SCHURTER-FGS Datasheet
513Kb / 4P
   IEC Appliance Inlet C14 with Filter, Front or Rear side Mounting
DC22 SCHURTER-DC22_V01 Datasheet
764Kb / 6P
   IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, PCB Mounting
04.01.2022
DC22 SCHURTER-DC22 Datasheet
774Kb / 5P
   IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, PCB Mounting
DC21 SCHURTER-DC21 Datasheet
411Kb / 3P
   IEC Appliance Inlet C14 with Line Switch 1- or 2-pole
KP01125211 SCHURTER-KP01125211_V01 Datasheet
577Kb / 6P
   IEC Appliance Inlet C14 with Line Switch 1- or 2-pole
15.09.2021
KP01125211 SCHURTER-KP01125211 Datasheet
668Kb / 4P
   IEC Appliance Inlet C14 with Line Switch 1- or 2-pole
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com