Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DC12.3102.103 Datasheet(PDF) 9 Page - Schurter Inc.

Part # DC12.3102.103
Description  IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, Front or Rear Side Mounting
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DC12.3102.103 Datasheet(HTML) 9 Page - Schurter Inc.

  DC12.3102.103 Datasheet HTML 1Page - Schurter Inc. DC12.3102.103 Datasheet HTML 2Page - Schurter Inc. DC12.3102.103 Datasheet HTML 3Page - Schurter Inc. DC12.3102.103 Datasheet HTML 4Page - Schurter Inc. DC12.3102.103 Datasheet HTML 5Page - Schurter Inc. DC12.3102.103 Datasheet HTML 6Page - Schurter Inc. DC12.3102.103 Datasheet HTML 7Page - Schurter Inc. DC12.3102.103 Datasheet HTML 8Page - Schurter Inc. DC12.3102.103 Datasheet HTML 9Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
Power Entry Modules with Line Filter
DC12
www.schurter.com/PG06
EMC Products
Mating Outlets/Connectors
Category / Description
Connector Overview complete
4782 Mounting: Power Cord, 3 x 1 mm² / 3 x 18 AWG, Cable, Connector: IEC C13
4782
4022 Mounting: Power Supply Cord, 3 x 1.5 mm², Screw clamps, Connector: IEC C13
4022
4785 Mounting: Power Cord, 3 x 1 mm² / 3 x 18 AWG, Cable, Connector: IEC C13
4785
4300-06 Mounting: Power Cord, 3 x 1 mm² / 3 x 18 AWG, Cable, Connector: IEC C13
4300-06
4012 Mounting: Power Supply Cord, 3 x 1.5 mm², Screw clamps, Connector: IEC C13
4012
Connector further types to DC12
...
Interconnection Cord Overview complete
Cord Sets 10 A, Interconnection, 1.0 m, Connector IEC C13, cord end:
6007.0212
Cord Sets 10 A, Interconnection, 2.0 m, Connector IEC C13, cord end:
6007.0214
Interconnection Cord further types to DC12
Power Supply Cord Overview complete
Cord Sets 10 A, Europlug, 2.0 m, Connector IEC C13, cord end:
6004.0114
Cord Sets 10 A, Europlug, 2.5 m, Connector IEC C13, cord end:
6004.0215
Cord Sets 10 A, Europlug, 2.5 m, Connector IEC C13, cord end:
6003.0215
Cord Sets 10 A, Europlug, Black, 2.5 m, H05VV-F 3G1,0mm2, Connector IEC C13, 002500 mm, cord end:
6004.0225
Cord Sets 10 A, diverse, Black, 5.0 m, H05VV-F 3G1,0mm2, Connector IEC C13, 002500 mm, cord end:
6052.0026
Power Supply Cord further types to DC12
...
Power Supply or Interconnection Cord Overview complete
Kabelverbindung 10 A, United Kingdom, 2.0 m, Connector IEC C13, cord end:
6045.0114
Kabelverbindung 10 A, diverse, diverse m, Connector IEC C13, cord end:
6003.0205
Kabelverbindung 10 A, diverse, diverse m, Connector IEC C13, cord end:
6026.0205
Kabelverbindung 10 A, diverse, diverse m, Connector IEC C13, cord end:
6049.0007
Power Supply or Interconnection Cord further types to DC12
Mating Outlets/Connectors shuttered
Power Cord Overview complete
VAC13KS, Overview, diverse Connector IEC C13, cord end:
VAC13KS
Power Cord further types to DC12
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.


Similar Part No. - DC12.3102.103

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DC12.3102.103 SCHURTER-DC12.3102.103 Datasheet
928Kb / 7P
   IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, Front or Rear Side Mounting
More results

Similar Description - DC12.3102.103

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DC12 SCHURTER-DC12 Datasheet
928Kb / 7P
   IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, Front or Rear Side Mounting
DC12 SCHURTER-DC12_18 Datasheet
997Kb / 10P
   IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, Front or Rear Side Mounting
DC12 SCHURTER-DC12_V01 Datasheet
1Mb / 10P
   IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, Front or Rear Side Mounting
04.01.2022
FGS SCHURTER-FGS_V01 Datasheet
523Kb / 6P
   IEC Appliance Inlet C14 with Filter, Front or Rear side Mounting
17.08.2020
FGS SCHURTER-FGS Datasheet
513Kb / 4P
   IEC Appliance Inlet C14 with Filter, Front or Rear side Mounting
DC22 SCHURTER-DC22_V01 Datasheet
764Kb / 6P
   IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, PCB Mounting
04.01.2022
DC22 SCHURTER-DC22 Datasheet
774Kb / 5P
   IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, PCB Mounting
DC21 SCHURTER-DC21 Datasheet
411Kb / 3P
   IEC Appliance Inlet C14 with Line Switch 1- or 2-pole
KP01125211 SCHURTER-KP01125211_V01 Datasheet
577Kb / 6P
   IEC Appliance Inlet C14 with Line Switch 1- or 2-pole
15.09.2021
KP01125211 SCHURTER-KP01125211 Datasheet
668Kb / 4P
   IEC Appliance Inlet C14 with Line Switch 1- or 2-pole
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com