Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D1213A-01W Datasheet(PDF) 1 Page - Diodes Incorporated

Part # D1213A-01W
Description  1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D1213A-01W Datasheet(HTML) 1 Page - Diodes Incorporated

  D1213A-01W Datasheet HTML 1Page - Diodes Incorporated D1213A-01W Datasheet HTML 2Page - Diodes Incorporated D1213A-01W Datasheet HTML 3Page - Diodes Incorporated D1213A-01W Datasheet HTML 4Page - Diodes Incorporated D1213A-01W Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
D1213A-01W
Document number: DS35589 Rev. 8 - 2
1 of 5
www.diodes.com
November 2012
© Diodes Incorporated
D1213A-01W
1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Features
IEC 61000-4-2 (ESD): Air ±15kV, Contact ±8kV
1 Channel of ESD Protection
Low Channel Input Capacitance of 0.85pF Typical
Typically Used at High Speed Ports such as USB 2.0,
IEEE1394, Serial ATA, DVI, HDMI, PCI
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT323
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Matte Tin Finish annealed over Alloy 42 leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
Weight: 0.006 grams (approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
D1213A-01W-7
SOT323
3000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
 
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Date Code Key
Year
2011
2012
2013
2014
2015
2016
2017
Code
Y
Z
A
B
C
D
E
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Pin Configuration
Device Schematic
Top View
A09 = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: Z = 2012)
M = Month (ex: 9 = September)
A09
12
3
CH1
V
P
V
N
CH 1
V
P
V
N
SOT323


Similar Part No. - D1213A-01W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D1213A-01WS DIODES-D1213A-01WS Datasheet
129Kb / 4P
   1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
logo
TECH PUBLIC Electronics...
D1213A-01WS-P TECHPUBLIC-D1213A-01WS-P Datasheet
2Mb / 4P
   Low Capactitance 4-Line Uni-directional TVS diode
More results

Similar Description - D1213A-01W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D1213A-01LP DIODES-D1213A-01LP Datasheet
119Kb / 4P
   1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D1213A-01LPQ DIODES-D1213A-01LPQ Datasheet
213Kb / 5P
   1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D1213A-01LP-7B DIODES-D1213A-01LP-7B Datasheet
190Kb / 4P
   1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D1213A-01LP4 DIODES-D1213A-01LP4 Datasheet
117Kb / 4P
   1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
logo
TECH PUBLIC Electronics...
TPCM1213A-01SO TECHPUBLIC-TPCM1213A-01SO Datasheet
1,010Kb / 4P
   1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
logo
Diodes Incorporated
D5V0F1U2LP DIODES-D5V0F1U2LP Datasheet
258Kb / 4P
   1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D1213A-01WS DIODES-D1213A-01WS Datasheet
129Kb / 4P
   1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D5V0F1U2LPQ DIODES-D5V0F1U2LPQ Datasheet
314Kb / 4P
   1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
October 2019 Rev. 1 - 2
D1213A-01SO DIODES-D1213A-01SO Datasheet
122Kb / 5P
   1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
DRTR5V0U1SO DIODES-DRTR5V0U1SO Datasheet
106Kb / 4P
   1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com