Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D1213A-01LP4-7B Datasheet(PDF) 2 Page - Diodes Incorporated

Part # D1213A-01LP4-7B
Description  1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D1213A-01LP4-7B Datasheet(HTML) 2 Page - Diodes Incorporated

  D1213A-01LP4-7B Datasheet HTML 1Page - Diodes Incorporated D1213A-01LP4-7B Datasheet HTML 2Page - Diodes Incorporated D1213A-01LP4-7B Datasheet HTML 3Page - Diodes Incorporated D1213A-01LP4-7B Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
D1213A-01LP4
Document number: DS35760 Rev. 5 - 2
2 of 4
www.diodes.com
August 2012
© Diodes Incorporated
D1213A-01LP4
Maximum Ratings (@T
A = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Conditions
Peak Pulse Current
IPP
5
A
8/20
μs, Per Figure 2
ESD Protection – Contact Discharge
VESD_Contact
±8
kV
Standard IEC 61000-4-2
ESD Protection – Air Discharge
VESD_Air
±15
kV
Standard IEC 61000-4-2
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Package Power Dissipation (Note 5)
PD
250
mW
Thermal Resistance, Junction to Ambient (Note 5)
RθJA
500
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics (@T
A = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Reverse working voltage
VRWM
3.3
V
Reverse current (Note 6)
IR
0.1
1.0
μA
VR = VRWM = 3.3V
Reverse breakdown voltage
VBR
6.0
V
IR = 1mA
Forward voltage
VF
0.6
0.8
0.95
V
IF = 8mA
Reverse clamping voltage, Positive Transients
VCL1
10.0
V
IPP = 1A, tp = 8/20μs
Reverse clamping voltage, Negative Transients
VCL2
-1.7
V
IPP = -1A, tp = 8/20μs
Dynamic resistance
RDYN
0.9
IR = 1A, tp = 8/20μs
Capacitance
CT
0.85
1.2
pF
VR = 1.65V, f = 1MHz
Notes:
5. Device mounted on FR-4 PCB pad layout (2oz copper) as shown on Diodes, Inc. suggested pad layout AP02001, which can be found on our website at
http://www.diodes.com.
6. Short duration pulse test used to minimize self-heating effect.
0
25
50
75
100
125
150
175
200
100
75
50
25
0
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Pulse Derating Curve
A
0
t, TIME ( s)
Fig. 2 Pulse Waveform
μ
20
40
60
100
50
0


Similar Part No. - D1213A-01LP4-7B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D1213A-01LP DIODES-D1213A-01LP Datasheet
190Kb / 4P
   1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D1213A-01LP DIODES-D1213A-01LP Datasheet
119Kb / 4P
   1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D1213A-01LP-7B DIODES-D1213A-01LP-7B Datasheet
190Kb / 4P
   1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D1213A-01LP-7B DIODES-D1213A-01LP-7B Datasheet
119Kb / 4P
   1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D1213A-01LPQ DIODES-D1213A-01LPQ Datasheet
213Kb / 5P
   1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
More results

Similar Description - D1213A-01LP4-7B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D1213A-01W DIODES-D1213A-01W Datasheet
139Kb / 5P
   1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D1213A-01LP DIODES-D1213A-01LP Datasheet
119Kb / 4P
   1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D1213A-01LPQ DIODES-D1213A-01LPQ Datasheet
213Kb / 5P
   1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D1213A-01LP-7B DIODES-D1213A-01LP-7B Datasheet
190Kb / 4P
   1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
logo
TECH PUBLIC Electronics...
TPCM1213A-01SO TECHPUBLIC-TPCM1213A-01SO Datasheet
1,010Kb / 4P
   1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
logo
Diodes Incorporated
D5V0F1U2LP DIODES-D5V0F1U2LP Datasheet
258Kb / 4P
   1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D1213A-01WS DIODES-D1213A-01WS Datasheet
129Kb / 4P
   1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D5V0F1U2LPQ DIODES-D5V0F1U2LPQ Datasheet
314Kb / 4P
   1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
October 2019 Rev. 1 - 2
D1213A-01SO DIODES-D1213A-01SO Datasheet
122Kb / 5P
   1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
DRTR5V0U1SO DIODES-DRTR5V0U1SO Datasheet
106Kb / 4P
   1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com