Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D1213A-01LP4-7B Datasheet(PDF) 1 Page - Diodes Incorporated

Part # D1213A-01LP4-7B
Description  1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D1213A-01LP4-7B Datasheet(HTML) 1 Page - Diodes Incorporated

  D1213A-01LP4-7B Datasheet HTML 1Page - Diodes Incorporated D1213A-01LP4-7B Datasheet HTML 2Page - Diodes Incorporated D1213A-01LP4-7B Datasheet HTML 3Page - Diodes Incorporated D1213A-01LP4-7B Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
D1213A-01LP4
Document number: DS35760 Rev. 5 - 2
1 of 4
www.diodes.com
August 2012
© Diodes Incorporated
D1213A-01LP4
1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Features
IEC 61000-4-2 (ESD): Air ±15kV, Contact ±8kV
1 Channel of ESD Protection
Low Channel Input Capacitance of 0.85pF Typical
Ultra-low Profile (0.4mm max) Leadless Surface Mount Package
Suitable for Compact Portable Electronics
Typically Used at High Speed Ports such as USB 2.0,
IEEE1394, Serial ATA, DVI, HDMI, PCI
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: X2-DFN1006-2
Case Material: Molded Plastic, "Green" Molding Compound. UL
Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: NiPdAu over Copper leadframe. Solderable per MIL-
STD-202, Method 208
Weight: 0.001 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
D1213A-01LP4-7B
X2-DFN1006-2
10,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
 
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Device Schematic
X2-DFN1006-2
Bottom View
U1 = Product Type Marking Code
Line Denotes Pin 1
Pin 1
Pin 2
U1
e4


Similar Part No. - D1213A-01LP4-7B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D1213A-01LP DIODES-D1213A-01LP Datasheet
190Kb / 4P
   1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D1213A-01LP DIODES-D1213A-01LP Datasheet
119Kb / 4P
   1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D1213A-01LP-7B DIODES-D1213A-01LP-7B Datasheet
190Kb / 4P
   1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D1213A-01LP-7B DIODES-D1213A-01LP-7B Datasheet
119Kb / 4P
   1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D1213A-01LPQ DIODES-D1213A-01LPQ Datasheet
213Kb / 5P
   1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
More results

Similar Description - D1213A-01LP4-7B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D1213A-01W DIODES-D1213A-01W Datasheet
139Kb / 5P
   1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D1213A-01LP DIODES-D1213A-01LP Datasheet
119Kb / 4P
   1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D1213A-01LPQ DIODES-D1213A-01LPQ Datasheet
213Kb / 5P
   1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D1213A-01LP-7B DIODES-D1213A-01LP-7B Datasheet
190Kb / 4P
   1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
logo
TECH PUBLIC Electronics...
TPCM1213A-01SO TECHPUBLIC-TPCM1213A-01SO Datasheet
1,010Kb / 4P
   1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
logo
Diodes Incorporated
D5V0F1U2LP DIODES-D5V0F1U2LP Datasheet
258Kb / 4P
   1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D1213A-01WS DIODES-D1213A-01WS Datasheet
129Kb / 4P
   1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D5V0F1U2LPQ DIODES-D5V0F1U2LPQ Datasheet
314Kb / 4P
   1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
October 2019 Rev. 1 - 2
D1213A-01SO DIODES-D1213A-01SO Datasheet
122Kb / 5P
   1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
DRTR5V0U1SO DIODES-DRTR5V0U1SO Datasheet
106Kb / 4P
   1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com