Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D14V0H1U2WS-7 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # D14V0H1U2WS-7
Description  1 CHANNEL UNIDIRECTIONAL TVS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D14V0H1U2WS-7 Datasheet(HTML) 4 Page - Diodes Incorporated

  D14V0H1U2WS-7 Datasheet HTML 1Page - Diodes Incorporated D14V0H1U2WS-7 Datasheet HTML 2Page - Diodes Incorporated D14V0H1U2WS-7 Datasheet HTML 3Page - Diodes Incorporated D14V0H1U2WS-7 Datasheet HTML 4Page - Diodes Incorporated D14V0H1U2WS-7 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
D14V0H1U2WS
Document number: DS37259 Rev. 2 - 2
4 of 5
www.diodes.com
September 2014
© Diodes Incorporated
D14V0H1U2WS
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
SOD323
Dim
Min
Max
A
0.25
0.35
B
1.20
1.40
C
2.30
2.70
H
1.60
1.80
J
0.00
0.10
K
1.0
1.1
L
0.20
0.40
M
0.10
0.15

All Dimensions in mm
Dimensions Value (in mm)
G
1.520
X
0.590
X1
2.700
Y
0.450
K
L
M
J
C
H
B
A
Y
X
X1
G


Similar Part No. - D14V0H1U2WS-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D14V0H1U2LP DIODES-D14V0H1U2LP Datasheet
294Kb / 5P
   14V UNI-DIRECTIONAL TVS DIODE
January 2019 Rev. 3 - 2
D14V0H1U2LP-7B DIODES-D14V0H1U2LP-7B Datasheet
294Kb / 5P
   14V UNI-DIRECTIONAL TVS DIODE
January 2019 Rev. 3 - 2
D14V0H1U2LP1610 DIODES-D14V0H1U2LP1610 Datasheet
304Kb / 5P
   1 CHANNEL HIGH SURGE TVS DIODE
D14V0H1U2LP1610-7 DIODES-D14V0H1U2LP1610-7 Datasheet
304Kb / 5P
   1 CHANNEL HIGH SURGE TVS DIODE
More results

Similar Description - D14V0H1U2WS-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D7V0H1U2LP DIODES-D7V0H1U2LP Datasheet
294Kb / 5P
   1 CHANNEL UNIDIRECTIONAL TVS
D5V0S1U2WS DIODES-D5V0S1U2WS Datasheet
320Kb / 4P
   1 CHANNEL UNIDIRECTIONAL TVS
December 2015
D12V0H1U2WSQ DIODES-D12V0H1U2WSQ Datasheet
349Kb / 5P
   1 CHANNEL UNIDIRECTIONAL TVS
August 2020 Rev. 1 - 2
D12V0HA1U2LPQ DIODES-D12V0HA1U2LPQ Datasheet
393Kb / 5P
   1 CHANNEL UNIDIRECTIONAL TVS
November 2022 Rev. 1 - 2
D6V3H1U2LP4 DIODES-D6V3H1U2LP4 Datasheet
194Kb / 5P
   1 CHANNEL UNIDIRECTIONAL TVS
October 2018 Rev. 1 - 2
D6V3M1U2LP3 DIODES-D6V3M1U2LP3 Datasheet
411Kb / 5P
   1 CHANNEL UNIDIRECTIONAL TVS
June 2021 Rev. 1 - 2
D6V3E1U2LP DIODES-D6V3E1U2LP Datasheet
194Kb / 5P
   1 CHANNEL UNIDIRECTIONAL TVS
D15V0H1U2LP DIODES-D15V0H1U2LP Datasheet
371Kb / 5P
   1 CHANNEL UNIDIRECTIONAL TVS
D12V0H1U2LP DIODES-D12V0H1U2LP Datasheet
306Kb / 5P
   1 CHANNEL UNIDIRECTIONAL TVS
D12V0H1U2WS DIODES-D12V0H1U2WS Datasheet
187Kb / 4P
   1 CHANNEL UNIDIRECTIONAL TVS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com