Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REF3040AIDBZT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # REF3040AIDBZT
Description  CMOS Voltage Reference
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3040AIDBZT Datasheet(HTML) 7 Page - Texas Instruments

Back Button REF3040AIDBZT Datasheet HTML 3Page - Texas Instruments REF3040AIDBZT Datasheet HTML 4Page - Texas Instruments REF3040AIDBZT Datasheet HTML 5Page - Texas Instruments REF3040AIDBZT Datasheet HTML 6Page - Texas Instruments REF3040AIDBZT Datasheet HTML 7Page - Texas Instruments REF3040AIDBZT Datasheet HTML 8Page - Texas Instruments REF3040AIDBZT Datasheet HTML 9Page - Texas Instruments REF3040AIDBZT Datasheet HTML 10Page - Texas Instruments REF3040AIDBZT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
6
5
4
3
2
1
0
Temperature (°C)
-40
-20
0
20
60
40
80
100
120
140
60
50
40
30
20
10
0
Temperature (°C)
-40
-20
0
20
60
40
80
100
120
140
2.502
2.500
2.498
2.496
2.494
2.492
2.490
-40
-20
0
20
60
40
80
100
120
140
Temperature (°C)
35
30
25
20
15
10
5
-40
-20
0
20
60
40
80
100
120
140
Temperature (°C)
50
45
40
35
30
25
20
15
10
5
0
5
10 15
20
25 30
40
35
45
50 55
65
60
Drift (ppm/°C)
100
90
80
70
60
50
40
30
20
10
0
5
10 15
20
25 30
40
35
45
50 55
65
60
Drift (ppm/°C)
REF3012, REF3020, REF3025, REF3030, REF3033, REF3040
www.ti.com
SBVS032G – MARCH 2002 – REVISED NOVEMBER 2015
7.6 Typical Characteristics
at TA = 25°C, VIN = 5 V, and REF3025 used for typical characteristics (unless otherwise noted)
0°C to 70°C
–40°C to +125°C
Figure 1. Temperature Drift
Figure 2. Temperature Drift
Figure 3. Output Voltage vs Temperature
Figure 4. Maximum Load Current vs Temperature
Figure 5. Load Regulation vs Temperature
Figure 6. Quiescent Current vs Temperature
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: REF3012 REF3020 REF3025 REF3030 REF3033 REF3040


Similar Part No. - REF3040AIDBZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF3040AIDBZT TI-REF3040AIDBZT Datasheet
309Kb / 13P
[Old version datasheet]   50ppm/C Max, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
logo
Burr-Brown (TI)
REF3040AIDBZT BURR-BROWN-REF3040AIDBZT Datasheet
412Kb / 14P
   50ppm/C Max, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
REF3040AIDBZTG4 BURR-BROWN-REF3040AIDBZTG4 Datasheet
412Kb / 14P
   50ppm/C Max, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
More results

Similar Description - REF3040AIDBZT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
REF3025TB-GT3 ONSEMI-REF3025TB-GT3 Datasheet
260Kb / 8P
   High Precision, Low Drift, CMOS Voltage Reference
April, 2011 ??Rev. 0
REF3012 ONSEMI-REF3012 Datasheet
260Kb / 8P
   High Precision Low Drift CMOS Voltage Reference
April, 2011 ??Rev. 0
logo
Silicon Supplies
LM4040C-1.2 SS-LM4040C-1.2 Datasheet
594Kb / 4P
   Voltage Reference
Rev 1.1 28/07/22
LM4040C-2.5 SS-LM4040C-2.5 Datasheet
595Kb / 4P
   Voltage Reference
Rev 1.1 29/07/22
LM4040C-10 SS-LM4040C-10 Datasheet
421Kb / 4P
   Voltage Reference
Rev 1.0 26/10/23
LM4040A-4.1 SS-LM4040A-4.1_V01 Datasheet
332Kb / 4P
   Voltage Reference
Rev 1.2 02/11/21
LM4040A-2.5 SS-LM4040A-2.5 Datasheet
441Kb / 4P
   Voltage Reference
LM4040A-1.2 SS-LM4040A-1.2_V01 Datasheet
594Kb / 4P
   Voltage Reference
Rev 1.1 28/07/22
LM4040A-4.1 SS-LM4040A-4.1_V02 Datasheet
595Kb / 4P
   Voltage Reference
Rev 1.3 28/07/22
LM4040A-10 SS-LM4040A-10 Datasheet
421Kb / 4P
   Voltage Reference
Rev 1.0 26/10/23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com