Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REF3040AIDBZR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # REF3040AIDBZR
Description  CMOS Voltage Reference
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3040AIDBZR Datasheet(HTML) 1 Page - Texas Instruments

  REF3040AIDBZR Datasheet HTML 1Page - Texas Instruments REF3040AIDBZR Datasheet HTML 2Page - Texas Instruments REF3040AIDBZR Datasheet HTML 3Page - Texas Instruments REF3040AIDBZR Datasheet HTML 4Page - Texas Instruments REF3040AIDBZR Datasheet HTML 5Page - Texas Instruments REF3040AIDBZR Datasheet HTML 6Page - Texas Instruments REF3040AIDBZR Datasheet HTML 7Page - Texas Instruments REF3040AIDBZR Datasheet HTML 8Page - Texas Instruments REF3040AIDBZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
350
300
250
200
150
100
50
0
0
5
10
15
20
25
30
Load Current (mA)
5
ADS7822
V
CC
CS
D
OUT
DCLOCK
V
REF
+In
–In
GND
+
+
1 F to 10 F
1 F to
10 F
3.3 V
0.1 F
V
IN
V+
V
S
Microcontroller
REF3033
GND
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
REF3012, REF3020, REF3025, REF3030, REF3033, REF3040
SBVS032G – MARCH 2002 – REVISED NOVEMBER 2015
REF30xx 50-ppm/°C Max, 50-
μA, CMOS Voltage Reference in SOT-23-3
1 Features
3 Description
The REF30xx is a precision, low-power, low dropout
1
microSize Package: SOT-23-3
voltage, reference family available in a tiny SOT-23-3
Low Dropout: 1 mV
package. The REF30xx offers excellent temperature
High Output Current: 25 mA
drift
and
initial
accuracy
while
operating
at
a
quiescent current of 42 µA (typ).
High Accuracy: 0.2%
Low IQ: 42 µA (typ)
The low power consumption and the relatively high
precision make the REF30xx very attractive for loop-
Excellent Specified Drift Performance:
powered industrial applications such as pressure and
50 ppm/°C (max) from 0°C to 70°C
temperature transmitter applications. The REF30xx is
75 ppm/°C (max) from –40°C to +125°C
easy to use in intrinsically safe and explosion-proof
applications because it does not require a load
2 Applications
capacitor to be stable. The REF30xx is specified over
the extended industrial temperature range of –40°C
Temperature and Pressure Transmitters
to +125°C.
Portable, Battery-powered Equipment
The REF30xx operates with supplies within 1 mV of
Data Acquisition Systems
output voltage under zero-load conditions. The low
Medical Equipment
dropout along with small size and low power
consumption make The REF30xx ideal for portable
Handheld Test Equipment
and battery-powered applications.
Device Information
PART NUMBER
PACKAGE
BODY SIZE (NOM)
REF30xx
SOT-23 (3)
2.92 mm × 1.30 mm
Typical Application
Dropout Voltage vs Load Current
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - REF3040AIDBZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF3040AIDBZR TI-REF3040AIDBZR Datasheet
309Kb / 13P
[Old version datasheet]   50ppm/C Max, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
logo
Burr-Brown (TI)
REF3040AIDBZR BURR-BROWN-REF3040AIDBZR Datasheet
412Kb / 14P
   50ppm/C Max, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
REF3040AIDBZRG4 BURR-BROWN-REF3040AIDBZRG4 Datasheet
412Kb / 14P
   50ppm/C Max, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
More results

Similar Description - REF3040AIDBZR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
REF3025TB-GT3 ONSEMI-REF3025TB-GT3 Datasheet
260Kb / 8P
   High Precision, Low Drift, CMOS Voltage Reference
April, 2011 ??Rev. 0
REF3012 ONSEMI-REF3012 Datasheet
260Kb / 8P
   High Precision Low Drift CMOS Voltage Reference
April, 2011 ??Rev. 0
logo
Silicon Supplies
LM4040C-1.2 SS-LM4040C-1.2 Datasheet
594Kb / 4P
   Voltage Reference
Rev 1.1 28/07/22
LM4040C-2.5 SS-LM4040C-2.5 Datasheet
595Kb / 4P
   Voltage Reference
Rev 1.1 29/07/22
LM4040C-10 SS-LM4040C-10 Datasheet
421Kb / 4P
   Voltage Reference
Rev 1.0 26/10/23
LM4040A-4.1 SS-LM4040A-4.1_V01 Datasheet
332Kb / 4P
   Voltage Reference
Rev 1.2 02/11/21
LM4040A-2.5 SS-LM4040A-2.5 Datasheet
441Kb / 4P
   Voltage Reference
LM4040A-1.2 SS-LM4040A-1.2_V01 Datasheet
594Kb / 4P
   Voltage Reference
Rev 1.1 28/07/22
LM4040A-4.1 SS-LM4040A-4.1_V02 Datasheet
595Kb / 4P
   Voltage Reference
Rev 1.3 28/07/22
LM4040A-10 SS-LM4040A-10 Datasheet
421Kb / 4P
   Voltage Reference
Rev 1.0 26/10/23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com