Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REF1941AIDDCR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # REF1941AIDDCR
Description  Voltage References
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF1941AIDDCR Datasheet(HTML) 9 Page - Texas Instruments

Back Button REF1941AIDDCR Datasheet HTML 5Page - Texas Instruments REF1941AIDDCR Datasheet HTML 6Page - Texas Instruments REF1941AIDDCR Datasheet HTML 7Page - Texas Instruments REF1941AIDDCR Datasheet HTML 8Page - Texas Instruments REF1941AIDDCR Datasheet HTML 9Page - Texas Instruments REF1941AIDDCR Datasheet HTML 10Page - Texas Instruments REF1941AIDDCR Datasheet HTML 11Page - Texas Instruments REF1941AIDDCR Datasheet HTML 12Page - Texas Instruments REF1941AIDDCR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
0
100
200
300
400
±30
±20
±10
0
10
20
30
Load Current (mA)
C005
25°C
±40°C
125°C
Time (500 µs/div)
C036
40 mA/div
+20 mA
-20 mA
+20 mA
+20 mA
+20 mA
40 mV/div
V
REF
20 mV/div
Time (500 µs/div)
C037
+1 mA
+1 mA
- 1 mA
2 mA/div
V
REF
Time (500 µs/div)
C031
V
REF
40 mA/div
-20 mA
+20 mA
+20 mA
40 mV/div
Time (500 µs/div)
C006
500 mV/div
40 mV/div
V
IN - 0.25V
V
IN + 0.25V
V
IN + 0.25 V
V
REF
Time (500 µs/div)
C032
+1 mA
+1 mA
- 1 mA
2 mA/div
20 mV/div
V
REF
REF1925, REF1930, REF1933, REF1941
www.ti.com
SBOS697 – SEPTEMBER 2014
Typical Characteristics (continued)
At TA = 25°C, IL = 0 mA, VIN = 5-V power supply, CL = 0 µF, and 2.5-V output, unless otherwise noted.
CL = 10 µF
CL = 1 µF
IL = ±1-mA step
Figure 19. Line Transient Response
Figure 20. Load Transient Response
CL = 10 µF
IL = ±1-mA step
CL = 1 µF
IL = ±20-mA step
Figure 21. Load Transient Response
Figure 22. Load Transient Response
CL = 10 µF
IL = ±20-mA step
Figure 23. Load Transient Response
Figure 24. Minimum Dropout Voltage vs Load Current
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: REF1925 REF1930 REF1933 REF1941


Similar Part No. - REF1941AIDDCR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
REF194 AD-REF194 Datasheet
616Kb / 24P
   Precision Micropower, Low Dropout Voltage References
REV. E
REF194 AD-REF194 Datasheet
649Kb / 28P
   Precision Micropower, Low Dropout Voltage References
Rev. I
REF194ES AD-REF194ES Datasheet
649Kb / 28P
   Precision Micropower, Low Dropout Voltage References
Rev. I
REF194ES-REEL AD-REF194ES-REEL Datasheet
649Kb / 28P
   Precision Micropower, Low Dropout Voltage References
Rev. I
REF194ESZ AD-REF194ESZ Datasheet
649Kb / 28P
   Precision Micropower, Low Dropout Voltage References
Rev. I
More results

Similar Description - REF1941AIDDCR

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS04 ADMOS-AMS04 Datasheet
40Kb / 4P
   VOLTAGE REFERENCES
logo
Texas Instruments
REF2025 TI1-REF2025 Datasheet
2Mb / 32P
[Old version datasheet]   Voltage References
logo
Linear Technology
REF-02 LINER-REF-02_15 Datasheet
125Kb / 8P
   Precision Voltage References
logo
STMicroelectronics
LM236Z STMICROELECTRONICS-LM236Z Datasheet
417Kb / 9P
   2.5V VOLTAGE REFERENCES
logo
Texas Instruments
LM285-2-5 TI-LM285-2-5 Datasheet
669Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM368-10 TI1-LM368-10 Datasheet
399Kb / 10P
[Old version datasheet]   Precision Voltage References
logo
Linear Technology
REF-01 LINER-REF-01_15 Datasheet
125Kb / 8P
   Precision Voltage References
logo
STMicroelectronics
LM236 STMICROELECTRONICS-LM236_07 Datasheet
426Kb / 15P
   2.5V voltage references
logo
Linear Technology
REF-01 LINER-REF-01 Datasheet
100Kb / 8P
   Precision Voltage References
logo
Texas Instruments
LM285-2.5 TI1-LM285-2.5_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com