Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC-17K4 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # PC-17K4
Description  Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

PC-17K4 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  PC-17K4 Datasheet HTML 1Page - KODENSHI_AUK CORP. PC-17K4 Datasheet HTML 2Page - KODENSHI_AUK CORP. PC-17K4 Datasheet HTML 3Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Photocoupler
The PC-17K1 has one channel in a 4-pin DIP package
The PC-17K2 has two channels in a 8-pin DIP package
The PC-17K4 has four channels in a 16-pin DIP package
FEATURES
Small Package Size
Collector-Emitter Voltage : Min.35V
Current Transfer Ratio : Min.50% (at IF=5mA, VCE=5V)
Electrical Isolation Voltage : AC5000Vrms
UL Recognized File No. E107486
APPLICATIONS
Interface between two circuits of different potential
Programmable Logic Control
Power Supply
Computer Terminals
PC-17K1 • PC-17K2 • PC-17K4
These Photocouplers consist of a Gallium Arsenide Infrared Emitting
Diode and a Silicon NPN Phototransistor per a channel
Creepage/Clearance between Input and Output : Min. 7.0mm
Vending Machine, Cordless Phone, Key Phone, Fax, Motor Control
1/3
DIMENSION
(Unit : mm)
PC-17K1
PC-17K2
PC-17K4
0.25
0 ~15
Orientation Mark
0.5
1.2
2.54 0.25
6.5
7.62
0.25
4.6 0.25
3
4
2
1
0 ~15
0.25
2.54 0.25
1.2
0.5
6.5
7.62 0.25
9.7 0.25
1
4
3
2
7
5
6
8
Orientation Mark
7.62 0.25
19.8
0.25
0.5
1.2
2.54
0.25
0 ~15
0.25
6.5
8
7
5
6
2
3
4
10
12
16
14
9
11
13
15
1
Orientation Mark


Similar Part No. - PC-17K4

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
PC-17K1C KODENSHI-PC-17K1C Datasheet
218Kb / 3P
   Photocoupler(Photocoupler consists of a Gallium Arsenide Infrared Emitting)
More results

Similar Description - PC-17K4

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
K4N26 KODENSHI-K4N26 Datasheet
699Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K4N27 KODENSHI-K4N27 Datasheet
203Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K4N38 KODENSHI-K4N38 Datasheet
191Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K3610 KODENSHI-K3610 Datasheet
193Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
PC-17L1 KODENSHI-PC-17L1 Datasheet
288Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K4N25 KODENSHI-K4N25 Datasheet
256Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K4N35 KODENSHI-K4N35 Datasheet
157Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K301 KODENSHI-K301 Datasheet
203Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K4N28 KODENSHI-K4N28 Datasheet
224Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K101 KODENSHI-K101 Datasheet
257Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com