Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4120AIM5-2.0 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM4120AIM5-2.0
Description  Precision Micropower Low Dropout Voltage Reference
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4120AIM5-2.0 Datasheet(HTML) 5 Page - Texas Instruments

  LM4120AIM5-2.0 Datasheet HTML 1Page - Texas Instruments LM4120AIM5-2.0 Datasheet HTML 2Page - Texas Instruments LM4120AIM5-2.0 Datasheet HTML 3Page - Texas Instruments LM4120AIM5-2.0 Datasheet HTML 4Page - Texas Instruments LM4120AIM5-2.0 Datasheet HTML 5Page - Texas Instruments LM4120AIM5-2.0 Datasheet HTML 6Page - Texas Instruments LM4120AIM5-2.0 Datasheet HTML 7Page - Texas Instruments LM4120AIM5-2.0 Datasheet HTML 8Page - Texas Instruments LM4120AIM5-2.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LM4120
www.ti.com
SNVS049D – FEBRUARY 2000 – REVISED JULY 2015
Electrical Characteristics (continued)
unless otherwise specified, VIN = 3.3 V, ILOAD = 0, COUT = 0.01 µF, TA = Tj = 25°C.
PARAMETER
TEST CONDITIONS
MIN (1)
TYP (2)
MAX (1)
UNIT
0.1 Hz to 10 Hz
20
VN
Output(4)
µVPP
10 Hz to 10 kHz
36
160
250
IS
Supply current
µA
–40°C
≤ TA ≤ 85°C
275
Enable = 0.4 V
1
Power-down supply
ISS
–40°C
≤ TJ ≤ 85°C
µA
–40°C
≤ TA ≤ 85°C
current
2
Enable = 0.2 V
2.4
VH
Logic high input voltage
V
–40°C
≤ TA ≤ 85°C
2.4
0.4
VL
Logic low input voltage
V
–40°C
≤ TA ≤ 85°C
0.2
7
IH
Logic high input current
µA
–40°C
≤ TA ≤ 85°C
15
IL
Logic low input current
0.1
µA
15
VIN = 3.3 V, VOUT = 0
–40°C
≤ TA ≤ 85°C
6
30
ISC
Short circuit current
mA
17
VIN = 12 V, VOUT = 0
–40°C
≤ TA ≤ 85°C
6
30
Hyst
Thermal hysteresis (5)
–40°C
≤ TA ≤ 125°C
0.5
mV/V
ΔVOUT
Long term stability (6)
1000 hrs @ 25°C
100
ppm
3 V, 3.3 V, 4.096 V, AND 5 V
Output voltage initial
accuracy
LM4120A-3.000
±0.2%
LM4120A-3.300
LM4120A-4.096
VOUT
LM4120A-5.000
LM4120-3.000
LM4120-3.300
±0.5%
LM4120-4.096
LM4120-5.000
TCVOUT/°C
Temperature coefficient
–40°C
≤ TA ≤ 125°C
14
50
ppm/°c
0.0007
0.008
ΔVOUT/ΔVIN
Line regulation
(VOUT + 1 V) ≤ VIN ≤ 12 V
%/V
–40°C
≤ TA ≤ 85°C
0.01
0.03
0.08
0 mA
≤ ILOAD ≤ 1 mA
–40°C
≤ TA ≤ 85°C
0.17
0.01
0.04
ΔVOUT/ΔILOAD
Load regulation
1 mA
≤ ILOAD ≤ 5 mA
%/mA
–40°C
≤ TA ≤ 85°C
0.1
–1 mA
≤ ILOAD ≤ 0 mA
0.04
0.12
–5 mA
≤ ILOAD ≤ –1 mA
0.01
45
65
ILOAD = 0 mA
–40°C
≤ TA ≤ 85°C
80
120
150
VIN−VOUT
Dropout voltage (3)
ILOAD = 1 mA
mV
–40°C
≤ TA ≤ 85°C
180
180
210
ILOAD = 5 mA
–40°C
≤ TA ≤ 85°C
250
(4)
Output noise voltage is proportional to VOUT. VN for other voltage option is calculated using (VN(1.8 V) / 1.8) × VOUT.
VN (2.5 V) = (36 μVPP / 1.8) × 2.5 = 46 μVPP.
(5)
Thermal hysteresis is defined as the change in 25°C output voltage before and after exposing the device to temperature extremes.
(6)
Long term stability is change in VREF at 25°C measured continuously during 1000 hours.
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM4120


Similar Part No. - LM4120AIM5-2.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4120AIM5-2.0 NSC-LM4120AIM5-2.0 Datasheet
289Kb / 11P
   Precision Micropower Low Dropout Voltage Reference
LM4120AIM5-2.0 NSC-LM4120AIM5-2.0 Datasheet
721Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
More results

Similar Description - LM4120AIM5-2.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4121 NSC-LM4121 Datasheet
436Kb / 16P
   Precision Micropower Low Dropout Voltage Reference
LM4130 NSC-LM4130 Datasheet
264Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4125 TI-LM4125_15 Datasheet
988Kb / 18P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4125 NSC-LM4125 Datasheet
300Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
LM4120 NSC-LM4120_05 Datasheet
721Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
LM4120 NSC-LM4120 Datasheet
289Kb / 11P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4120 TI-LM4120_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM4120 Precision Micropower Low Dropout Voltage Reference
LM4121 TI-LM4121_15 Datasheet
1Mb / 22P
[Old version datasheet]   LM4121 Precision Micropower Low Dropout Voltage Reference
logo
Maxim Integrated Produc...
MAX6034 MAXIM-MAX6034 Datasheet
322Kb / 13P
   Precision, Micropower, Low-Dropout, SC70 Series Voltage Reference
Rev 0; 4/02
logo
Linear Technology
LT1461 LINER-LT1461_15 Datasheet
1Mb / 18P
   Micropower Precision Low Dropout Series Voltage Reference Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com