Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC-17K2 Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # PC-17K2
Description  Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

PC-17K2 Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  PC-17K2 Datasheet HTML 1Page - KODENSHI_AUK CORP. PC-17K2 Datasheet HTML 2Page - KODENSHI_AUK CORP. PC-17K2 Datasheet HTML 3Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Photocoupler
MAXIMUM RATINGS
(Ta=25℃)
*1. Input current with 100㎲ pulse width, 1% duty cycle
*2. Measured at RH=40~60% for 1min
*3. 1/16 inch form case for 10sec
*4. Customer Option
ELECTRO-OPTICAL CHARACTERISTICS
(Ta=25℃, unless otherwise noted)
IF=10mA
VR=5V
V=0, f=1MHz
IC=0.5mA
IE=0.1mA
IF=0, VCE=24V
VCE=0, f=1MHz
IF=5mA, VCE=5V
IF=5mA, IC=1mA
V=0, f=1MHz
VCE=5V, RL=100Ω
IC=2mA
*5. CTR=(IC/IF) X 100 (%)
Parameter
Symbol
Rating
Unit
Input
Forward Current
IF
Reverse Voltage
VR
Peak Forward Current*1
IFP
Power Dissipation
PD
50
mA
5
V
1
A
70
mW
Output
Collector-Emitter Breakdown Voltage
BVCEO
35 *4
Emitter-Collector Breakdown Voltage
BVECO
6
Collector Current
IC
50
V
V
mA
Collector Power Dissipation
PC
150
mW
Input to Output Isolation Voltage*2
Viso
AC5000
Vrms
Storage Temperature
Tstg
-55~+125
Operating Temperature
Topr
-30~+100
Total Power Dissipation
Ptot
200
mW
Collector Dark Current
Input-Output Isolation Resistance
Input-Output Capacitance
Capacitance
Current Transfer Ratio*5
Collector-Emitter Saturation Voltage
Input
Output
Forward Voltage
Capacitance
Reverse Current
Collector-Emitter Breakdown Voltage
Emitter-Collector Breakdown Voltage
600
-
-
tr
-
RIO
0.15
1
1011
CIO
V
V
nA
-
pF
%
V
pF
-
pF
Symbol
VF
IR
Max.
1.30
10
-
-
-
100
-
Unit.
-
-
0.4
-
-
4
-
-
Typ.
1.15
V
PC-17K1 • PC-17K2 • PC-17K4
Parameter
Lead Soldering Temperature*3
Tsol
260
-
Min.
-
-
35
6
-
30
50
4
-
-
-
10
-
tf
CT
BVCEO
CTR
VCE(SAT)
BVECO
ICEO
CCE
RH=40~60%, V=500V
Coupled
Rise Time
Fall Time
Condition
2/3


Similar Part No. - PC-17K2

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
PC-17K1C KODENSHI-PC-17K1C Datasheet
218Kb / 3P
   Photocoupler(Photocoupler consists of a Gallium Arsenide Infrared Emitting)
More results

Similar Description - PC-17K2

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
K4N26 KODENSHI-K4N26 Datasheet
699Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K4N27 KODENSHI-K4N27 Datasheet
203Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K4N38 KODENSHI-K4N38 Datasheet
191Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K3610 KODENSHI-K3610 Datasheet
193Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
PC-17L1 KODENSHI-PC-17L1 Datasheet
288Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K4N25 KODENSHI-K4N25 Datasheet
256Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K4N35 KODENSHI-K4N35 Datasheet
157Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K301 KODENSHI-K301 Datasheet
203Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K4N28 KODENSHI-K4N28 Datasheet
224Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K101 KODENSHI-K101 Datasheet
257Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com