Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4040AIM3-2.5 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # LM4040AIM3-2.5
Description  Precision Micropower Shunt Voltage Reference
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4040AIM3-2.5 Datasheet(HTML) 25 Page - Texas Instruments

Back Button LM4040AIM3-2.5 Datasheet HTML 21Page - Texas Instruments LM4040AIM3-2.5 Datasheet HTML 22Page - Texas Instruments LM4040AIM3-2.5 Datasheet HTML 23Page - Texas Instruments LM4040AIM3-2.5 Datasheet HTML 24Page - Texas Instruments LM4040AIM3-2.5 Datasheet HTML 25Page - Texas Instruments LM4040AIM3-2.5 Datasheet HTML 26Page - Texas Instruments LM4040AIM3-2.5 Datasheet HTML 27Page - Texas Instruments LM4040AIM3-2.5 Datasheet HTML 28Page - Texas Instruments LM4040AIM3-2.5 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 67 page
background image
LM4040-N, LM4040-N-Q1
www.ti.com
SNOS633J – OCTOBER 2000 – REVISED AUGUST 2015
Electrical Characteristics: 5-V LM4040-N VR Tolerance Grades 'C' And 'D'; Temperature Grade
'I' (continued)
all other limits TA = TJ = 25°C. The grades C and D designate initial Reverse Breakdown Voltage tolerances of ±0.5% and
±1%, respectively.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
LM4040CIM3
TA = TJ = 25°C
54
74
LM4040CIZ
TA = TJ = TMIN to TMAX
80
LM4040CIM7
Minimum Operating
IRMIN
μA
Current
LM4040DIM3
TA = TJ = 25°C
54
79
LM4040DIZ
TA = TJ = TMIN to TMAX
85
LM4040DIM7
IR = 10 mA
±30
LM4040CIM3
TA = TJ = 25°C
±20
LM4040CIZ
Average Reverse
TA = TJ = TMIN to TMAX
±100
LM4040CIM7
ΔVR/Δ Breakdown Voltage
IR = 1 mA
ppm/°C
T
Temperature
LM4040DIM3
TA = TJ = 25°C
±20
Coefficient(3)
LM4040DIZ
TA = TJ = TMIN to TMAX
±150
LM4040DIM7
IR = 100 μA
±20
LM4040CIM3
TA = TJ = 25°C
0.5
1
LM4040CIZ
TA = TJ = TMIN to TMAX
1.4
LM4040CIM7
IRMIN ≤ IR ≤ 1 mA
LM4040DIM3
TA = TJ = 25°C
0.5
1.3
LM4040DIZ
Reverse Breakdown
TA = TJ = TMIN to TMAX
1.8
LM4040DIM7
ΔVR/Δ Voltage Change with
mV
IR
Operating Current
LM4040CIM3
TA = TJ = 25°C
3.5
8
Change(4)
LM4040CIZ
TA = TJ = TMIN to TMAX
12
LM4040CIM7
1 mA
≤ IR ≤ 15 mA
LM4040DIM3
TA = TJ = 25°C
3.5
10
LM4040DIZ
TA = TJ = TMIN to TMAX
15
LM4040DIM7
TA = TJ = 25°C
0.5
1.1
Reverse Dynamic
IR = 1 mA, f = 120 Hz,
ZR
Ω
Impedance
IAC = 0.1 IR
TA = TJ = TMIN to TMAX
1.5
IR = 100 μA
eN
Wideband Noise
80
μVrms
10 Hz
≤ f ≤ 10 kHz
Reverse Breakdown
t = 1000 hrs
ΔVR
Voltage Long Term
T = 25°C ±0.1°C
120
ppm
Stability
IR = 100 μA
VHYST Thermal Hysteresis
(5)
ΔT = −40°C to 125°C
0.08%
(4)
Load regulation is measured on pulse basis from no load to the specified load current. Output changes due to die temperature change
must be taken into account separately.
(5)
Thermal hysteresis is defined as the difference in voltage measured at +25°C after cycling to temperature -40°C and the 25°C
measurement after cycling to temperature 125°C.
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: LM4040-N LM4040-N-Q1


Similar Part No. - LM4040AIM3-2.5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4040AIM3-2.5 NSC-LM4040AIM3-2.5 Datasheet
365Kb / 30P
   Precision Micropower Shunt Voltage Reference
logo
Micrel Semiconductor
LM4040AIM3-2.5 MICREL-LM4040AIM3-2.5 Datasheet
106Kb / 16P
   Precision Micropower Shunt Voltage Reference
logo
National Semiconductor ...
LM4040AIM3-2.5 NSC-LM4040AIM3-2.5 Datasheet
745Kb / 31P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040AIM3-2.5 TI1-LM4040AIM3-2.5 Datasheet
1Mb / 52P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040AIM3-2.5 TI-LM4040AIM3-2.5 Datasheet
1Mb / 52P
[Old version datasheet]   Small Packages: SOT-23, TO-92 and SC70
More results

Similar Description - LM4040AIM3-2.5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com