Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4040AIM3-2.5 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM4040AIM3-2.5
Description  Precision Micropower Shunt Voltage Reference
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4040AIM3-2.5 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM4040AIM3-2.5 Datasheet HTML 17Page - Texas Instruments LM4040AIM3-2.5 Datasheet HTML 18Page - Texas Instruments LM4040AIM3-2.5 Datasheet HTML 19Page - Texas Instruments LM4040AIM3-2.5 Datasheet HTML 20Page - Texas Instruments LM4040AIM3-2.5 Datasheet HTML 21Page - Texas Instruments LM4040AIM3-2.5 Datasheet HTML 22Page - Texas Instruments LM4040AIM3-2.5 Datasheet HTML 23Page - Texas Instruments LM4040AIM3-2.5 Datasheet HTML 24Page - Texas Instruments LM4040AIM3-2.5 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 67 page
background image
LM4040-N, LM4040-N-Q1
www.ti.com
SNOS633J – OCTOBER 2000 – REVISED AUGUST 2015
Electrical Characteristics: 3-V LM4040-N VR Tolerance Grades 'C', 'D', And 'E'; Temperature
Grade 'E' (continued)
all other limits TA = TJ = 25°C. The grades C, D and E designate initial Reverse Breakdown Voltage tolerances of ±0.5%, ±1%
and ±2%, respectively.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
LM4040CEM3
0.4
0.9
IR = 1 mA, f = 120
Reverse Dynamic
ZR
Hz,
LM4040DEM3
0.4
1.2
Ω
Impedance
IAC = 0.1 IR
LM4040EEM3
0.4
1.2
IR = 100 μA
eN
Wideband Noise
35
μVrms
10 Hz
≤ f ≤ 10 kHz
Reverse Breakdown
t = 1000 hrs
ΔVR
Voltage Long Term
T = 25°C ±0.1°C
120
ppm
Stability
IR = 100 μA
Thermal
VHYST
ΔT = −40°C to 125°C
0.08%
Hysteresis(5)
(5)
Thermal hysteresis is defined as the difference in voltage measured at +25°C after cycling to temperature -40°C and the 25°C
measurement after cycling to temperature 125°C.
6.14 Electrical Characteristics: 4.1-V LM4040-N VR Tolerance Grades 'A' And 'B'; Temperature
Grade 'I'
all other limits TA = TJ = 25°C. The grades A and B designate initial Reverse Breakdown Voltage tolerances of ±0.1% and
±0.2%, respectively.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
Reverse Breakdown
IR = 100 μA
4.096
V
Voltage
TA = TJ = 25°C
±4.1
LM4040AIM3
VR
LM4040AIZ
TA = TJ = TMIN to TMAX
±31
Reverse Breakdown
IR = 100 μA
mV
Voltage Tolerance(3)
LM4040BIM3
TA = TJ = 25°C
±8.2
LM4040BIZ
TA = TJ = TMIN to TMAX
±35
LM4040BIM7
TA = TJ = 25°C
50
68
Minimum Operating
IRMIN
μA
Current
TA = TJ = TMIN to TMAX
73
IR = 10 mA
±30
Average Reverse
TA = TJ = 25°C
±20
Breakdown Voltage
ΔVR/ΔT
IR = 1 mA
ppm/°C
Temperature
TA = TJ = TMIN to TMAX
±100
Coefficient(3)
IR = 100 μA
±20
TA = TJ = 25°C
0.5
0.9
IRMIN ≤ IR ≤ 1 mA
Reverse Breakdown
TA = TJ = TMIN to TMAX
1.2
ΔVR/ΔI
Voltage Change with
mV
R
Operating Current
TA = TJ = 25°C
3
7
Change(4)
1 mA
≤ IR ≤ 15 mA
TA = TJ = TMIN to TMAX
10
(1)
Limits are 100% production tested at 25°C. Limits over temperature are ensured through correlation using Statistical Quality Control
(SQC) methods. The limits are used to calculate AOQL.
(2)
Typicals are at TJ = 25°C and represent most likely parametric norm.
(3)
The (overtemperature) limit for Reverse Breakdown Voltage Tolerance is defined as the room temperature Reverse Breakdown Voltage
Tolerance ±[(
ΔVR/ΔT)(maxΔT)(VR)]. Where, ΔVR/ΔT is the VR temperature coefficient, maxΔT is the maximum difference in temperature
from the reference point of 25°C to T MIN or TMAX, and VR is the reverse breakdown voltage. The total overtemperature tolerance for the
different grades in the industrial temperature range where max
ΔT = 65°C is shown below:
A-grade: ±0.75% = ±0.1% ±100 ppm/°C × 65°C
B-grade: ±0.85% = ±0.2% ±100 ppm/°C × 65°C
C-grade: ±1.15% = ±0.5% ±100 ppm/°C × 65°C
D-grade: ±1.98% = ±1.0% ±150 ppm/°C × 65°C
E-grade: ±2.98% = ±2.0% ±150 ppm/°C × 65°C
The total overtemperature tolerance for the different grades in the extended temperature range where max
ΔT = 100 °C is shown below:
C-grade: ±1.5% = ±0.5% ±100 ppm/°C × 100°C
D-grade: ±2.5% = ±1.0% ±150 ppm/°C × 100°C
E-grade: ±3.5% = ±2.0% ±150 ppm/°C × 100°C
Therefore, as an example, the A-grade 2.5-V LM4040-N has an overtemperature Reverse Breakdown Voltage tolerance of ±2.5V ×
0.75% = ±19 mV.
(4)
Load regulation is measured on pulse basis from no load to the specified load current. Output changes due to die temperature change
must be taken into account separately.
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM4040-N LM4040-N-Q1


Similar Part No. - LM4040AIM3-2.5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4040AIM3-2.5 NSC-LM4040AIM3-2.5 Datasheet
365Kb / 30P
   Precision Micropower Shunt Voltage Reference
logo
Micrel Semiconductor
LM4040AIM3-2.5 MICREL-LM4040AIM3-2.5 Datasheet
106Kb / 16P
   Precision Micropower Shunt Voltage Reference
logo
National Semiconductor ...
LM4040AIM3-2.5 NSC-LM4040AIM3-2.5 Datasheet
745Kb / 31P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040AIM3-2.5 TI1-LM4040AIM3-2.5 Datasheet
1Mb / 52P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040AIM3-2.5 TI-LM4040AIM3-2.5 Datasheet
1Mb / 52P
[Old version datasheet]   Small Packages: SOT-23, TO-92 and SC70
More results

Similar Description - LM4040AIM3-2.5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com